Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA685 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA685
Description  Quad, Low-Power, Current-Feedback OPERATIONAL AMPLIFIER
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA685 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA685 Datasheet HTML 1Page - Burr-Brown (TI) OPA685 Datasheet HTML 2Page - Burr-Brown (TI) OPA685 Datasheet HTML 3Page - Burr-Brown (TI) OPA685 Datasheet HTML 4Page - Burr-Brown (TI) OPA685 Datasheet HTML 5Page - Burr-Brown (TI) OPA685 Datasheet HTML 6Page - Burr-Brown (TI) OPA685 Datasheet HTML 7Page - Burr-Brown (TI) OPA685 Datasheet HTML 8Page - Burr-Brown (TI) OPA685 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
OPA4684
3
SBOS240B
www.ti.com
AC PERFORMANCE (See Figure 1)
Small-Signal Bandwidth (VO = 0.5Vp-p)
G = +1, RF = 800Ω
250
MHz
typ
C
G = +2, RF = 800Ω
170
120
118
117
MHz
min
B
G = +5, RF = 800Ω
138
MHz
typ
C
G = +10, RF = 800Ω
120
MHz
typ
C
G = +20, RF = 800Ω
95
MHz
typ
C
Bandwidth for 0.1dB Gain Flatness
G = +2, VO = 0.5Vp-p, RF = 800Ω
19
16
14
14
MHz
min
B
Peaking at a Gain of +1
RF = 800Ω, VO = 0.5Vp-p
1.4
4.8
5.9
6.3
dB
max
B
Large-Signal Bandwidth
G = +2, VO = 4Vp-p
90
MHz
typ
C
Slew Rate
G = –1, VO = 4V Step
780
675
650
575
V/
µsmin
B
G = +2, VO = 4V Step
750
680
660
650
V/
µsmin
B
Rise-and-Fall Time
G = +2, VO = 0.5V Step
3
ns
typ
C
G = +2, VO = 4VStep
6.8
ns
typ
C
Harmonic Distortion
G = +2, f = 5MHz, VO = 2Vp-p
2nd-Harmonic
RL = 100Ω
–67
–59
–59
–58
dBc
max
B
RL ≥ 1kΩ
–82
–66
–65
–65
dBc
max
B
3rd-Harmonic
RL = 100Ω
–70
–66
–65
–65
dBc
max
B
RL ≥ 1kΩ
–84
–82
–81
–81
dBc
max
B
Input Voltage Noise
f > 1MHz
3.7
4.1
4.2
4.4
nV/
√Hz
max
B
Noninverting Input Current Noise
f > 1MHz
9.4
11
12
12.5
pA/
√Hz
max
B
Inverting Input Current Noise
f > 1MHz
17
18
18.5
19
pA/
√Hz
max
B
Differential Gain
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.04
%
typ
C
Differential Phase
G = +2, NTSC, VO = 1.4Vp, RL = 150Ω
0.02
deg
typ
C
All Hostile Crosstalk, Input Referred
3 Channels Driven at 5MHz, 1Vp-p
–52
dB
typ
C
4th Channel Measured
DC PERFORMANCE(4)
Open-Loop Transimpedance Gain (ZOL)
VO = 0V, RL = 1kΩ
355
160
155
153
k
min
A
Input Offset Voltage
VCM = 0V
±1.5
±4.0
±4.6
±4.8
mV
max
A
Average Offset Voltage Drift
VCM = 0V
±12
±12
µV/°Cmax
B
Noninverting Input Bias Current
VCM = 0V
±5.0
±13
±14.5
±15
µAmax
A
Average Noninverting Input Bias Current Drift
VCM = 0V
±25
±30
nA/
°Cmax
B
Inverting Input Bias Current
VCM = 0V
±5.0
±17
±18.5
±19.5
µAmax
A
Average Inverting Input Bias Current Drift
VCM = 0V
±35
±40
nA
°/C
max
B
INPUT
Common-Mode Input Range(5) (CMIR)
±3.75
±3.65
±3.65
±3.6
V
min
A
Common-Mode Rejection Ratio (CMRR)
VCM = 0V
60
53
52
52
dB
min
A
Noninverting Input Impedance
50 || 2
k
Ω || pF
typ
C
Inverting Input Resistance (RI)
Open-Loop, DC
4.0
typ
C
OUTPUT
Voltage Output Swing
1k
Ω Load
±4.1
±3.9
±3.9
±3.8
V
min
A
Current Output, Sourcing
VO = 0
160
120
115
110
mA
min
A
Current Output, Sinking
VO = 0
–120
–100
–95
–90
mA
min
A
Closed-Loop Output Impedance
G = +2, f = 100kHz
0.006
typ
C
POWER SUPPLY
Specified Operating Voltage
±5
V
typ
C
Maximum Operating Voltage Range
±6
±6
±6V
max
A
Max Quiescent Current
VS = ±5V
6.8
7.2
7.6
7.8
mA
max
A
Min Quiescent Current
VS = ±5V
6.8
6.4
6.2
5.8
mA
min
A
Power-Supply Rejection Ratio (–PSRR)
Input Referred
60
54
53
53
dB
typ
A
TEMPERATURE RANGE
Specification: ID, IPW
–40 to +85
°C
typ
C
Thermal Resistance,
θ
JA
Junction-to-Ambient
D
SO-14
100
°C/W
typ
C
PW
TSSOP-14
110
°C/W
typ
C
NOTES: (1) Junction temperature = ambient for 25
°C tested specifications. (2) Junction temperature = ambient at low temperature limit, junction temperature = ambient
+7
°C at high temperature limit for over temperature tested specifications. (3) Test levels: (A) 100% tested at 25°C. Over temperature limits by characterization and
simulation. (B) Limits set by characterization and simulation. (C) Typical value only for information. (4) Current is considered positive out-of-node. VCM is the input
common-mode voltage. (5) Tested < 3dB below minimum specified CMR at
±CMIR limits.
OPA4684ID, IPW
0
°C to
–40
°C to
MIN/
TEST
PARAMETER
CONDITIONS
+25
°C
+25
°C(1)
70
°C(2)
+85
°C(2)
UNITS
MAX LEVEL(3)
TYP
MIN/MAX OVER TEMPERATURE
ELECTRICAL CHARACTERISTICS: VS = ±5V
Boldface limits are tested at +25
°C.
RF = 800Ω, RL = 100Ω, and G = +2, (see Figure 1 for AC performance only), unless otherwise noted.


Similar Part No. - OPA685

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA685 BURR-BROWN-OPA685 Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
OPA685 BURR-BROWN-OPA685 Datasheet
469Kb / 26P
   Low-Power, Triple Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA685 TI1-OPA685 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA685N BURR-BROWN-OPA685N Datasheet
283Kb / 28P
   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable TM
logo
Texas Instruments
OPA685N/250 TI1-OPA685N/250 Datasheet
371Kb / 32P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA685

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
ZL40120 ZARLINK-ZL40120 Datasheet
298Kb / 16P
   Low Power, Current Feedback Quad Operational Amplifier
logo
Texas Instruments
OPA4684 TI1-OPA4684 Datasheet
1Mb / 33P
[Old version datasheet]   Quad, Low-Power, Current-Feedback Operational Amplifier
OPA4684M TI1-OPA4684M Datasheet
1Mb / 32P
[Old version datasheet]   QUAD LOW-POWER CURRENT-FEEDBACK OPERATIONAL AMPLIFIER
OPA4658 TI1-OPA4658 Datasheet
193Kb / 15P
[Old version datasheet]   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA4658 BURR-BROWN-OPA4658 Datasheet
247Kb / 14P
   Quad Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA684 TI1-OPA684_15 Datasheet
1Mb / 31P
[Old version datasheet]   Low-Power, Current Feedback OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA658 BURR-BROWN-OPA658 Datasheet
215Kb / 13P
   Wideband, Low Power Current Feedback OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA694IDBVRG4 TI1-OPA694IDBVRG4 Datasheet
1Mb / 28P
[Old version datasheet]   Wideband, Low-Power, Current Feedback Operational Amplifier
OPA658 TI1-OPA658 Datasheet
384Kb / 18P
[Old version datasheet]   Wideband, Low-Power, Current-Feedback Operational Amplifier
logo
Zarlink Semiconductor I...
ZL40121 ZARLINK-ZL40121 Datasheet
288Kb / 16P
   Low Power,Current Feedback Dual Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com