Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SB130AS Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part # SB130AS
Description  SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.

SB130AS Datasheet(HTML) 1 Page - Pan Jit International Inc.

  SB130AS Datasheet HTML 1Page - Pan Jit International Inc. SB130AS Datasheet HTML 2Page - Pan Jit International Inc. SB130AS Datasheet HTML 3Page - Pan Jit International Inc. SB130AS Datasheet HTML 4Page - Pan Jit International Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PSB130AS
April 10,2017-REV.00
Page 1
SCHOTTKY BARRIER RECTIFIER
Voltage
30 V
Current
1 A
SOD-123
Unit: inch(mm)
Features
 Fast switching speed
 Surface mount package
 Lead free in compliance with EU RoHS2.0 (2011/65/EU & 2015/865/EU
directive)
 Green molding compound as per IEC61249 Std. . (Halogen Free)
Mechanical Data
 Case: SOD-123 Molded Plastic
 Terminals: Solder plated, solderable per MIL-STD-750,Method 2026
 Weight: 0.00037 ounces, 0.01 grams
 Marking: GS
Note : 1. Mounted on a FR4 PCB, single-sided copper, mini pad.
2. Mounted on FR-4 substrate 10cm x 10cm, 2 oz. copper, single-sided, pad layout 0.97 * 1.22 mm
Maximum Ratings And Electrical Characteristics (TA=25
o
C unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Maximum repetitive peak reverse voltage
VRRM
30
V
Maximum rms voltage
VRMS
21
V
Maximum dc blocking voltage
VR
30
V
Maximum average forward rectified current
IF(AV)
1
A
Peak forward surge current : 8.3ms single half sine-
wave superimposed on rated load
IFSM
30
A
Maximum forward voltage at 1A
VF
0.48
V
Maximum dc reverse current at TJ=25
oC
IR
45
A
Typical thermal resistance
(Note 2)
(Note 1)
RθJL
RθJA
200
380
oC/W
Maximum thermal resistance
(Note 1)
RθJA
510
oC/W
Maximum power dissipation
(Note 1)
PD
0.2
W
Operating junction and storage temperature range
TJ,TSTG
-55 to +125
oC


Similar Part No. - SB130AS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SB130A VISHAY-SB130A Datasheet
95Kb / 4P
   Schottky Barrier Rectifier
Revision: 19-May-08
logo
SEMTECH ELECTRONICS LTD...
SB130A SEMTECH_ELEC-SB130A Datasheet
160Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SB130A VISHAY-SB130A Datasheet
79Kb / 4P
   Schottky Barrier Rectifier
Revision: 14-Jan-11
More results

Similar Description - SB130AS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
   Schottky Barrier Rectifier Schottky Barrier Type
logo
Shenzhen Ping Sheng Ele...
SS12 PFS-SS12 Datasheet
559Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Sanken electric
FMW-2156 SANKEN-FMW-2156 Datasheet
209Kb / 4P
   Schottky Barrier Rectifier
logo
Micro Commercial Compon...
1N60 MCC-1N60 Datasheet
419Kb / 3P
   Schottky Barrier Rectifier
LL60 MCC-LL60 Datasheet
400Kb / 3P
   Schottky Barrier Rectifier
logo
Vishay Siliconix
1N5820 VISHAY-1N5820_09 Datasheet
68Kb / 4P
   Schottky Barrier Rectifier
Revision: 20-Oct-09
logo
Galaxy Semi-Conductor H...
S5817 BILIN-S5817 Datasheet
57Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
logo
Vishay Siliconix
SBL1030 VISHAY-SBL1030 Datasheet
142Kb / 5P
   Schottky Barrier Rectifier
Revision: 25-Apr-08
logo
Chenmko Enterprise Co. ...
MPL1035PT CHENMKO-MPL1035PT Datasheet
260Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL270CTPT CHENMKO-SPL270CTPT Datasheet
161Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
SPL320LLPT CHENMKO-SPL320LLPT Datasheet
153Kb / 2P
   SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com