Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP12945 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP12945
Description  Larisa series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP12945 Datasheet(HTML) 1 Page - Cree, Inc

  CP12945 Datasheet HTML 1Page - Cree, Inc CP12945 Datasheet HTML 2Page - Cree, Inc CP12945 Datasheet HTML 3Page - Cree, Inc CP12945 Datasheet HTML 4Page - Cree, Inc CP12945 Datasheet HTML 5Page - Cree, Inc CP12945 Datasheet HTML 6Page - Cree, Inc CP12945 Datasheet HTML 7Page - Cree, Inc CP12945 Datasheet HTML 8Page - Cree, Inc CP12945 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 28 page
background image
PRODUCT DATASHEET
Larisa series
last update 3/2/2017
DETAILS
Product Number
CP12945_LARISA-W-CLIP16
Family
Larisa
Type
Assembly
Color
black
Diameter
9,9 x 9,9 mm
Height
7,5 mm
Style
square
Optic Material
PMMA
Holder Material
Fastening
glue, clips
Status
production ready
ROHS Comliant
Yes
Date Updated
3/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
XB-D
45 deg
Wide
84 %
1.300
-
XP-E
sim: 39
Wide
sim: 95 % -
-
XQ-E
46 deg
Wide
84 %
1.200
-
XQ-E HI
36 deg
Wide
79 %
1.700
-
H35C0 (LEMWA33)
55 deg
Wide
82 %
1.000
-
LUXEON Rebel
47 deg
Wide
88 %
1.300
-
LUXEON A
63 deg
Wide
86 %
0.800
-
LUXEON Rebel ES
52 deg
Wide
87 %
1.100
-
LUXEON Z
32 deg
Wide
85 %
2.090
-
LUXEON Z ES
37 deg
Wide
88 %
1.740
-
NCSxx19A
39 deg
Wide
85 %
1.500
-
NVSxx19A
45 deg
Wide
84 %
1.200
-
Oslon Square EC
46 deg
Wide
82 %
1.100
-
Oslon SSL 150
55 deg
Wide
86 %
1.200
-
Duris S5 (2 chip)
41 deg
Wide
85 %
1.500
-
Oslon SSL 80
sim: 49
Wide
sim: 83 % sim: 1.160 -
June 7th 2017 6:45 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP12945

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12945 LEDIL-CP12945 Datasheet
5Mb / 8P
   ~50째 wide beam
More results

Similar Description - CP12945

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
CP12943 CREE-CP12943 Datasheet
1Mb / 38P
   Larisa series
CP12941 CREE-CP12941 Datasheet
1Mb / 36P
   Larisa series
CP12942 CREE-CP12942 Datasheet
1Mb / 37P
   Larisa series
CP12944 CREE-CP12944 Datasheet
1Mb / 29P
   Larisa series
CP12940 CREE-CP12940 Datasheet
1Mb / 35P
   Larisa series
CP13666 CREE-CP13666 Datasheet
626Kb / 12P
   Larisa series
CP12946 CREE-CP12946 Datasheet
1Mb / 20P
   Larisa series
CP13665 CREE-CP13665 Datasheet
729Kb / 15P
   Larisa series
CP12947 CREE-CP12947 Datasheet
1Mb / 19P
   Larisa series
logo
Riedon Powertron
101-500RB RIEDON-101-500RB Datasheet
318Kb / 2P
   100 Series / SM Series / PC Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com