Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP12670 Datasheet(PDF) 2 Page - Cree, Inc

Part # CP12670
Description  Leila series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP12670 Datasheet(HTML) 2 Page - Cree, Inc

  CP12670 Datasheet HTML 1Page - Cree, Inc CP12670 Datasheet HTML 2Page - Cree, Inc CP12670 Datasheet HTML 3Page - Cree, Inc CP12670 Datasheet HTML 4Page - Cree, Inc CP12670 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
A
3
2
4
1
DESIGNED BY
DATE
CHECKED BY
DATE
DRAWN BY
DATE
This drawing is our property.
It can't be reproduced
or communicated without
our written agreement.
SCALE
2:1 WEIGHT(g)
SHEET
1/1
SIZE
A4
DRAWING NUMBER
REV
1
DRAWING TITLE
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
Datasheet LXB3 Glue Assy
-
pv
11.04.2012
sn
pv
19.01.2012
19.01.2012
Lens
Holder
Materials:
Lens PMMA
Holder PC, Black
Tolerances for dimensions:
0-20mm tolerance value +-0.1mm
21-45mm tolerance value +-0.2mm
46-90mm tolerance value +-0.3mm
91-100mm tolerance value +-0.4mm
101-mm tolerance value +-0.5mm
21.
6
2. 5
Isometric view
Scale:
1:1


Similar Part No. - CP12670

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12671 LEDIL-CP12671 Datasheet
2Mb / 4P
   ~16째 diffused spot beam optimized
logo
Cree, Inc
CP12671-TINA2-D CREE-CP12671-TINA2-D Datasheet
883Kb / 12P
   Tina2 series
logo
Ledil, Inc.
CP12672 LEDIL-CP12672 Datasheet
2Mb / 4P
   ~30째 medium beam optimized
logo
Cree, Inc
CP12672-TINA2-M CREE-CP12672-TINA2-M Datasheet
883Kb / 12P
   Tina2 series
logo
Ledil, Inc.
CP12673 LEDIL-CP12673 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized
More results

Similar Description - CP12670

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN11456 CREE-FCN11456 Datasheet
67Kb / 2P
   Leila series
CA11483 CREE-CA11483 Datasheet
1Mb / 23P
   Leila series
FCN10786 CREE-FCN10786 Datasheet
250Kb / 3P
   Leila series
FA10661 CREE-FA10661 Datasheet
423Kb / 9P
   Leila series
FA10660 CREE-FA10660 Datasheet
816Kb / 13P
   Leila series
C13353 CREE-C13353 Datasheet
2Mb / 42P
   Leila series
CA12844 CREE-CA12844 Datasheet
245Kb / 5P
   Leila series
CP12583 CREE-CP12583 Datasheet
229Kb / 4P
   Leila series
CA12665 CREE-CA12665 Datasheet
232Kb / 5P
   Leila series
FA10663 CREE-FA10663 Datasheet
540Kb / 9P
   Leila series
FA10695 CREE-FA10695 Datasheet
270Kb / 3P
   Leila series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com