Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RJMG2010SXX30NR Datasheet(PDF) 1 Page - Amphenol Corporation

Part # RJMG2010SXX30NR
Description  d-sub technical data
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RJMG2010SXX30NR Datasheet(HTML) 1 Page - Amphenol Corporation

  RJMG2010SXX30NR Datasheet HTML 1Page - Amphenol Corporation RJMG2010SXX30NR Datasheet HTML 2Page - Amphenol Corporation RJMG2010SXX30NR Datasheet HTML 3Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
NOTES:
1. MATERIAL:
1.1 HOUSING: THERMOPLASTIC, UL94 V-0;
COLOR: BLACK
1.2 RJ CONTACT:COPPER ALLOY,T=0.30±0.02mm.
1.3 SHELL:COPPER ALLOY,T=0.20±0.02mm.
2. FINISH:
2.1 CONTACT:
GOLD PLATING [30μ'' ] (SEE TABLE) ON
CONTACT AREA.
2.54um [100μ"] MIN. MATTE-TIN PALTING
ON SOLDER TAIL AREA.
1.27um [50μ"] MIN. NICKEL UNDERPLATING
OVERALL.
2.2 SHELL:
1.27um [50μ"] MIN. NICKEL UNDERPLATING
OVERALL.
3. RECOMMENDED P.C.B THICKNESS : 1.6mm
4. OTHER GENERAL SPEC. TO REFER : RJF
SERIES SPEC.
5. FOR REFLOW SOLDERING LEAD-FREE
PROCESS
FOR ONE UNIT
LED 2
LED 1
RJ45 PIN 1
RJ45 PIN 8
WW=WEEK
YY=YEAR
DATE CODE
AMPHENOL PART NUMBER
he
n o l Ta i
2 011 /65
/
Ro
HS
m
pl
ian
t


Similar Part No. - RJMG2010SXX30NR

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RJMG201021110NR ETC2-RJMG201021110NR Datasheet
389Kb / 7P
   RJHSE Series RJ45
RJMG201021120NR ETC2-RJMG201021120NR Datasheet
389Kb / 7P
   RJHSE Series RJ45
RJMG201021210NR ETC2-RJMG201021210NR Datasheet
389Kb / 7P
   RJHSE Series RJ45
RJMG201021610NR ETC2-RJMG201021610NR Datasheet
389Kb / 7P
   RJHSE Series RJ45
RJMG201022610NR ETC2-RJMG201022610NR Datasheet
389Kb / 7P
   RJHSE Series RJ45
More results

Similar Description - RJMG2010SXX30NR

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
C-L17D20419X AMPHENOL-C-L17D20419X Datasheet
86Kb / 1P
   d-sub technical data
C-L17D204182TX AMPHENOL-C-L17D204182TX Datasheet
108Kb / 1P
   d-sub technical data
C-L17D2041843X AMPHENOL-C-L17D2041843X Datasheet
86Kb / 1P
   d-sub technical data
L17D-M53745-201 AMPHENOL-L17D-M53745-201 Datasheet
31Kb / 1P
   d-sub technical data
L17DPPK15JS AMPHENOL-L17DPPK15JS Datasheet
95Kb / 1P
   d-sub technical data
P-UE27-ACX4-XOX AMPHENOL-P-UE27-ACX4-XOX Datasheet
95Kb / 1P
   d-sub technical data
MP-5ERJ45UNNR-XXX AMPHENOL-MP-5ERJ45UNNR-XXX Datasheet
168Kb / 1P
   d-sub technical data
MP-64RJ45UNNX AMPHENOL-MP-64RJ45UNNX Datasheet
316Kb / 1P
   d-sub technical data
P-U77-A161X-XOOX AMPHENOL-P-U77-A161X-XOOX Datasheet
812Kb / 7P
   d-sub technical data
P-17E-1727-1 AMPHENOL-P-17E-1727-1 Datasheet
131Kb / 1P
   d-sub technical data
P-DWR-T200S-V23X-92 AMPHENOL-P-DWR-T200S-V23X-92 Datasheet
77Kb / 2P
   d-sub technical data
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com