Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA623AU Datasheet(PDF) 4 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA623AU
Description  Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA623AU Datasheet(HTML) 4 Page - Burr-Brown (TI)

  OPA623AU Datasheet HTML 1Page - Burr-Brown (TI) OPA623AU Datasheet HTML 2Page - Burr-Brown (TI) OPA623AU Datasheet HTML 3Page - Burr-Brown (TI) OPA623AU Datasheet HTML 4Page - Burr-Brown (TI) OPA623AU Datasheet HTML 5Page - Burr-Brown (TI) OPA623AU Datasheet HTML 6Page - Burr-Brown (TI) OPA623AU Datasheet HTML 7Page - Burr-Brown (TI) OPA623AU Datasheet HTML 8Page - Burr-Brown (TI) OPA623AU Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
4
®
OPA623
INPUT PROTECTION
The need for protection from static damage has long been
recognized for MOSFET devices, but all semiconductor
devices deserve protection form this potentially damaging
source. The OPA623 incorporates on-chip ESD protection
diodes as shown in Figure 1. These diodes eliminate the
need for external protection diodes, which can add capaci-
tance and degrade AC performance.
As shown, all input pins of the OPA623 are internally
protected from ESD by a pair of back-to-back reverse-biased
diodes to either power supply. These diodes begin to con-
duct when the input voltage exceeds either power supply by
about 0.7V. This situation can occur when the amplifier
loses its power supplies while a signal source is still present.
The diodes can typically withstand a continuous current of
30mA without destruction. To ensure long-term reliability,
however, the diode current should be limited externally to
approximately 10mA whenever possible.
FIGURE 1. Internal ESD Protection.
+V
CC
–V
CC
ESD Protection diodes internally
connected to all pins.
Internal
Circuitry
External
Pin
The internal protection diodes are designed to withstand
2.5kV (using the Human Body Model) and will provide
adequate ESD protection for most normal handling proce-
dures. However, static damage can cause subtle changes in
the amplifier input characteristics without necessarily de-
stroying the device. In precision amplifiers, such changes
may degrade offset and drift noticeably. For this reason,
static protection is strongly recommended when handling
the OPA623.


Similar Part No. - OPA623AU

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA623AU TI1-OPA623AU Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623AU

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com