Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA623 Datasheet(PDF) 11 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA623
Description  Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA623 Datasheet(HTML) 11 Page - Burr-Brown (TI)

Back Button OPA623 Datasheet HTML 7Page - Burr-Brown (TI) OPA623 Datasheet HTML 8Page - Burr-Brown (TI) OPA623 Datasheet HTML 9Page - Burr-Brown (TI) OPA623 Datasheet HTML 10Page - Burr-Brown (TI) OPA623 Datasheet HTML 11Page - Burr-Brown (TI) OPA623 Datasheet HTML 12Page - Burr-Brown (TI) OPA623 Datasheet HTML 13Page - Burr-Brown (TI) OPA623 Datasheet HTML 14Page - Burr-Brown (TI) OPA623 Datasheet HTML 15Page - Burr-Brown (TI)  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
11
®
OPA623
reduce the internal thermal rise, resulting in cooler, more
reliable operation. At extreme temperatures and under full
load conditions a heat sink is necessary. The internal power
dissipation is given by the equation P
D = PDQ + PDL, (PDQ
is the quiescent power dissipation and PDL is the power
dissipation in the output stage due to the load). Although the
PDQ is very low (40mW at VCC = ±5V), care should be taken
when a signal is applied. For high-speed op amps, a more
precise approach to determine power consumption is to
measure the average total quiescent current for several
typical load conditions. The power consumption of the
OPA623 is influenced by the kind of signal, the applied
signal frequency, the output voltage, load resistor, and the
repetition rate of the signal transitions. Figure 8 shows the
average supply current versus the frequency of an applied
sine wave for various output voltages. Figure 9 illustrates the
average supply current versus the repetition frequency of an
applied square wave signal.
FIGURE 5. Open-Loop Gain vs R2 || R1.
50
40
30
20
10
0
–10
–20
–30
Frequency (Hz)
100k
1M
10M
100M
1G
300
150
27
1M
10M
100M
1G
Frequency (Hz)
FREQUENCY RESPONSE vs C
LOAD
G
CL = +2V/V, VIN = 1.4Vp-p
10pF
22pF
47pF
100k
2pF
51
DUT
50
R
2
C
L
R
1
3
2
6
R
1
300
270
240
120
R
2
300
270
240
120
C
L
2pF
10pF
22pF
47pF
FIGURE 7. Frequency Response vs CLOAD.
10k
100k
1M
10M
100M
1G
Frequency (Hz)
50
45
40
35
30
25
20
15
10
5
0
Sine Curve
R
L = 100Ω
G = +2V/V
C
L = 2pF
5.0Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
FIGURE 8. Average Supply Current vs Frequency
(sinewave).
FIGURE 6. Optimum Frequency Response vs Closed-Loop
Gain.
20
15
10
5
0
–5
–10
–15
–20
–25
–30
Frequency (Hz)
100k
1M
10M
100M
1G
+10V/V
+2V/V
+1V/V
–1V/V
25
20
15
10
5
0
10k
100k
1M
10M
100M
Frequency (Hz)
5.0Vp-p
2.8Vp-p
1.4Vp-p
0.2Vp-p
G = +2V/V
C
L = 2pF
R
L = 100Ω
FIGURE 9. Average Supply Current vs Frequency
(squarewave).


Similar Part No. - OPA623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA623 TI1-OPA623 Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AD TI1-OPA623AD Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AP TI1-OPA623AP Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AU TI1-OPA623AU Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com