Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA623 Datasheet(PDF) 3 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA623
Description  Wide Bandwidth, Current-Feedback OPERATIONAL AMPLIFIER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA623 Datasheet(HTML) 3 Page - Burr-Brown (TI)

  OPA623 Datasheet HTML 1Page - Burr-Brown (TI) OPA623 Datasheet HTML 2Page - Burr-Brown (TI) OPA623 Datasheet HTML 3Page - Burr-Brown (TI) OPA623 Datasheet HTML 4Page - Burr-Brown (TI) OPA623 Datasheet HTML 5Page - Burr-Brown (TI) OPA623 Datasheet HTML 6Page - Burr-Brown (TI) OPA623 Datasheet HTML 7Page - Burr-Brown (TI) OPA623 Datasheet HTML 8Page - Burr-Brown (TI) OPA623 Datasheet HTML 9Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
3
®
OPA623
OPA623AP, AU
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
SPECIFICATIONS
At VCC = ±5VDC, IQ = ±4mA, RL = 100Ω, RIN = 210Ω, and TAMB = +25°C, unless otherwise specified.
FREQUENCY DOMAIN
Large Signal
VO = 2.8Vp-p, Gain = +1V/V
340
MHz
Closed-Loop Bandwidth (–3dB)
VO = 2.8Vp-p, Gain = +2V/V
350
MHz
VO = 2.8Vp-p, Gain = +5V/V
260
MHz
VO = 2.8Vp-p, Gain = +10V/V
210
MHz
VO = 2.8Vp-p, Gain = –1V/V
360
MHz
VO = 2.8Vp-p, Gain = –2V/V
330
MHz
VO = 5.0Vp-p, Gain = +2V/V
240
MHz
SMALL SIGNAL BANDWIDTH
VO = 0.2Vp-p, Gain = +2V/V
290
MHz
GROUP DELAY TIME
Pin 3 to Pin 6, Gain = +2V/V
1.2
ns
DIFFERENTIAL GAIN
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.12
%
DIFFERENTIAL PHASE
G = +2V/V, f = 4.43MHz, RL = 150Ω
VO = +1.4V
0.05
Degrees
HARMONIC DISTORTION
Gain = +2V/V
Second Harmonic
f = 10MHz, VO = 2.0Vp-p
–56
dBc
Third Harmonic
–59
dBc
Second Harmonic
f = 30MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–37
dBc
Second Harmonic
f = 50MHz, VO = 2.0Vp-p
–30
dBc
Third Harmonic
–33
dBc
GAIN FLATNESS PEAKING
Gain = +2V/V
VO = 2.0Vp-p, DC to 30MHz
0.05
dB
VO = 2.0Vp-p, DC to 100MHz
0.20
dB
TIME DOMAIN
Rise Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
1.9
ns
Fall Time
Gain = +2V/V, 10% to 90%
VO = 2.0Vp-p
1.4
ns
VO = 5.0Vp-p
2.6
ns
SLEW RATE
Gain = +2V/V, Rise Time = 1ns
VO = 0.2Vp-p
140
V/
µs
VO = 5.0Vp-p
2100
V/
µs
SETTLING TIME
Gain = +2V/V, Rise Time = 2ns
9
ns
VO = 2Vp-p, 0.1%
AC-SPECIFICATION
Power Supply Voltage .........................................................................
±6V
Input Voltage(1) ........................................................................
±V
CC ±0.7V
Operating Temperature ................................................... –40
°C to +85°C
Storage Temperature ..................................................... –40
°C to +125°C
Junction Temperature ................................................................... +150
°C
Lead Temperature (soldering, 10s) ............................................... +300
°C
NOTE: (1) Inputs are internally diode-clamped to
±V
CC.
ABSOLUTE MAXIMUM RATINGS
PACKAGE
DRAWING
TEMPERATURE
PRODUCT
PACKAGE
NUMBER(1)
RANGE
OPA623AP
8-Pin Plastic DIP
006
–40
°C to +85°C
OPA623AU
SO-8 Surface Mount
182
–40
°C to +85°C
NOTE: (1) For detailed drawing and dimension table, please see end of data
sheet, or Appendix C of Burr-Brown IC Data Book.
PACKAGE/ORDERING INFORMATION
PIN CONFIGURATION
Top View
DIP/SO-8
NC
+V
CC
Out
8
7
6
NC
5
4
3
2
1
NC
–In
+In
–V
CC
ELECTROSTATIC
DISCHARGE SENSITIVITY
This integrated circuit can be damaged by ESD. Burr-Brown
recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and
installation procedures can cause damage.
ESD damage can range from subtle performance degradation to
complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes
could cause the device not to meet its published specifications.


Similar Part No. - OPA623

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA623 TI1-OPA623 Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AD TI1-OPA623AD Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AP TI1-OPA623AP Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
OPA623AU TI1-OPA623AU Datasheet
275Kb / 16P
[Old version datasheet]   OPERATIONAL AMPLIFIER
More results

Similar Description - OPA623

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA622 BURR-BROWN-OPA622 Datasheet
243Kb / 18P
   Wide-Bandwidth OPERATIONAL AMPLIFIER
logo
National Semiconductor ...
LH0003 NSC-LH0003 Datasheet
106Kb / 4P
   Wide Bandwidth Operational Amplifier
logo
Texas Instruments
LH0003 TI1-LH0003 Datasheet
352Kb / 6P
[Old version datasheet]   Wide Bandwidth Operational Amplifier
logo
Burr-Brown (TI)
OPA654 BURR-BROWN-OPA654 Datasheet
131Kb / 8P
   Wide Bandwidth, High Output Current Difet OPERATIONAL AMPLIFIER
OPA606 BURR-BROWN-OPA606 Datasheet
132Kb / 9P
   Wide-Bandwidth Difet OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA860 TI1-OPA860 Datasheet
803Kb / 33P
[Old version datasheet]   Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
OPA681 TI1-OPA681 Datasheet
393Kb / 22P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER
logo
Analog Devices
AD9610 AD-AD9610 Datasheet
556Kb / 8P
   Wide Bandwidth, Fast Settling Operational Amplifier
logo
National Semiconductor ...
TL081 NSC-TL081 Datasheet
235Kb / 8P
   WIDE BANDWIDTH JFET INPUT OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA2662 BURR-BROWN-OPA2662 Datasheet
328Kb / 18P
   Dual, Wide Bandwidth OPERATIONAL TRANSCONDUCTANCE AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com