Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ESDA6V1-5T6 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ESDA6V1-5T6
Description  Lead-free and RoHS package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ESDA6V1-5T6 Datasheet(HTML) 2 Page - STMicroelectronics

  ESDA6V1-5T6 Datasheet HTML 1Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 2Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 3Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 4Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 5Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 6Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 7Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 8Page - STMicroelectronics ESDA6V1-5T6 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Characteristics
ESDA6V1-5T6
2/11
Doc ID 16855 Rev 2
1
Characteristics
Figure 2.
Electrical characteristics (definitions)
Table 2.
Electrical characteristics (values, Tamb = 25 °C)
Table 1.
Absolute maximum ratings (Tamb = 25 °C)
Symbol
Parameter
Value
Unit
VPP
ESD IEC 61000-4-2, air discharge
ESD IEC 61000-4-2, contact discharge
15
8
kV
PPP
Peak pulse power dissipation (8/20 µs)(1)
1.
For a surge greater than the maximum values, the diode will fail in short-circuit.
Tj initial = Tamb
35
W
Ipp
Repetitive peak pulse current typical value (8/20 µs)
3
A
Tj
Junction temperature
125
°C
Tstg
Storage temperature range
-55 + 150
°C
TL
Maximum lead temperature for soldering during 10 s
260
°C
Symbol
Test conditions
Min.
Typ.
Max.
Unit
VBR
IR = 1 mA
6.1
7.2
V
IRM
VRM = 3 V
200
nA
CVR = 3 V DC, Fosc = 1 MHz, Vosc = 30 mV rms
34
70
pF
Symbol
Parameter
V
=
Breakdown voltage
I
=
Leakage current @ V
V
=
Stand-off voltage
BR
RM
RM
RM
V
I
VCLVBR
VRM
IF
VF
IRM
IPP
Slope: 1/Rd


Similar Part No. - ESDA6V1-5T6

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ESDA6V1-5BP6 STMICROELECTRONICS-ESDA6V1-5BP6 Datasheet
116Kb / 8P
   Transil array for ESD protection
ESDA6V1-5M6 STMICROELECTRONICS-ESDA6V1-5M6 Datasheet
237Kb / 11P
   4- and 5-line Transil??arrays for ESD protection
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
50Kb / 5P
   TRANSIL??ARRAY FOR ESD PROTECTION
ESDA6V1-5P6 STMICROELECTRONICS-ESDA6V1-5P6 Datasheet
112Kb / 8P
   Transil??array for ESD protection
logo
Weitron Technology
ESDA6V1-5P6 WEITRON-ESDA6V1-5P6 Datasheet
840Kb / 7P
   5-Line TVS Array
More results

Similar Description - ESDA6V1-5T6

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAPD-011032 MA-COM-MAPD-011032 Datasheet
921Kb / 6P
   RoHS Compliant and Lead free
logo
Maxim Integrated Produc...
MAX9694EVKIT MAXIM-MAX9694EVKIT Datasheet
486Kb / 12P
   Lead-Free and RoHS Compliant
Rev 0; 10/08
logo
Shanghai Leiditech Elec...
3R090-6L LEIDITECH-3R090-6L Datasheet
545Kb / 4P
   RoHS compliant and Lead-free
logo
M/A-COM Technology Solu...
MAPD-011020 MA-COM-MAPD-011020 Datasheet
422Kb / 4P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9938EVKIT MAXIM-MAX9938EVKIT Datasheet
77Kb / 4P
   Lead-Free and RoHS Compliant
Rev 0; 8/08
logo
WALSIN TECHNOLOGY CORPO...
SFXXF_Q WALSIN-SFXXF_Q Datasheet
1Mb / 10P
   RoHS compliant and lead free
logo
Guangdong Youtai Semico...
SMXX-02HTG UMW-SMXX-02HTG Datasheet
742Kb / 6P
   RoHS compliant and lead-free
logo
M/A-COM Technology Solu...
MACP-011029 MA-COM-MACP-011029 Datasheet
831Kb / 6P
   RoHS compliant and lead free
logo
Maxim Integrated Produc...
MAX9597EVKIT MAXIM-MAX9597EVKIT Datasheet
592Kb / 16P
   Lead-Free and RoHS Compliant
Rev 0; 9/08
logo
Shanghai Leiditech Elec...
SMD3225-470NF LEIDITECH-SMD3225-470NF Datasheet
1Mb / 4P
   RoHS compliant and Lead-free
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com