Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SF3001PT Datasheet(PDF) 2 Page - HY ELECTRONIC CORP.

Part # SF3001PT
Description  SUPER FAST RECTIFIERS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HY [HY ELECTRONIC CORP.]
Direct Link  http://www.hygroup.com.tw
Logo HY - HY ELECTRONIC CORP.

SF3001PT Datasheet(HTML) 2 Page - HY ELECTRONIC CORP.

  SF3001PT Datasheet HTML 1Page - HY ELECTRONIC CORP. SF3001PT Datasheet HTML 2Page - HY ELECTRONIC CORP. SF3001PT Datasheet HTML 3Page - HY ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
RATING AND CHARACTERTIC CURVES
SF3001PT thru SF3008PT
The cruve graph is for reference only, can't be the basis for judgment(曲线图仅供参考)!
Rev. 7, 13-Mar-2017
INSTANTANEOUS FORWARD VOLTAGE, (V)
FIG.4-TYPICAL INSTANTAEOUS
FORWARD CHARACTERISTICS
0.2
1.0
0.1
10
40
1.1
1.3
1.5
1.7
1.9
0.9
0.7
20
4
2
0.4
80
0.5
SF3001PT -
SF3003PT
SF3004PT -
SF3005PT
SF3006PT - SF3008PT
AMBIENT TEMPERATURE ℃
FIG.1- TYPICAL FORWARD CURRENT DERATING CURVE
SINGLE PHASE HALF
WAVE 60HZ
RESISTIVE OR
INDUCTIVE LOAD
36
150
30
12
6
0
24
100
50
0
FIG.3-MAXIMUM NON-REPETITVE FORWARD SURGE CURRENT
NUMBER OF CYCLES AT 60HZ
100
50
20
5
2
110
600
300
100
200
0
400
500
8.3 ms Single Half-Sine-Wave
(JEDEC METOD)
TJ=25°C
300
150
50
100
200
250
50
20
1
0.5
0.1
2
5 10
100
1000
REVERSE VOLTAGE,(V)
FIG.5-TYPICAL JUNCTION CAPACITANCE
TJ=25°C
PULSE WIDTH 300uS
1% DUTY CYCLE
PERCENT OF RATED PEAK
REVERSE VOLTAGE(%)
FIG.2-TYPICAL REVERSE
CHARACTERISTICS
1.0
10
0.1
40
60
80
100 120 140
20
1000
100
TJ=100°C
TJ=25°C


Similar Part No. - SF3001PT

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SF3001PT WTE-SF3001PT Datasheet
45Kb / 3P
   30A SUPER-FAST GLASS PASSIVATED RECTIFIER
logo
Taiwan Semiconductor Co...
SF3001PT TSC-SF3001PT Datasheet
111Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT Datasheet
355Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT Datasheet
493Kb / 2P
   30.0 AMPS. Glass Passivated Super Fast Rectifiers
SF3001PT TSC-SF3001PT Datasheet
422Kb / 3P
   30.0AMPS. Glass Passivated Super Fast Rectifiers
More results

Similar Description - SF3001PT

ManufacturerPart #DatasheetDescription
logo
Galaxy Semi-Conductor H...
31DF1 BILIN-31DF1 Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
BYV26A BILIN-BYV26A Datasheet
54Kb / 2P
   SUPER FAST RECTIFIERS
RL4A BILIN-RL4A Datasheet
55Kb / 2P
   SUPER FAST RECTIFIERS
logo
HY ELECTRONIC CORP.
SF801 HY-SF801 Datasheet
94Kb / 2P
   SUPER FAST RECTIFIERS
logo
Bruckewell Technology L...
SF3060PT BWTECH-SF3060PT Datasheet
171Kb / 3P
   Super Fast Rectifiers
logo
Leshan Radio Company
SF14 LRC-SF14_15 Datasheet
201Kb / 7P
   Super Fast Rectifiers
SF21 LRC-SF21_15 Datasheet
207Kb / 7P
   Super Fast Rectifiers
SF27 LRC-SF27_15 Datasheet
208Kb / 7P
   Super Fast Rectifiers
logo
Shenzhen Luguang Electr...
USF1610C LUGUANG-USF1610C Datasheet
178Kb / 2P
   Super Fast Rectifiers
logo
SeCoS Halbleitertechnol...
SF11 SECOS-SF11_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
SF31 SECOS-SF31_15 Datasheet
151Kb / 2P
   Super Fast Rectifiers
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com