Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF05-SK01F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF05-SK01F3
Description  5 line IPAD?? EMI filter including ESD protection
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF05-SK01F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF05-SK01F3 Datasheet HTML 1Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 2Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 3Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 4Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 5Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 6Page - STMicroelectronics EMIF05-SK01F3 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Ordering information
EMIF05-SK01F3
6/7
DocID024489 Rev 1
3
Ordering information
Figure 13. Ordering information scheme
Note:
More information is available in the STMicroelectronics Application notes:
AN2348: “Flip Chip: Package description and recommendations for use”
AN1751: “EMI Filters: Recommendations and measurements”
4
Revision history
Table 4. Ordering information
Order code
Marking
Package
Weight
Base qty
Delivery mode
EMIF05-SK01F3
KN
Flip Chip
2.0 mg
5000
Tape and reel 7”
EMIF
05 -
SK
01 F3
EMI Filter
Number of lines
Application
2 letters = SK
Version
2 digits = 01
Package
F = Flip chip
x = 3: Lead-free pitch = 400 µm, bump = 255 µm
Table 5. Document revision history
Date
Revision
Changes
07-Jul-2014
1
First issue.


Similar Part No. - EMIF05-SK01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF05-AUD02F3 STMICROELECTRONICS-EMIF05-AUD02F3 Datasheet
288Kb / 8P
   EMI filter and ESD protection for audio interface
December 2013 Rev 1
More results

Similar Description - EMIF05-SK01F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
   10-line IPAD?? EMI filter including ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM06F3 STMICROELECTRONICS-EMIF03-SIM06F3 Datasheet
321Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
December 2013 Rev 1
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com