Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMIF04-1K030F3 Datasheet(PDF) 6 Page - STMicroelectronics

Part # EMIF04-1K030F3
Description  4-line IPAD?? EMI filter including ESD protection
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

EMIF04-1K030F3 Datasheet(HTML) 6 Page - STMicroelectronics

  EMIF04-1K030F3 Datasheet HTML 1Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 2Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 3Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 4Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 5Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 6Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 7Page - STMicroelectronics EMIF04-1K030F3 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Package information
EMIF04-1K030F3
6/8
DocID024627 Rev 1
Figure 14. Tape and reel specification
Note:
More information is available in the application notes:
AN2348, “IPAD™ 400 µm Flip Chip: package description and recommendations for use”
AN1751, “EMI filters: recommendations and measurements”
Dot identifying Pin A1 location
User direction of unreeling
All dimensions are in mm
4.0 ± 0.1
4.0 ± 0.1
2.0 ± 0.05
Ø 1.50 ± 0.1
0.69 ± 0.05
1.24 ± 0.05
0.20 ± 0.02
ST
xxz
yww
ST
ST
xxz
yww
xxz
yww


Similar Part No. - EMIF04-1K030F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-10006F1 STMICROELECTRONICS-EMIF04-10006F1 Datasheet
241Kb / 6P
   4 LINES EMI FILTER AND ESD PROTECTION
EMIF04-10006F2 STMICROELECTRONICS-EMIF04-10006F2 Datasheet
229Kb / 7P
   4 LINES EMI ILTER AND ESD PROTECTION
EMIF04-10006XF STMICROELECTRONICS-EMIF04-10006XF Datasheet
229Kb / 7P
   4 LINES EMI ILTER AND ESD PROTECTION
EMIF04-10006Z2 STMICROELECTRONICS-EMIF04-10006Z2 Datasheet
229Kb / 7P
   4 LINES EMI ILTER AND ESD PROTECTION
EMIF04-1005M8 STMICROELECTRONICS-EMIF04-1005M8 Datasheet
181Kb / 10P
   4-line IPAD low capacitance EMI filter and ESD protection in micro QFN package
More results

Similar Description - EMIF04-1K030F3

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
EMIF04-MMC02F2 STMICROELECTRONICS-EMIF04-MMC02F2_08 Datasheet
134Kb / 8P
   4-line IPAD, EMI filter including ESD protection
EMIF01-SMIC01F2 STMICROELECTRONICS-EMIF01-SMIC01F2 Datasheet
150Kb / 7P
   Single line IPAD?? EMI filter including ESD protection
EMIF10-1K010F2 STMICROELECTRONICS-EMIF10-1K010F2_08 Datasheet
183Kb / 8P
   10-line IPAD?? EMI filter including ESD protection
EMIF02-MIC01F2 STMICROELECTRONICS-EMIF02-MIC01F2 Datasheet
381Kb / 7P
   2-line IPAD, EMI filter including ESD protection
EMIF02-MIC02F3 STMICROELECTRONICS-EMIF02-MIC02F3 Datasheet
183Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF02-USB03F2 STMICROELECTRONICS-EMIF02-USB03F2_08 Datasheet
188Kb / 8P
   2-line IPAD, EMI filter including ESD protection
EMIF03-SIM04F3 STMICROELECTRONICS-EMIF03-SIM04F3 Datasheet
193Kb / 7P
   3-line IPAD?? EMI filter including ESD protection
EMIF03SIM02F2 STMICROELECTRONICS-EMIF03SIM02F2 Datasheet
153Kb / 8P
   3-line IPAD?? EMI filter including ESD protection
EMIF03-SIM02C2 STMICROELECTRONICS-EMIF03-SIM02C2_10 Datasheet
188Kb / 8P
   3-line IPAD??EMI filter including ESD protection
EMIF03-SIM02F3 STMICROELECTRONICS-EMIF03-SIM02F3_10 Datasheet
288Kb / 9P
   3-line IPAD?? EMI filter including ESD protection
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com