Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AS11P2TLR Datasheet(PDF) 5 Page - STMicroelectronics

Part # AS11P2TLR
Description  Low voltage 1 廓 single-pole double-throw analog switch with break before make feature
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AS11P2TLR Datasheet(HTML) 5 Page - STMicroelectronics

  AS11P2TLR Datasheet HTML 1Page - STMicroelectronics AS11P2TLR Datasheet HTML 2Page - STMicroelectronics AS11P2TLR Datasheet HTML 3Page - STMicroelectronics AS11P2TLR Datasheet HTML 4Page - STMicroelectronics AS11P2TLR Datasheet HTML 5Page - STMicroelectronics AS11P2TLR Datasheet HTML 6Page - STMicroelectronics AS11P2TLR Datasheet HTML 7Page - STMicroelectronics AS11P2TLR Datasheet HTML 8Page - STMicroelectronics AS11P2TLR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
DocID026034 Rev 1
5/18
AS11P2TLR
Electrical characteristics
18
3
Electrical characteristics
3.1
DC electrical characteristics
Table 6. DC specifications
Symbol
Parameter
VCC (V)
Test condition
Value
Unit
TA = 25 °C
-40 to 85 °C
Min.
Typ.
Max.
Min.
Max.
VIH
High level input
voltage
1.65 – 1.95
0.65 VCC
0.65 VCC
V
2.3 – 2.5
1.2
1.2
2.7 – 3.0
1.3
1.3
3.3 – 3.6
1.4
1.4
4.5
1.6
1.6
VIL
Low level input
voltage
1.65 – 1.95
0.40
0.40
V
2.3 – 2.5
0.60
0.60
2.7 – 3.0
0.60
0.60
3.3 – 3.6
0.60
0.60
4.5
0.80
0.80
RON
Switch ON-
resistance
1.8
VS = 0 V to VCC
IS = 100 mA
2.0
3.0
3.5
2.7
1.3
1.6
1.8
3.0
1.2
1.5
1.7
4.5
1.0
1.2
1.4
∆RON
ON-resistance
match between
channels(1)
1.8
VS at RON max
IS = 100 mA
0.06
2.7
0.05
3.0
0.05
4.5
0.05
RFLAT
ON-resistance
flatness(2)
1.8
VS = 0 V to VCC
IS = 100 mA
1.0
1.5
1.5
2.7
0.45
0.60
0.70
3.0
0.43
0.50
0.60
4.5
0.39
0.50
0.60
IOFF
OFF state
leakage current
(Sn), (D)
4.3
VS = 0.3 or 4 V
±20
±100
nA
IIN
Input leakage
current
0 – 4.5
VSEL = 0 to 4.5 V
±0.1
±1.0
A
ICC
Quiescent
supply current
1.65 – 4.5
VSEL = VCC or
GND
±0.1
±1.0
A


Similar Part No. - AS11P2TLR

ManufacturerPart #DatasheetDescription
logo
MotionKing Motor Indust...
AS110 MOTIONKING-AS110 Datasheet
166Kb / 3P
   AC Servo Motors
AS110-20-040E25 MOTIONKING-AS110-20-040E25 Datasheet
166Kb / 3P
   AC Servo Motors
AS110-20-050E25 MOTIONKING-AS110-20-050E25 Datasheet
166Kb / 3P
   AC Servo Motors
AS110-30-020E25 MOTIONKING-AS110-30-020E25 Datasheet
166Kb / 3P
   AC Servo Motors
AS110-30-040E25 MOTIONKING-AS110-30-040E25 Datasheet
166Kb / 3P
   AC Servo Motors
More results

Similar Description - AS11P2TLR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AS21P2TLR STMICROELECTRONICS-AS21P2TLR Datasheet
436Kb / 22P
   Low voltage 0.5 廓 max dual single-pole double-throw analog switch with break-before-make
March 2014 Rev 1
STG5123 STMICROELECTRONICS-STG5123 Datasheet
493Kb / 18P
   Low voltage 1 廓 single SPDT switch with break-before-make feature
STG3159 STMICROELECTRONICS-STG3159 Datasheet
386Kb / 18P
   Low voltage 1廓 max single SPDT switch with break-before-make feature
STG3155 STMICROELECTRONICS-STG3155 Datasheet
383Kb / 18P
   Low voltage 0.5廓 Max single SPDT switch with break-before-make feature
STG3684 STMICROELECTRONICS-STG3684_05 Datasheet
562Kb / 11P
   LOW VOLTAGE 0.5廓 MAX DUAL SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699 STMICROELECTRONICS-STG3699_05 Datasheet
371Kb / 12P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3384 STMICROELECTRONICS-STG3384 Datasheet
131Kb / 12P
   Low voltage 0.9廓 max dual SPST switch with break before make feature
STG3689 STMICROELECTRONICS-STG3689 Datasheet
200Kb / 16P
   Low Voltage 0.9廓 max dual SPDT Switch with break-before-make feature
STG3690 STMICROELECTRONICS-STG3690_05 Datasheet
523Kb / 12P
   LOW VOLTAGE 5廓 MAX QUAD SPDT SWITCH WITH BREAK BEFORE MAKE FEATURE
STG3699A STMICROELECTRONICS-STG3699A_06 Datasheet
523Kb / 14P
   LOW VOLTAGE 0.5廓 MAX QUAD SPDT SWITCH WITH BREAK-BEFORE-MAKE FEATURE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com