Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE57600HD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # NE57600HD
Description  One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE57600HD Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button NE57600HD Datasheet HTML 2Page - NXP Semiconductors NE57600HD Datasheet HTML 3Page - NXP Semiconductors NE57600HD Datasheet HTML 4Page - NXP Semiconductors NE57600HD Datasheet HTML 5Page - NXP Semiconductors NE57600HD Datasheet HTML 6Page - NXP Semiconductors NE57600HD Datasheet HTML 7Page - NXP Semiconductors NE57600HD Datasheet HTML 8Page - NXP Semiconductors NE57600HD Datasheet HTML 9Page - NXP Semiconductors NE57600HD Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Philips Semiconductors
Product data
NE57600
One-cell Lithium-ion battery protection with
over/undercharge and overcurrent protection
2001 Oct 03
6
TECHNICAL DISCUSSION
Lithium Cell Safety
Lithium-ion and lithium-polymer cells have a higher energy density
than that of nickel-cadmium or nickel metal hydride cells and have a
much lighter weight. This makes the lithium cells attractive for use in
portable products. However, lithium cells require a protection circuit
within the battery pack because certain operating conditions can be
hazardous to the battery or the operator, if allowed to continue.
Lithium cells have a porous carbon or graphite anode where lithium
ions can lodge themselves in the pores. The lithium ions are
separated, which avoids the hazards of metallic lithium.
If the lithium cell is allowed to become overcharged, metallic lithium
plates out onto the surface of the anode and volatile gas is
generated within the cell. This creates a rapid-disassembly hazard
(the battery ruptures). If the cell is allowed to over-discharge (Vcell
less than approximately 2.3 V), then the copper metal from the
cathode goes into the electrolyte solution. This shortens the cycle
life of the cell, but presents no safety hazard. If the cell experiences
excessive charge or discharge currents, as happens if the wrong
charger is used, or if the terminals short circuit, the internal series
resistance of the cell creates heating and generates the volatile gas
which could rupture the battery.
The protection circuit continuously monitors the cell voltage for an
overcharged condition or an overdischarged condition. It also
continuously monitors the output for an overcurrent condition. If
any of these conditions are encountered, the protection circuit opens
a series MOSFET switch to terminate the abnormal condition. The
lithium cell protection circuit is placed within the battery pack very
close to the cell.
Charging control versus battery protection
The battery pack industry does not recommend using the pack’s
internal protection circuit to end the charging process. The external
battery charger should have a charge termination circuit in it, such
as that provided by the SA57611. This provides two levels of
overcharge protection, with the primary protection of the external
charge control circuit and the backup protection from the battery
pack’s protection circuit. The charge termination circuit will be set to
stop charging at a level around 50 mV less than the overvoltage
threshold voltage of the battery pack’s own protection circuit.
Lithium Cell Operating Characteristics
The internal resistance of lithium cells is in the 100 m
Ω range,
compared to the 5–20 m
Ω of the nickel-based batteries. This makes
the Lithium-ion and polymer cells better for lower battery current
applications (less than 1 ampere) as found in cellular and wireless
telephones, palmtop and laptop computers, etc.
The average operating voltage of a lithium-ion or polymer cell is
3.6 V as compared to the 1.2 V of NiCd and NiMH cells. The typical
discharge curve for Lithium cell is shown in Figure 6.
SL01553
100
50
2.0
3.0
4.0
NORMALIZED CELL CAPACITY (%)
VUV
VOV
Figure 6.
Lithium discharge curve.


Similar Part No. - NE57600HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE57605 PHILIPS-NE57605 Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57605CD PHILIPS-NE57605CD Datasheet
159Kb / 10P
   Lithium-ion Battery Protector for 3 or 4 cell battery packs
2001 Oct 03
NE57606 PHILIPS-NE57606 Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606CD PHILIPS-NE57606CD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
NE57606DD PHILIPS-NE57606DD Datasheet
127Kb / 12P
   2 to 4 cell redundant Lithium-ion overcharge monitor
2002 Oct 10
More results

Similar Description - NE57600HD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SA57608 PHILIPS-SA57608 Datasheet
111Kb / 10P
   One-cell Lithium-ion battery protection with over/undercharge and overcurrent protection
2003 Oct 29
NE57607 PHILIPS-NE57607 Datasheet
131Kb / 10P
   Two-cell Lithium-ion battery protection with overcurrent, over- and under-voltage protection
2001 Oct 03
logo
Analog Intergrations Co...
AIC1811 AIC-AIC1811 Datasheet
118Kb / 8P
   One-Cell Lithium-Ion Battery Protection IC
AIC1821 AIC-AIC1821 Datasheet
207Kb / 7P
   ONE-CELL LITHIUM-ION BATTERY PROTECTION IC
logo
Mitsumi Electronics, Co...
MM3280 MITSUMI-MM3280 Datasheet
65Kb / 5P
   One-cell lithium-ion/lithium-polymer battery protection IC
logo
Unisonic Technologies
UW01++ UTC-UW01+ Datasheet
233Kb / 11P
   ONE CELL LITHIUM-ION POLYMER BATTERY PROTECTION IC
logo
ACE Technology Co., LTD...
ACEDW01 ACE-ACEDW01 Datasheet
1Mb / 19P
   One Cell Lithium-ion/Polymer Battery Protection IC
VER 1.2
logo
Shenzhen Huazhimei Semi...
HM5436D HMSEMI-HM5436D Datasheet
2Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM9904G HMSEMI-HM9904G Datasheet
1Mb / 11P
   One Cell Lithium-ion/Polymer Battery Protection IC
HM5406 HMSEMI-HM5406 Datasheet
671Kb / 6P
   One Cell Lithium-ion/Polymer Battery Protection IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com