Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LG-020WK-DT-L1-P-N12-A01 Datasheet(PDF) 8 Page - LIGITEK electronics co., ltd.

Part # LG-020WK-DT-L1-P-N12-A01
Description  SURFACE MOUNT LED TAPE AND REEL
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGITEK [LIGITEK electronics co., ltd.]
Direct Link  http://www.ligitek.com
Logo LIGITEK - LIGITEK electronics co., ltd.

LG-020WK-DT-L1-P-N12-A01 Datasheet(HTML) 8 Page - LIGITEK electronics co., ltd.

Back Button LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 4Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 5Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 6Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 7Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 8Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 9Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 10Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 11Page - LIGITEK electronics co., ltd. LG-020WK-DT-L1-P-N12-A01 Datasheet HTML 12Page - LIGITEK electronics co., ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
1.0
Forward Current(mA)
Fig.4 Relative Intensity vs. Temperature
Ambient Temperature()
20
20
700
500
400
0
600
Wavelength (nm)
800
SPECTRAL RADIANCE
Fig.5 Luminous Spectrum(Ta=25)
60
40
100
80
80
0.9
Ambient Temperature()
-40
-20
0
0.8
20
40
60
1.0
1.1
0.0
0.5
100
-20
-40
0
2.0
1.0
1.5
2.5
Fig.3 Forward Voltage vs. Temperature
Forward Voltage(V)
1.2
1.0
2.0
1
0 1
3.0
4.0
3.0
0.5
0.0
5.0
1
10
100
40
80
60
1000
100
Fig.2 Relative Intensity vs. Forward Current
LIGITEK ELECTRONICS CO.,LTD.
Property of Ligitek Only
WK CHIP
Typical Electro-Optical Characteristics Curve
Fig.1 Forward current vs. Forward Voltage
1000
10
100
3.0
2.5
2.0
1.5
-30
10
0
20
-20
0
-10
10
40
30
20
50 60 70
90
80
100
Ambient Temperature Ta ()
30
40
50
60
70
80
Fig.6 Forward Current vs. Temperature
Page 7/13
PART NO. LG-020WK-DT-L1-P-N12-A01


Similar Part No. - LG-020WK-DT-L1-P-N12-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
LG-020WK-DT-A01 LIGITEK-LG-020WK-DT-A01 Datasheet
178Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LG-020WK-DT-J LIGITEK-LG-020WK-DT-J Datasheet
200Kb / 14P
   LED SMD
LG-020WK-DT-J-N1 LIGITEK-LG-020WK-DT-J-N1 Datasheet
200Kb / 14P
   LED SMD
LG-020WK-DT-J-N12 LIGITEK-LG-020WK-DT-J-N12 Datasheet
202Kb / 14P
   LED SMD
LG-020WK-DT-N12 LIGITEK-LG-020WK-DT-N12 Datasheet
206Kb / 14P
   LED SMD
More results

Similar Description - LG-020WK-DT-L1-P-N12-A01

ManufacturerPart #DatasheetDescription
logo
LIGITEK electronics co....
L3WK9Q53-T150-TR1-WW-A02 LIGITEK-L3WK9Q53-T150-TR1-WW-A02 Datasheet
400Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
LDGM9553-TR1-A01 LIGITEK-LDGM9553-TR1-A01 Datasheet
342Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
LDUV9553Z-TR1 LIGITEK-LDUV9553Z-TR1 Datasheet
402Kb / 12P
   SURFACE MOUNT LED TAPE AND REEL
L3DGM5050-TR1 LIGITEK-L3DGM5050-TR1 Datasheet
258Kb / 11P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-CW-A01 LIGITEK-L3WK9Q53-T150-TR1-CW-A01 Datasheet
285Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-T150-TR1-NW-A01 LIGITEK-L3WK9Q53-T150-TR1-NW-A01 Datasheet
417Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW LIGITEK-L3WK9Q53-TR1-P-WW Datasheet
234Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-P-WW-A01 LIGITEK-L3WK9Q53-TR1-P-WW-A01 Datasheet
232Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L3WK9Q53-TR1-WW LIGITEK-L3WK9Q53-TR1-WW Datasheet
406Kb / 14P
   SURFACE MOUNT LED TAPE AND REEL
L9SEFWK9553 LIGITEK-L9SEFWK9553 Datasheet
352Kb / 15P
   SURFACE MOUNT LED TAPE AND REEL
LDBK9UG9553-R9-B01 LIGITEK-LDBK9UG9553-R9-B01 Datasheet
314Kb / 13P
   SURFACE MOUNT LED TAPE AND REEL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com