Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PS-12G01 Datasheet(PDF) 10 Page - C&K Components

Part # PS-12G01
Description  Latching pushbutton
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

PS-12G01 Datasheet(HTML) 10 Page - C&K Components

Back Button PS-12G01 Datasheet HTML 6Page - C&K Components PS-12G01 Datasheet HTML 7Page - C&K Components PS-12G01 Datasheet HTML 8Page - C&K Components PS-12G01 Datasheet HTML 9Page - C&K Components PS-12G01 Datasheet HTML 10Page - C&K Components PS-12G01 Datasheet HTML 11Page - C&K Components PS-12G01 Datasheet HTML 12Page - C&K Components PS-12G01 Datasheet HTML 13Page - C&K Components PS-12G01 Datasheet HTML 14Page - C&K Components Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
2
1
4-Ø1.1
12-Ø0.8
PIERCING PLAN
SCHEMATIC
13.2
2
22
2
2
4P - 2T
0.8
5.6
2.5
13.2
COMAX
22
2
22
0.5
0.4
0.4
14.4
6
2
2
6
R0.8
TRAVEL
2
A-144
Dimensions are
shown: mm
Specifications and dimensions subject to
change
www.ck-components.com
A
PS Series
Miniature Pushbutton Switches
PS-42D13-NS 4P2T NON-SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 250 ± 100 gf (2.45 ± 0.98N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT: Silver plated
SPRING: Steel
TERMINAL: Silver plated
SCHEMATIC
PIERCING PLAN
K1
K2
K1
K2
1.5
1
R0.5
R0.3
R0.5
1
R0.3
1.5
2
1
4-Ø1.55
12-Ø0.8
2
13
2
2
2
2
0.4
2.5
6
0.4
TRAVEL
13
2
22
22
COMAX
0.5
2
2
14
6
2
K1 DETAIL 2 : 1
R0.75
K2 DETAIL 2 : 1
4P - 2T
PS-42D16-S 4P2T SHORTING
Specifications
CONTACT RATING: 0.3A @ 30 VDC
INITIAL CONTACT RESISTANCE: 30 m ohms max.
INSULATION RESISTANCE: 100 M ohms min.
DIELECTRIC STRENGTH: 500 V AC (50-60 Hz) between open
terminals and between the frame and terminal.
OPERATING LIFE: 10,000 cycles with load
OPERATING FORCE: 60 ± 30 gf (0.59 ± 0.29N)
TRAVEL: 2 ± 0.3 mm
OPERATING TEMPERATURE: -20˚C to 70˚C
Materials
FRAME: SPCC
KNOB: POM (UL 94HB)
CONTACT: Silver plated
TERMINAL: Silver plated


Similar Part No. - PS-12G01

ManufacturerPart #DatasheetDescription
logo
C&K Components
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
559Kb / 16P
   Pushbutton Switches
PS-12G01 CK-COMPONENTS-PS-12G01 Datasheet
888Kb / 8P
   Pushbutton Switches
28 Nov 22
More results

Similar Description - PS-12G01

ManufacturerPart #DatasheetDescription
logo
E-SWITCH
700C E-SWITCH-700C Datasheet
503Kb / 3P
   PUSHBUTTON SWITCHES - LATCHING
logo
GREATECS
PB66 GREATECS-PB66 Datasheet
725Kb / 3P
   Illuminated Latching Pushbutton Switches
logo
ITT Industries
ELUMOATHQC02 ITT-ELUMOATHQC02 Datasheet
310Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUM CK-COMPONENTS-ELUM_V01 Datasheet
578Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
ITT Industries
ELUMQATHQC02 ITT-ELUMQATHQC02 Datasheet
275Kb / 4P
   Right Angle Illuminated Latching Pushbutton
logo
C&K Components
ELUMEESAQ7C12 CK-COMPONENTS-ELUMEESAQ7C12 Datasheet
303Kb / 5P
   Right Angle Illuminated Latching Pushbutton
logo
List of Unclassifed Man...
IZPR3P422 ETC2-IZPR3P422 Datasheet
489Kb / 13P
   Rear mounted sealed pushbutton switches - bushing 횠 16 - metal - latching
logo
Schneider Electric
ZB4BS844 SCHNEIDER-ZB4BS844 Datasheet
132Kb / 8P
   red 횠40 Emergency stop pushbutton head 횠22 trigger and latching turn release
logo
Hongfa Technology
HFE9 HONGFA-HFE9_17 Datasheet
63Kb / 3P
   Latching relay
logo
Adam Technologies, Inc.
MHR-XX-VUAS-SMT-MP ADAM-TECH-MHR-XX-VUAS-SMT-MP Datasheet
96Kb / 1P
   LATCHING HEDAER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com