Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NSE10DH129 Datasheet(PDF) 1 Page - C&K Components

Part # NSE10DH129
Description  Self clinching terminals
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

NSE10DH129 Datasheet(HTML) 1 Page - C&K Components

  NSE10DH129 Datasheet HTML 1Page - C&K Components NSE10DH129 Datasheet HTML 2Page - C&K Components NSE10DH129 Datasheet HTML 3Page - C&K Components NSE10DH129 Datasheet HTML 4Page - C&K Components NSE10DH129 Datasheet HTML 5Page - C&K Components NSE10DH129 Datasheet HTML 6Page - C&K Components NSE10DH129 Datasheet HTML 7Page - C&K Components NSE10DH129 Datasheet HTML 8Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C
Dimensions are shown: mm (inch)
Dimensions subject to change
www.ittcannon.com
1
NSE10 Series
Navigation Switch Encoders
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Features/Benefits
Reduced size 10 mm
Hollow shaft
Self clinching terminals
Positive detent feeling
Typical Applications
Audio / Video equipment
Navigation systems
Computer peripherals
Electrical
MAXIMUM VOLTAGE: 5 VDC.
CURRENT DC: 1 mA
DIELECTRIC STRENGTH: 50 VAC.
INSULATION RESISTANCE: 50 M
Ω min / 50 VDC.
BOUNCE TIME:
≤ 5 ms
Environmental
OPERATING TEMPERATURE: -5˚C to +45˚C.
STORAGE TEMPERATURE: -15˚C to +65˚C.
Process
SOLDERING PROCESS:
Manual soldering 300˚C max., 3s max.
Wave soldering 260˚C max., 3s max.
No cleaning.
Mechanical
NUMBER OF DETENT: 24
DETENT TORQUE: 5 ± 3 mN.m
ROTATIONAL ANGLE: 360˚ endless.
ROTATIONAL LIFE: 100,000 cycles (1 cycle: 360˚ CW + 360˚ CCW).
Construction
FUNCTION: Incremental signal.
CONTACT ARRANGEMENT: Phase difference output of two signal
A and B.
TERMINAL: PC pin.
Number
Number
Detent
Mounting
of Pulse
of Detent
Torque
Height
Designation
12
24
5mN.m
7
NSE10DH127
12
24
5mN.m
9
NSE10DH129
12
24
5mN.m
11
NSE10DH1211
How To Order
Our easy build-a-switch concept allows you to mix and match options to create the switch you need. To order, select desired
option from each category and place it in the appropriate box.
Detent
D With detent
Appearance Type
H Horizontal axis
N
S
E
D
2
H
1
Pulse Number
12 12
Axis Height
7 7 mm
9 9 mm
11 11 mm
1
0


Similar Part No. - NSE10DH129

ManufacturerPart #DatasheetDescription
logo
ITT Industries
NSE10DH129 ITT-NSE10DH129 Datasheet
256Kb / 8P
   Navigation Switch Encoders
More results

Similar Description - NSE10DH129

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
970200487300 ETC-970200487300 Datasheet
1Mb / 12P
   SELF-CLINCHING STANDOFFS
5/13/20
FHA-M3-10 ETC-FHA-M3-10 Datasheet
5Mb / 36P
   SELF-CLINCHING STUDS AND PINS
BN20599 ETC-BN20599 Datasheet
189Kb / 3P
   Self-clinching nuts for metallic materials
TDS ETC-TDS Datasheet
1Mb / 6P
   SELF-CLINCHING TY-D® CABLE TIE-MOUNTS
BS-M4-2 ETC-BS-M4-2 Datasheet
877Kb / 4P
   PEM짰 self-clinching blind fasteners are used in applications requiring closed thread ends.
8/31/18
logo
Alcoa international inc...
99-999 ALCOA-99-999 Datasheet
162Kb / 2P
   Non Self-releasing; Self-ejecting
99-1000 ALCOA-99-1000 Datasheet
150Kb / 2P
   Non Self-releasing, Self-ejecting
99-3220 ALCOA-99-3220 Datasheet
105Kb / 2P
   Non-self-releasing; Self-ejecting
99-3206 ALCOA-99-3206 Datasheet
200Kb / 2P
   Non-self-releasing; Self-ejecting
99-3201 ALCOA-99-3201 Datasheet
567Kb / 2P
   Non-self-releasing; Self-ejecting
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com