Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMR742NGULCLFS Datasheet(PDF) 1 Page - C&K Components

Part # KMR742NGULCLFS
Description  Ultra low current capabilities
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR742NGULCLFS Datasheet(HTML) 1 Page - C&K Components

  KMR742NGULCLFS Datasheet HTML 1Page - C&K Components KMR742NGULCLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Contact Material
1 Silver
2 Silver long life
3 Gold
* Silver long life is available in 3N and 4N actuation force. For other versions, please contact Customer Service.
B–116
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
Features/Benefits
Watertight IP67
Standard and long life versions
No ground pin
Ultra low current capabilities
Excellent tactile feel
KMR 7 Series
Microminiature SMT Top Actuated IP67
Typical Applications
Automotive
Medical
Consumer
Industrial
Electrical
Silver
Gold
MAXIMUM POWER:
1 VA
0.2 VA
MAXIMUM VOLTAGE:
32 VDC
32 VDC
MINIMUM VOLTAGE:
20 mVDC
20 mVDC
MAXIMUM CURRENT:
50 mA
10 mA
MINIMUM CURRENT:
1 mA*
1 mA*
DIELECTRIC STRENGTH:
≥ 250 Vrms
CONTACT RESISTANCE:
≤ 100 mΩ
INSULATION RESISTANCE:
≥ 1GΩ
BOUNCE TIME:
≤ 3 ms
*For ULC version minimum current is 1µA at 1.8 VDC
Environmental
Silver
Gold
OPERATING TEMPERATURE:
-40˚C to 85˚C
-40˚C to 125˚C
STORAGE TEMPERATURE:
-55˚C to 85˚C
-55˚C to 125˚C
Process
Infrared Reflow Soldering in accordance with IEC61760-1
Packaging
In reels of 6,000 pieces
External diameter 330 mm ± 2 mm
NOTE: Specifications listed above are for switches with standard options.
For information on specific and custom switches, consult Customer Service Center.
Specification
FUNCTION: momentary action
CONTACT ARRANGEMENT: 1 make contact = SPST, N.O.
TERMINALS: Gullwing type for SMT
Mechanical
Total height
7 2,5 mm
LFS Lead free compatible, silver plated
LFG Lead free compatible, gold plated
Actuation Force
1 1.2 N (120 grams)
2 2 N (200 grams)
3 3 N (300 grams)
4 4 N (400 grams)
K
M
R
N
G
7
Grounding option
NG No Ground pin
Low Current capability
Void Under standard specification
ULC Low current
Part Number Description
For any part number different from those listed above, please consult your local representative.
TACTILE FEELING:
KMR 7 series with actuation force in 2N - 3N - 4N:
≥ 25%
KMR 7 series with actuation force in 1.2N:
≥ 20%
Type NG
See description
below
Operating
force
N (grs)
Operating
life
(cycles)
Travel (mm)
KMR711NG LFS
1.2 (120) ± 0.30
100,000
0.20 mm ± 0.1
KMR711NG ULC LFS
1.2 (120) ± 0.30
100,000
0.20 mm ± 0.1
KMR713NG LFG
1.2 (120) ± 0.30
100,000
0.20 mm ± 0.1
KMR713NG ULC LFG
1.2 (120) ± 0.30
100,000
0.20 mm ± 0.1
KMR721NG LFS
2.0 (200) ± 0.50
100,000
0.25 mm ± 0.1
KMR721NG ULC LFS
2.0 (200) ± 0.50
100,000
0.25 mm ± 0.1
KMR723NG LFG
2.0 (200) ± 0.50
100,000
0.25 mm ± 0.1
KMR723NG ULC LFG
2.0 (200) ± 0.50
100,000
0.25 mm ± 0.1
KMR731NG LFS
3.0 (300) ± 0.75
100,000
0.25 mm ± 0.1
KMR731NG ULC LFS
3.0 (300) ± 0.75
100,000
0.25 mm ± 0.1
KMR732NG LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR732NG ULC LFS
3.0 (300) ± 0.75
300,000
0.25 mm ± 0.1
KMR733NG LFG
3.0 (300) ± 0.75
100,000
0.25 mm ± 0.1
KMR733NG ULC LFG
3.0 (300) ± 0.75
100,000
0.25 mm ± 0.1
KMR741NG LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR741NG ULC LFS
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR742NG LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR742NG ULC LFS
4.0 (400) ± 1.00
200,000
0.30 mm ± 0.1
KMR743NG LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1
KMR743NG ULC LFG
4.0 (400) ± 1.00
100,000
0.30 mm ± 0.1


Similar Part No. - KMR742NGULCLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR731NG CK-COMPONENTS-KMR731NG Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR731NGLFS CK-COMPONENTS-KMR731NGLFS Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR7 CK-COMPONENTS-KMR7_V01 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
More results

Similar Description - KMR742NGULCLFS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
   Ultra-High Ripple Capabilities
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
   High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
   High surge current capabilities
Revision: 13-May-15
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
   Ultra-High Ripple Capabilities
logo
EUROQUARTZ limited
EM64K EUROQUARTZ-EM64K Datasheet
121Kb / 1P
   ULTRA-LOW CURRENT
EM44K EUROQUARTZ-EM44K Datasheet
106Kb / 1P
   ULTRA-LOW CURRENT
EM8K EUROQUARTZ-EM8K Datasheet
100Kb / 1P
   ULTRA-LOW CURRENT
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
EM62K EUROQUARTZ-EM62K Datasheet
122Kb / 1P
   ULTRA-LOW CURRENT
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com