Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KMR711NGLFS Datasheet(PDF) 2 Page - C&K Components

Part # KMR711NGLFS
Description  Ultra low current capabilities
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CK-COMPONENTS [C&K Components]
Direct Link  http://www.ck-components.com
Logo CK-COMPONENTS - C&K Components

KMR711NGLFS Datasheet(HTML) 2 Page - C&K Components

  KMR711NGLFS Datasheet HTML 1Page - C&K Components KMR711NGLFS Datasheet HTML 2Page - C&K Components  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
B–117
Dimensions are shown: mm
Specifications and dimensions subject to change
www.ck-components.com
B
26 may 16
2,11
5
1,7
3,2
4,6
4,2
B
B
A
A
ø
GROUND TERMINAL
2,75 ± 0,1
0,292 ± 0,02
3,03 ± 0,1
4 ± 0,1
2 ± 0,05
1,5 ± 0,1
60 max
SECTION A-A
DE-REELING DIRECTION
OUT OF THE TAPE
60 max
KMR 7 Series
Microminiature SMT Top Actuated IP67
TAPE & REEL
KMR 7 Series - 2.5 mm height
PCB layout shown with ground pin option


Similar Part No. - KMR711NGLFS

ManufacturerPart #DatasheetDescription
logo
C&K Components
KMR7 CK-COMPONENTS-KMR7 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR731NG CK-COMPONENTS-KMR731NG Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR731NGLFS CK-COMPONENTS-KMR731NGLFS Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
KMR7 CK-COMPONENTS-KMR7_V01 Datasheet
169Kb / 2P
   Microminiature SMT Top Actuated IP67
24 Aug 21
More results

Similar Description - KMR711NGLFS

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
381LR CDE-381LR_14 Datasheet
900Kb / 6P
   Ultra-High Ripple Capabilities
logo
Vishay Siliconix
VS-400U VISHAY-VS-400U Datasheet
167Kb / 7P
   High surge current capabilities
Revision: 25-Nov-13
VS-301U VISHAY-VS-301U Datasheet
421Kb / 12P
   High surge current capabilities
Revision: 13-May-15
logo
Cornell Dubilier Electr...
381LR681M200J032 CDE-381LR681M200J032 Datasheet
457Kb / 6P
   Ultra-High Ripple Capabilities
logo
EUROQUARTZ limited
EM64K EUROQUARTZ-EM64K Datasheet
121Kb / 1P
   ULTRA-LOW CURRENT
EM44K EUROQUARTZ-EM44K Datasheet
106Kb / 1P
   ULTRA-LOW CURRENT
EM8K EUROQUARTZ-EM8K Datasheet
100Kb / 1P
   ULTRA-LOW CURRENT
EM57K EUROQUARTZ-EM57K Datasheet
136Kb / 1P
   ULTRA-LOW CURRENT
EM62K EUROQUARTZ-EM62K Datasheet
122Kb / 1P
   ULTRA-LOW CURRENT
logo
Texas Instruments
LMC6001-MIL TI1-LMC6001-MIL Datasheet
527Kb / 18P
[Old version datasheet]   Ultra, Ultra-Low Input Current Amplifier
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com