Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MUBW35-12A7 Datasheet(PDF) 3 Page - IXYS Corporation

Part # MUBW35-12A7
Description  Converter - Brake - Inverter Module (CBI2)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

MUBW35-12A7 Datasheet(HTML) 3 Page - IXYS Corporation

  MUBW35-12A7 Datasheet HTML 1Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 2Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 3Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 4Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 5Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 6Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 7Page - IXYS Corporation MUBW35-12A7 Datasheet HTML 8Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
© 2000 IXYS All rights reserved
3 - 8
MUBW 35-12 A7
Brake Chopper T7
Symbol
Conditions
Maximum Ratings
V
CES
T
VJ = 25°C to 150°C
1200
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C =
25°C35
A
I
C80
T
C =
80°C25
A
RBSOA
V
GE = ±15 V; RG = 82 W; TVJ = 125°CICM =
35
A
Clamped inductive load; L = 100 µH
V
CEK
£ V
CES
t
SC
V
CE = VCES; VGE = ±15 V; RG = 82 W; TVJ = 125°C10
µs
(SCSOA)
non-repetitive
P
tot
T
C = 25°C
180
W
Symbol
Conditions
Characteristic Values
(T
VJ = 25°C, unless otherwise specified)
min.
typ.
max.
V
CE(sat)
I
C = 20 A; VGE = 15 V; TVJ =
25°C2.3
3
V
T
VJ = 125°C2.6
V
V
GE(th)
I
C = 0.6 mA; VGE = VCE
4.5
6.5
V
I
CES
V
CE = VCES; VGE = 0 V; TVJ =
25°C0.8
mA
T
VJ = 125°C0.8
mA
I
GES
V
CE = 0 V; VGE = ± 20 V
200
nA
t
d(on)
100
ns
t
r
75
ns
t
d(off)
500
ns
t
f
70
ns
E
on
3.1
mJ
E
off
2.4
mJ
C
ies
V
CE = 25 V; VGE = 0 V; f
= 1 MH z
1000
pF
Q
Gon
V
CE = 600V; VGE = 15 V; IC = 20 A
70
nC
R
thJC
0.7 K/W
Brake Chopper D7
Symbol
Conditions
Maximum Ratings
V
RRM
T
VJ = 25°C to 150°C
1200
V
I
F25
T
C =
25°C16
A
I
F80
T
C =
80°C11
A
Symbol
Conditions
Characteristic Values
min.
typ.
max.
V
F
I
F = 20 A; TVJ =
25°C3.6
V
T
VJ = 125°C2.6
V
I
R
V
R = VRRM; TVJ =
25°C
0.06
mA
T
VJ = 125°C
0.07
mA
I
RM
I
F = 20 A; diF/dt = -400 A/µs; TVJ = 125°C13
A
t
rr
V
R = 600 V
110
ns
R
thJC
3.2 K/W
Inductive load, T
VJ = 125°C
V
CE = 600 V; IC = 20 A
V
GE =
±15 V; R
G = 82 W


Similar Part No. - MUBW35-12A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW35-12A8 IXYS-MUBW35-12A8 Datasheet
111Kb / 4P
   Converter - Brake - Inverter Module
More results

Similar Description - MUBW35-12A7

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
MUBW10-12 IXYS-MUBW10-12 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW20-06A7 IXYS-MUBW20-06A7 Datasheet
189Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
L321 IXYS-L321 Datasheet
192Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
MUBW50-06A7 IXYS-MUBW50-06A7 Datasheet
190Kb / 8P
   Converter - Brake - Inverter Module(CBI2)
MUBW30-06A7 IXYS-MUBW30-06A7 Datasheet
191Kb / 8P
   Converter - Brake - Inverter Module (CBI2)
logo
Powersem GmbH
PSIPM10006 POWERSEM-PSIPM10006 Datasheet
732Kb / 4P
   Converter - Brake - Inverter Module
PSIPM50-06 POWERSEM-PSIPM50-06 Datasheet
735Kb / 4P
   Converter - Brake - Inverter Module
PSIPM30-06 POWERSEM-PSIPM30-06 Datasheet
729Kb / 4P
   Converter - Brake - Inverter Module
logo
IXYS Corporation
MUBW25-06A6 IXYS-MUBW25-06A6 Datasheet
213Kb / 8P
   Converter - Brake - Inverter Module
MUBW35-06A6K IXYS-MUBW35-06A6K Datasheet
124Kb / 4P
   Converter - Brake - Inverter Module
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com