Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BA158S-2C1A-2CA-405 Datasheet(PDF) 2 Page - Nanjing International Group Co

Part # BA158S-2C1A-2CA-405
Description  1.0 AMP FAST RECOVERY RECTIFIERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DGNJDZ [Nanjing International Group Co]
Direct Link  http://www.dgnjdz.com/
Logo DGNJDZ - Nanjing International Group Co

BA158S-2C1A-2CA-405 Datasheet(HTML) 2 Page - Nanjing International Group Co

  BA158S-2C1A-2CA-405 Datasheet HTML 1Page - Nanjing International Group Co BA158S-2C1A-2CA-405 Datasheet HTML 2Page - Nanjing International Group Co  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.1
1.0
.01
10
50
RATING AND CHARACTERISTIC CURVES (
BA157S THRU BA159S)
FIG.1-TYPICAL FORWARD
CHARACTERISTICS
FIG.2-TYPICAL FORWARD CURRENT DERATING CURVE
FIG.5-TYPICAL JUNCTION CAPACITANCE
REVERSE VOLTAGE,(V)
FORWARD VOLTAGE,(V)
Pulse Width 300us
1% Duty Cycle
0.2
0.4
0.6
0.8
1.0
1.2
35
30
25
20
15
10
5
0
IFM 1.0
0
IRM(REC) 2.0
1cm
SET TIME BASE FOR
50 / 100ns / cm
.01
.05
.1
.5
1
5
10
50
100
.6
.8
1.0
1.2
1.4
1.6
1.8
2.0
3.0
AMBIENT TEMPERATURE ( C)
FIG.3- TEST CIRCUIT DIAGRAM AND REVERSE
RECOVERY TIME CHARACTERISTICS
W
W
W
W
W
Tj=25 C
FIG.4-MAXIMUM NON-REPETITIVE FORWARD
SURGE CURRENT
1
2
0
2
4
3
6
4
8
60
NUMBER OF CYCLES AT 60Hz
1
10
5
50
100
Tj=25 C
8.3ms Single Half
Sine Wave
JEDEC method
0
20
40
60
80
100
120
140
160
180
200
Single Phase
Half Wave 60Hz
Resistive Or Inductive Load
0.375"(9.5mm) Lead Length
10K
2W
115Va
60Hz
1
2
3
4
8
7
6
5
C P CLARE
HPG1002
30Vdc
CONSTANT VOLTAGE
SUPPLY
C1
1.0mF
300V
C1
1.0mF
300V
1.0Adc FROM
CONSTANT
VOLTAGE SUPPLY
RIPPLE=3mVrms MAX.
1 AMP
SLO-BLO
FUSE
R1
3
25W
R2
1 /10W
NON-
INDUCTIVE
UNIT
UNDER TEST
30 /50W
NON-INDUCTIVE
Zout 1 /
MAX.
DC To 2KHz
1
2
MINIMIZE ALL LEAD LENGTHS
A
A-TEKTRONIX 545A. K PLUG IN
R2- TEN 1W 10 1% CARBON CORE
PRE AMP P6000 PROBE OR EQUIVALENT
IN PARALLEL
R1- ADJUSTED FOR 14 BETWEEN
POINT 2 OF RELAY AND RECTIFIER
TA= 25
C FOR RECTIFIER
INDUCTIVE=3.8mH
+10
0
trr
i(t)
di/dt=50A/mS
Version 1.1
2013/2/27
http://www.dgnjdz.com


Similar Part No. - BA158S-2C1A-2CA-405

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
BA158S LUGUANG-BA158S Datasheet
1Mb / 2P
   Fast Recovery Rectifiers
More results

Similar Description - BA158S-2C1A-2CA-405

ManufacturerPart #DatasheetDescription
logo
Bytes
BA157 BYTES-BA157 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
FR101 BYTES-FR101 Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
RL101F BYTES-RL101F Datasheet
152Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Taiwan Semiconductor Co...
F1T1 TSC-F1T1_10 Datasheet
526Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
F1T1 TSC-F1T1_1 Datasheet
247Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
FR101 TSC-FR101_1 Datasheet
262Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Goodwork Semiconductor ...
1F1 GWSEMI-1F1 Datasheet
67Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Nanjing International G...
1N4942 DGNJDZ-1N4942 Datasheet
219Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
BA157-2C1A-2CDO-41 DGNJDZ-BA157-2C1A-2CDO-41 Datasheet
212Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
1F1 DGNJDZ-1F1 Datasheet
139Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
logo
Formosa MS
1N4933 FORMOSA-1N4933 Datasheet
38Kb / 2P
   1.0 AMP FAST RECOVERY RECTIFIERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com