Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMD80R1K2PRH Datasheet(PDF) 9 Page - MagnaChip Semiconductor.

Part # MMD80R1K2PRH
Description  800V 1.2(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMD80R1K2PRH Datasheet(HTML) 9 Page - MagnaChip Semiconductor.

Back Button MMD80R1K2PRH Datasheet HTML 2Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 3Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 4Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 5Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 6Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 7Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 8Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 9Page - MagnaChip Semiconductor. MMD80R1K2PRH Datasheet HTML 10Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
MMD80R1K2P Final Datasheet
Dec. 2015 Revision 1.0
MagnaChip Semiconductor Ltd.
9
 Physical Dimension
TO-252 (D-PAK) , 3L
Dimensions are in millimeters unless otherwise specified


Similar Part No. - MMD80R1K2PRH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMD80R1K2PRH ISC-MMD80R1K2PRH Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMD80R1K2PRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMD80R900P MGCHIP-MMD80R900P Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMF80R900PC MGCHIP-MMF80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMD80R900PC MGCHIP-MMD80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMF80R650P MGCHIP-MMF80R650P Datasheet
1Mb / 10P
   800V 0.65(ohm) N-channel MOSFET
MMF80R900P MGCHIP-MMF80R900P Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MMP80R900PC MGCHIP-MMP80R900PC Datasheet
1Mb / 10P
   800V 0.9(ohm) N-channel MOSFET
MME80R290P MGCHIP-MME80R290P Datasheet
1Mb / 10P
   800V 0.29(ohm) N-channel MOSFET
MMF80R450P MGCHIP-MMF80R450P Datasheet
1Mb / 10P
   800V 0.45(ohm) N-channel MOSFET
logo
Fairchild Semiconductor
FQB3N80 FAIRCHILD-FQB3N80 Datasheet
661Kb / 9P
   800V N-Channel MOSFET
FQP2N80 FAIRCHILD-FQP2N80 Datasheet
649Kb / 8P
   800V N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com