Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MMD60R360QRH Datasheet(PDF) 4 Page - MagnaChip Semiconductor.

Part # MMD60R360QRH
Description  600V 0.36(ohm) N-channel MOSFET
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MMD60R360QRH Datasheet(HTML) 4 Page - MagnaChip Semiconductor.

  MMD60R360QRH Datasheet HTML 1Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 2Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 3Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 4Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 5Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 6Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 7Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 8Page - MagnaChip Semiconductor. MMD60R360QRH Datasheet HTML 9Page - MagnaChip Semiconductor. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
MMD60R360Q Datasheet
Mar. 2016 Revision 1.0
MagnaChip Semiconductor Ltd.
4
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Condition
Continuous Diode Forward
Current
ISD
-
-
11
A
Diode Forward Voltage
VSD
-
-
1.4
V
ISD = 11A, VGS = 0V
Reverse Recovery Time
trr
-
218
-
ns
ISD = 11A
di/dt = 100
A/μs
VDD = 100V
Reverse Recovery Charge
Qrr
-
2
-
μC
Reverse Recovery Current
Irrm
-
20
-
A
 Reverse Diode Characteristics (T
c=25℃ unless otherwise specified)


Similar Part No. - MMD60R360QRH

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
MMD60R360QRH ISC-MMD60R360QRH Datasheet
353Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - MMD60R360QRH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MMF60R360Q MGCHIP-MMF60R360Q Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
MMP60R360P MGCHIP-MMP60R360P Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
MMF60R360P MGCHIP-MMF60R360P Datasheet
1Mb / 10P
   600V 0.36(ohm) N-channel MOSFET
MMFT60R290P MGCHIP-MMFT60R290P Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMFT60R290PC MGCHIP-MMFT60R290PC Datasheet
1Mb / 10P
   600V 0.29(ohm) N-channel MOSFET
MMQ60R070P MGCHIP-MMQ60R070P Datasheet
1Mb / 10P
   600V 0.07(ohm) N-channel MOSFET
MMD60R900P MGCHIP-MMD60R900P Datasheet
1Mb / 10P
   600V 0.9(ohm) N-channel MOSFET
MMD60R580PB MGCHIP-MMD60R580PB Datasheet
1Mb / 10P
   600V 0.58(ohm) N-channel MOSFET
MMFT60R380P MGCHIP-MMFT60R380P Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
MMP60R380PC MGCHIP-MMP60R380PC Datasheet
1Mb / 10P
   600V 0.38(ohm) N-channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com