Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPXV2053DP Datasheet(PDF) 5 Page - Motorola, Inc

Part # MPXV2053DP
Description  50 KPA ON CHIP TEMPERATURE COMPENSATED CALIBRATED SILICON PRESSURE SENSORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MPXV2053DP Datasheet(HTML) 5 Page - Motorola, Inc

  MPXV2053DP Datasheet HTML 1Page - Motorola, Inc MPXV2053DP Datasheet HTML 2Page - Motorola, Inc MPXV2053DP Datasheet HTML 3Page - Motorola, Inc MPXV2053DP Datasheet HTML 4Page - Motorola, Inc MPXV2053DP Datasheet HTML 5Page - Motorola, Inc MPXV2053DP Datasheet HTML 6Page - Motorola, Inc MPXV2053DP Datasheet HTML 7Page - Motorola, Inc MPXV2053DP Datasheet HTML 8Page - Motorola, Inc MPXV2053DP Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
MPX2053 MPXV2053G SERIES
5
Motorola Sensor Device Data
SMALL OUTLINE PACKAGE DIMENSIONS
CASE 1369–01
ISSUE O
D
E
e/2
N
e
A
M
0.004 (0.1)
B
C
A
E1
A
B
C
0.004 (0.1)
A
0.008 (0.20)
B
C
8X b
2 PLACES 4 TIPS
DETAIL G
SEATING
PLANE
8X
P
1
4
8
5
NOTES:
1. CONTROLLING DIMENSION: INCH.
2. INTERPRET DIMENSIONS AND TOLERANCES PER
ASME Y14.5M-1994.
3. DIMENSIONS "D" AND "E1" DO NOT INCLUDE MOLD
FLASH OR PROTRUSIONS. MOLD FLASH OR
PROTRUSIONS SHALL NOT EXCEED 0.006 (0.152)
PER SIDE.
4. DIMENSION "b" DOES NOT INCLUDE DAMBAR
PROTRUSION. ALLOWABLE DAMBAR PROTRUSION
SHALL BE 0.008 (0.203) MAXIMUM.
DIM
A
MIN
MAX
MIN
MAX
MILLIMETERS
0.300
0.330
7.11
7.62
INCHES
A1
0.002
0.010
0.05
0.25
b
0.038
0.042
0.96
1.07
D
0.465
0.485
11.81
12.32
E
E1
0.465
0.485
11.81
12.32
e
M
0.270
0.290
6.86
7.36
N
0.080
0.090
2.03
2.28
P
0.009
0.011
0.23
0.28
T
0.115
0.125
2.92
3.17
0.100 BSC
2.54 BSC
F
0.245
0.255
6.22
6.47
K
0.120
0.130
3.05
3.30
L
0.061
0.071
1.55
1.80
F
K
M
GAGE
DETAIL G
L
A1
θ
.014 (0.35)
PLANE
0
7
0
7
°°
°°
θ
T
0.717 BSC
18.21 BSC


Similar Part No. - MPXV2053DP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPXV2053DP MOTOROLA-MPXV2053DP Datasheet
6Mb / 670P
   Sensor
logo
Freescale Semiconductor...
MPXV2053DP FREESCALE-MPXV2053DP Datasheet
352Kb / 13P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPXV2053DP FREESCALE-MPXV2053DP Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2053DP FREESCALE-MPXV2053DP Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPXV2053DP NXP-MPXV2053DP Datasheet
377Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2012
More results

Similar Description - MPXV2053DP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPXM2053 FREESCALE-MPXM2053 Datasheet
129Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Motorola, Inc
MPX2050GP MOTOROLA-MPX2050GP Datasheet
130Kb / 8P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
logo
Freescale Semiconductor...
MPX2053 FREESCALE-MPX2053 Datasheet
352Kb / 13P
   50 kPa On-Chip Temperature Compensated & Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_08 Datasheet
388Kb / 19P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPX2053 FREESCALE-MPX2053_12 Datasheet
310Kb / 17P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
logo
NXP Semiconductors
MPX2050 NXP-MPX2050 Datasheet
167Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
Rev 9, 10/2008
logo
Freescale Semiconductor...
MPX2050 FREESCALE-MPX2050_08 Datasheet
127Kb / 9P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G_09 Datasheet
113Kb / 7P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXV2050 FREESCALE-MPXV2050 Datasheet
139Kb / 7P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
MPXM2051G FREESCALE-MPXM2051G Datasheet
218Kb / 6P
   50 kPa On-Chip Temperature Compensated and Calibrated Silicon Pressure Sensors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com