Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CP12684 Datasheet(PDF) 1 Page - Cree, Inc

Part # CP12684
Description  Tina series
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP12684 Datasheet(HTML) 1 Page - Cree, Inc

  CP12684 Datasheet HTML 1Page - Cree, Inc CP12684 Datasheet HTML 2Page - Cree, Inc CP12684 Datasheet HTML 3Page - Cree, Inc CP12684 Datasheet HTML 4Page - Cree, Inc CP12684 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT DATASHEET
Tina series
last update 5/6/2012
DETAILS
Product Number
CP12684_TINA2-O
Family
Tina
Type
Assembly
Color
black
Diameter
16,1 mm
Height
11 mm
Style
round
Optic Material
PMMA
Holder Material
Fastening
glue
Status
production ready
ROHS Comliant
Yes
Date Updated
5/06/2012
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
MX-6
34+21 deg
Oval
85 %
2.500
-
NS6x83
34+23 deg
Oval
87 %
2.600
-
June 5th 2017 8:38 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - CP12684

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP12680 LEDIL-CP12680 Datasheet
2Mb / 4P
   ~35째 15째 oval beam optimized
logo
Cree, Inc
CP12680-TINA2-O CREE-CP12680-TINA2-O Datasheet
794Kb / 12P
   Tina2 series
logo
Ledil, Inc.
CP12681 LEDIL-CP12681 Datasheet
2Mb / 4P
   ~45째 wide beam optimized
logo
Cree, Inc
CP12681-TINA2-W CREE-CP12681-TINA2-W Datasheet
794Kb / 12P
   Tina2 series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
More results

Similar Description - CP12684

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11019 CREE-FA11019 Datasheet
348Kb / 6P
   Tina series
FA11826 CREE-FA11826 Datasheet
1Mb / 24P
   Tina series
FA11205 CREE-FA11205 Datasheet
453Kb / 11P
   Tina series
FA11208 CREE-FA11208 Datasheet
645Kb / 15P
   Tina series
CA11173 CREE-CA11173 Datasheet
409Kb / 7P
   Tina series
CP12682 CREE-CP12682 Datasheet
151Kb / 3P
   Tina series
CA13044 CREE-CA13044 Datasheet
595Kb / 9P
   Tina series
CA11420 CREE-CA11420 Datasheet
971Kb / 13P
   Tina series
FA10642 CREE-FA10642 Datasheet
339Kb / 6P
   Tina series
CA12374 CREE-CA12374 Datasheet
1Mb / 22P
   Tina series
CA12377 CREE-CA12377 Datasheet
1Mb / 23P
   Tina series
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com