Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MRF5S21150SR3 Datasheet(PDF) 3 Page - Motorola, Inc

Part # MRF5S21150SR3
Description  RF POWER FIELD EFFECT TRANSISTORS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MRF5S21150SR3 Datasheet(HTML) 3 Page - Motorola, Inc

  MRF5S21150SR3 Datasheet HTML 1Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 2Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 3Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 4Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 5Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 6Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 7Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 8Page - Motorola, Inc MRF5S21150SR3 Datasheet HTML 9Page - Motorola, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
MRF5S21150R3 MRF5S21150SR3
MOTOROLA RF DEVICE DATA
Figure 1. MRF5S21150 Test Circuit Schematic
C5
C1
R2
Vbias
Vsupply
C20
C12
C11
C10
C4
C3
C17
C9
C6
C8
C13
C2
RF
OUTPUT
RF
INPUT
R1
C7
C14
C15
C16
C18
C19
Z1
Z2
Z3
Z4
Z5
Z8
Z6
Z7
Z9
Z10
Z11
Z12
Z13
Z14
Z15
Z16
Z17
+
++
+
++
Z10, Z11
0.709″ x 0.083″ Microstrip
Z12
0.415″ x 1.100″ Microstrip
Z13
0.874″ x 0.083″ Microstrip
Z14
1.182″ x 0.083″ Microstrip
Z15, Z16
0.070″ x 0.220″ Microstrip
Z17
0.430″ x 0.083″ Microstrip
PCB
Taconic TLX8, 0.030″, εr = 2.55
Z1
0.500″ x 0.083″ Microstrip
Z2
0.505″ x 0.083″ Microstrip
Z3
0.536″ x 0.083″ Microstrip
Z4
0.776″ x 0.083″ Microstrip
Z5
0.119″ x 1.024″ Microstrip
Z6, Z7
0.749″ x 0.083″ Microstrip
Z8
0.117″ x 1.024″ Microstrip
Z9
0.117″ x 1.100″ Microstrip
DUT
Table 1. MRF5S21150 Test Circuit Component Designations and Values
Part
Description
Value, P/N or DWG
Manufacturer
C1
22 µF, 35 V Tantalum Capacitor
TAJE226M035R
AVX
C2, C6, C8, C9, C13, C18,
C19
6.8 pF 100B Chip Capacitors
100B6R8CW
ATC
C3,C4
1.8 pF 100B Chip Capacitors
100B1R8BW
ATC
C5, C7, C10, C14
220 nF Chip Capacitors (1812)
1812Y224KXA
Vishay -Vitramon
C11, C12, C15, C16
10 µF, 35 V Tantalum Capacitors
293D1106X9035D
Vishay -Sprague
C17
0.3 pF Chip Capacitor
100B0R3BW
ATC
C20
470 µF, 63 V Electrolytic Capacitor, Radial
13661471
Philips
R1, R2
10 kW, 1/4 W Chip Resistors
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - MRF5S21150SR3

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MRF5S21150HR3 FREESCALE-MRF5S21150HR3 Datasheet
386Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
MRF5S21150HSR3 FREESCALE-MRF5S21150HSR3 Datasheet
386Kb / 12P
   RF Power Field Effect Transistors N-Channel Enhancement-Mode Lateral MOSFETs
More results

Similar Description - MRF5S21150SR3

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MRF19045R3 MOTOROLA-MRF19045R3 Datasheet
326Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
logo
Freescale Semiconductor...
MRF1535NT1 FREESCALE-MRF1535NT1_06 Datasheet
486Kb / 14P
   RF Power Field Effect Transistors
MRF5S9100NR1 FREESCALE-MRF5S9100NR1 Datasheet
525Kb / 16P
   RF Power Field Effect Transistors
MRF7S21170HR3 FREESCALE-MRF7S21170HR3_12 Datasheet
452Kb / 17P
   RF Power Field Effect Transistors
MRF8P18265H FREESCALE-MRF8P18265H Datasheet
616Kb / 14P
   RF Power Field Effect Transistors
MRF8S18210WHS FREESCALE-MRF8S18210WHS Datasheet
756Kb / 18P
   RF Power Field Effect Transistors
MRF6S23140H_V2 FREESCALE-MRF6S23140H_V2 Datasheet
437Kb / 12P
   RF Power Field Effect Transistors
MRF8S8260HR3 FREESCALE-MRF8S8260HR3 Datasheet
581Kb / 14P
   RF Power Field Effect Transistors
logo
Motorola, Inc
MRF373R1 MOTOROLA-MRF373R1 Datasheet
1Mb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF21125 MOTOROLA-MRF21125 Datasheet
381Kb / 12P
   RF POWER FIELD EFFECT TRANSISTORS
MRF9120 MOTOROLA-MRF9120 Datasheet
316Kb / 12P
   RF Power Field Effect Transistors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com