Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C13485 Datasheet(PDF) 2 Page - Cree, Inc

Part # C13485
Description  Anna series
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C13485 Datasheet(HTML) 2 Page - Cree, Inc

  C13485 Datasheet HTML 1Page - Cree, Inc C13485 Datasheet HTML 2Page - Cree, Inc C13485 Datasheet HTML 3Page - Cree, Inc C13485 Datasheet HTML 4Page - Cree, Inc C13485 Datasheet HTML 5Page - Cree, Inc C13485 Datasheet HTML 6Page - Cree, Inc C13485 Datasheet HTML 7Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
A
D
3
2
4
1
Tolerances if not otherwise shown
According to DIN ISO 2768-1
Linear measures:
Up to 30mm class M, otherwise class C.
According to DIN ISO 2768-2
Form and position: class L
SCALE
1:1 WEIGHT
7,60 g
SHEET
1/1
SIZE
A4
DRAWING TITLE
ANNA-40-7-series
PART NUMBER
-
Ledil Oy
Salorankatu 10
FIN 24240 SALO
Finland
THIRD ANGLE PROJECTION:
This drawing is the property
of LEDiL Oy. It may not be
reproduced, copied or
communicated without a written
agreement with LEDiL Oy."
INDEX
PART NO
DESCRIPTION MATERIAL COLOUR
1
ANNA-40-7-series
PMMA
25.
8
39.
9
A
A
1. 5
10. 7
Isometric view
Scale:
1:1
Section view A-A
Scale:
1:1
B
Detail B
Scale:
5:1
LED (XT-E)


Similar Part No. - C13485

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C13485 LEDIL-C13485 Datasheet
2Mb / 8P
   ~30째 wide beam with 7 optics
More results

Similar Description - C13485

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
C13412 CREE-C13412 Datasheet
156Kb / 3P
   Anna series
C11794 CREE-C11794 Datasheet
1Mb / 20P
   Anna series
C11801 CREE-C11801 Datasheet
1Mb / 15P
   Anna series
C11812 CREE-C11812 Datasheet
1Mb / 20P
   Anna series
C11606 CREE-C11606 Datasheet
1Mb / 17P
   Anna series
C11714 CREE-C11714 Datasheet
364Kb / 6P
   Anna series
C13484 CREE-C13484 Datasheet
416Kb / 9P
   Anna series
C11607 CREE-C11607 Datasheet
1Mb / 18P
   Anna series
C11682 CREE-C11682 Datasheet
1Mb / 16P
   Anna series
C11793 CREE-C11793 Datasheet
1Mb / 19P
   Anna series
logo
Ledil, Inc.
C13412 LEDIL-C13412 Datasheet
156Kb / 3P
   Anna series
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com