Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX471M315E5P3 Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # SLPX471M315E5P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX471M315E5P3 Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  SLPX471M315E5P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX471M315E5P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
Catalog
Max ESR
Max Ripple
Nominal
Catalog
Max ESR
Max Ripple
Nominal
Cap
Part Number
Ω @ 25°C
(A
rms) max @ 85°C
Size (DxL)
Cap
Part Number
Ω @ 25°C
(A
rms) max @ 85°C
Size (DxL)
μF
3000 h @ 85 ºC
120 Hz 20kHz 120 Hz 20kHz
(mm)
μF
3000 h @ 85 ºC
120 Hz 20kHz 120 Hz 20kHz
(mm)
385 Vdc (435 Vdc Surge)
420 Vdc (470 Vdc Surge)
390
SLPX391M385H5P3 0.510 0.383
2.07
3.04
35 x 35
180
SLPX181M420C5P3 1.106 0.830
1.42
2.09
25 x 35
470
SLPX471M385E9P3 0.423 0.317
2.26
3.32
30 x 50
180
SLPX181M420E1P3 1.106 0.830
1.48
2.18
30 x 25
470
SLPX471M385H7P3 0.423 0.317
2.26
3.32
35 x 40
220
SLPX221M420A4P3 0.905 0.679
1.55
2.28
22 x 45
560
SLPX561M385H4P3 0.355 0.266
2.59
3.81
35 x 45
220
SLPX221M420C5P3 0.905 0.679
1.58
2.32
25 x 35
680
SLPX681M385H9P3 0.293 0.220
2.80
4.12
35 x 50
220
SLPX221M420E3P3 0.905 0.679
1.65
2.43
30 x 30
400 Vdc (450 Vdc Surge)
270
SLPX271M420C7P3 0.737 0.553
1.74
2.56
25 x 40
82
SLPX820M400A1P3 2.427 1.820
0.84
1.23
22 x 25
270
SLPX271M420E5P3 0.737 0.553
1.90
2.79
30 x 35
100
SLPX101M400A3P3 1.990 1.493
0.99
1.46
22 x 30
270
SLPX271M420H3P3 0.737 0.553
1.94
2.85
35 x 30
120
SLPX121M400C1P3 1.659 1.244
1.13
1.66
25 x 25
330
SLPX331M420C9P3 0.603 0.452
2.20
3.23
25 x 50
120
SLPX121M400A3P3 1.659 1.244
1.09
1.60
22 x 30
330
SLPX331M420E5P3 0.603 0.452
1.98
2.91
30 x 35
150
SLPX151M400A5P3 1.327 0.995
1.24
1.82
22 x 35
330
SLPX331M420H5P3 0.603 0.452
2.17
3.19
35 x 35
150
SLPX151M400C3P3 1.327 0.995
1.27
1.87
25 x 30
390
SLPX391M420E7P3 0.510 0.383
2.22
3.26
30 x 40
180
SLPX181M400A7P3 1.106 0.830
1.41
2.07
22 x 40
390
SLPX391M420H5P3 0.510 0.383
2.27
3.34
35 x 35
180
SLPX181M400C3P3 1.106 0.830
1.44
2.12
25 x 30
470
SLPX471M420E4P3 0.423 0.317
2.50
3.68
30 x 45
180
SLPX181M400E1P3 1.106 0.830
1.52
2.23
30 x 25
470
SLPX471M420H7P3 0.423 0.317
2.61
3.84
35 x 40
220
SLPX221M400A4P3 0.905 0.679
1.58
2.32
22 x 45
560
SLPX561M420H4P3 0.355 0.266
2.95
4.34
35 x 45
220
SLPX221M400C3P3 0.900 0.675
1.54
2.26
25 x 30
450 Vdc (500 Vdc Surge)
220
SLPX221M400C5P3 0.905 0.679
1.64
2.41
25 x 35
68
SLPX680M450A1P3 3.903 2.927
0.71
1.04
22 x 25
220
SLPX221M400E3P3 0.905 0.679
1.66
2.44
30 x 30
82
SLPX820M450A1P3 3.236 2.427
0.86
1.26
22 x 25
270
SLPX271M400C7P3 0.737 0.553
1.79
2.63
25 x 40
100
SLPX101M450C1P3 2.654 1.991
0.97
1.43
25 x 25
270
SLPX271M400E3P3 0.737 0.553
1.82
2.68
30 x 30
120
SLPX121M450A3P3 2.212 1.659
1.00
1.47
22 x 30
330
SLPX331M400E3P3 0.603 0.452
2.05
3.01
30 x 30
120
SLPX121M450C3P3 2.212 1.659
1.09
1.60
25 x 30
330
SLPX331M400H3P3 0.603 0.452
2.05
3.01
35 x 30
330
SLPX331M400C4P3 0.603 0.452
2.00
2.94
25 x 45
120
SLPX121M450E1P3 2.212 1.659
1.12
1.65
30 x 25
390
SLPX391M400E7P3 0.510 0.383
2.26
3.32
30 x 40
150
SLPX151M450A7P3 1.769 1.327
1.18
1.73
22 x 40
390
SLPX391M400H5P3 0.510 0.383
2.28
3.35
35 x 35
150
SLPX151M450C3P3 1.769 1.327
1.25
1.84
25 x 30
470
SLPX471M400E4P3 0.423 0.317
2.51
3.69
30 x 45
150
SLPX151M450E1P3 1.769 1.327
1.29
1.90
30 x 25
470
SLPX471M400H7P3 0.423 0.317
2.54
3.73
35 x 40
180
SLPX181M450E1P3 1.470 1.103
1.35
1.98
30 x 25
560
SLPX561M400H9P3 0.355 0.266
3.13
4.60
35 x 50
180
SLPX181M450A4P3 1.474 1.106
1.32
1.94
22 x 45
560
SLPX561M400H7P3 0.355 0.266
2.85
4.19
35 x 40
180
SLPX181M450C5P3 1.474 1.106
1.40
2.06
25 x 35
680
SLPX681M400H9P3 0.293 0.220
3.10
3.88
35 x 50
820
SLPX821M400H9P3 0.240 0.180
3.40
4.25
35 x 50
220
SLPX221M450C7P3 1.206 0.905
1.59
2.34
25 x 40
420 Vdc (470 Vdc Surge)
220
SLPX221M450E3P3 1.206 0.905
1.64
2.41
30 x 30
82
SLPX820M420A1P3 2.427 1.820
0.85
1.25
22 x 25
220
SLPX221M450H3P3 1.206 0.905
1.66
2.44
35 x 30
100
SLPX101M420A3P3 1.990 1.493
0.97
1.43
22 x 30
270
SLPX271M450C4P3 0.983 0.737
1.73
2.54
25 x 45
100
SLPX101M420C1P3 1.990 1.493
0.98
1.44
25 x 25
270
SLPX271M450E3P3 0.983 0.737
1.78
2.62
30 x 30
120
SLPX121M420A3P3 1.659 1.244
1.07
1.57
22 x 30
270
SLPX271M450E5P3 0.983 0.737
1.89
2.78
30 x 35
120
SLPX121M420C1P3 1.659 1.244
1.08
1.59
25 x 25
270
SLPX271M450H3P3 0.983 0.737
1.90
2.79
35 x 30
150
SLPX151M420A5P3 1.327 0.995
1.21
1.78
22 x 35
330
SLPX331M450H5P3 0.804 0.603
2.15
3.16
35 x 35
150
SLPX151M420C3P3 1.327 0.995
1.26
1.85
25 x 30
330
SLPX331M450E7P3 0.804 0.603
2.12
3.12
30 x 40
150
SLPX151M420E1P3 1.327 0.995
1.30
1.91
30 x 25
390
SLPX391M450E4P3 0.680 0.510
2.35
3.45
30 x 45
180
SLPX181M420A7P3 1.106 0.830
1.33
1.96
22 x 40
390
SLPX391M450H7P3 0.680 0.510
2.38
3.50
35 x 40
470
SLPX471M450H9P3 0.565 0.424
2.80
4.12
35 x 50
470
SLPX471M450H4P3 0.565 0.424
2.68
3.94
35 x 45
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830


Similar Part No. - SLPX471M315E5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX471M160A3P3 CDE-SLPX471M160A3P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
SLPX471M160C1P3 CDE-SLPX471M160C1P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX471M315E5P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com