Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723672L12PQFG Datasheet(PDF) 6 Page - Integrated Device Technology

Part # 723672L12PQFG
Description  CMOS SyncBiFIFOTM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723672L12PQFG Datasheet(HTML) 6 Page - Integrated Device Technology

Back Button 723672L12PQFG Datasheet HTML 2Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 3Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 4Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 5Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 6Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 7Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 8Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 9Page - Integrated Device Technology 723672L12PQFG Datasheet HTML 10Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
COMMERCIALTEMPERATURERANGE
IDT723652/723662/723672 CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
ABSOLUTE MAXIMUM RATINGS OVER OPERATING FREE-AIR
TEMPERATURE RANGE (Unless otherwise noted)(1)
Symbol
Rating
Commercial
Unit
VCC
Supply Voltage Range
–0.5 to +7.0
V
VI(2)
InputVoltageRange
–0.5 to VCC+0.5
V
VO(2)
OutputVoltageRange
–0.5 to VCC+0.5
V
IIK
Input Clamp Current (VI < 0 or VI > VCC)
±20
mA
IOK
Output Clamp Current (VO = < 0 or VO > VCC)
±50
mA
IOUT
Continuous Output Current (VO = 0 to VCC)
±50
mA
ICC
Continuous Current Through VCC or GND
±400
mA
TSTG
StorageTemperatureRange
–65 to 150
°C
NOTES:
1. Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. These are stress ratings only and functional operation of the device at these
or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute maximum rated conditions for extended periods may affect
device reliability.
2. The input and output voltage ratings may be exceeded provided the input and output current ratings are observed.
ELECTRICAL CHARACTERISTICS OVER RECOMMENDED OPERATING FREE-
AIR TEMPERATURE RANGE (Unless otherwise noted)
NOTES:
1. All typical values are at VCC = 5V, TA = 25
°C.
2. For additional ICC information, see Figure 1, Typical Characteristics: Supply Current (ICC) vs. Clock Frequency (fS).
3. Characterized values, not currently tested.
4. Industrial temperature range is available by special order.
IDT723652
IDT723662
IDT723672
Commercial
tCLK = 12, 15 ns
Symbol
Parameter
Test Conditions
Min.
Typ.(1)
Max.
Unit
VOH
Output Logic "1" Voltage
VCC = 4.5V,
IOH = –4 mA
2.4
V
VOL
Output Logic "0" Voltage
VCC = 4.5V,
IOL = 8 mA
0.5
V
ILI
Input Leakage Current (Any Input)
VCC = 5.5V,
VI = VCC or 0
±10
µ A
ILO
OutputLeakageCurrent
VCC = 5.5V,
VO = VCC or 0
±10
µ A
ICC2(2)
Standby Current (with CLKA & CLKB running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
8
mA
ICC3(2)
Standby Current (no clocks running)
VCC = 5.5V,
VI = VCC –0.2V or 0V
1
mA
CIN(3)
InputCapacitance
VI = 0,
f = 1 MHz
4
pF
COUT(3)
OutputCapacitance
VO = 0,
f = 1 MHZ
8
pF
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
4.5
5.5
V
VIH
HIGH Level Input Voltage
2
V
VIL
LOW-Level Input Voltage
0.8
V
IOH
HIGH-Level Output Current
––4
mA
IOL
LOW-Level Output Current
–8
mA
TA
OperatingFree-airTemperature
0
70
°C
RECOMMENDED OPERATING CONDITIONS


Similar Part No. - 723672L12PQFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723672L12PQFG RENESAS-723672L12PQFG Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 723672L12PQFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com