Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72615L25PF Datasheet(PDF) 1 Page - Integrated Device Technology

Part # 72615L25PF
Description  CMOS SyncBiFIFOTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72615L25PF Datasheet(HTML) 1 Page - Integrated Device Technology

  72615L25PF Datasheet HTML 1Page - Integrated Device Technology 72615L25PF Datasheet HTML 2Page - Integrated Device Technology 72615L25PF Datasheet HTML 3Page - Integrated Device Technology 72615L25PF Datasheet HTML 4Page - Integrated Device Technology 72615L25PF Datasheet HTML 5Page - Integrated Device Technology 72615L25PF Datasheet HTML 6Page - Integrated Device Technology 72615L25PF Datasheet HTML 7Page - Integrated Device Technology 72615L25PF Datasheet HTML 8Page - Integrated Device Technology 72615L25PF Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
CMOS SyncBiFIFOTM
256 x 18 x 2
512 x 18 x 2
IDT72605
IDT72615
1
©2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-2704/10
FEBRUARY 2013
IDT and the IDT logo are registered trademarks of Integrated Device Technology, Inc. The SyncBiFIFO is a trademark of Integrated Device Technology, Inc.
INDUSTRIAL TEMPERATURE RANGE
FUNCTIONAL BLOCK DIAGRAM
FEATURES:
••••• Two independent FIFO memories for fully bidirectional data
transfers
••••• 256 x 18 x 2 organization (IDT72605)
••••• 512 x 18 x 2 organization (IDT72615)
••••• Synchronous interface for fast (20ns) read and write cycle times
••••• Each data port has an independent clock and read/write control
••••• Output enable is provided on each port as a three-state control
of the data bus
••••• Built-in bypass path for direct data transfer between two ports
••••• Two fixed flags, Empty and Full, for both the A-to-B and the B-
to-A FIFO
••••• Programmable flag offset can be set to any depth in the FIFO
••••• The synchronous BiFIFO is packaged in a 64-pin TQFP (Thin
Quad Flatpack) and 68-pin PLCC
••••• Industrial temperature range (–40
°°°°°C to +85°°°°°C)
••••• Green parts available, see ordering information
DESCRIPTION:
The IDT72605 and IDT72615 are very high-speed, low-power bidirec-
tionalFirst-In,First-Out(FIFO)memories,withsynchronousinterfaceforfast
read and write cycle times. The SyncBiFIFO™ is a data buffer that can store
orretrieveinformationfromtwosourcessimultaneously.TwoDual-PortFIFO
memory arrays are contained in the SyncBiFIFO; one data buffer for each
direction.
The SyncBiFIFO has registers on all inputs and outputs. Data is only
transferred into the I/O registers on clock edges, hence the interfaces are
synchronous. EachPorthasitsownindependentclock.Datatransferstothe
I/O registers are gated by the enable signals. The transfer direction for each
portiscontrolledindependentlybyaread/writesignal. Individualoutputenable
signals control whether the SyncBiFIFO is driving the data lines of a port or
whether those data lines are in a high-impedance state.
Bypass control allows data to be directly transferred from input to output
registerineitherdirection.
TheSyncBiFIFOhaseightflags.TheflagpinsareFull,Empty,Almost-Full,
andAlmost-EmptyforbothFIFOmemories.TheoffsetdepthsoftheAlmost-Full
andAlmost-Emptyflagscanbeprogrammedtoanylocation.
TheSyncBiFIFOisfabricatedusinghigh-speed,submicronCMOStech-
nology.
CLKA
FLAG
LOGIC
MEMORY
ARRAY
512 x 18
256 x 18
INPUT REGISTER
MUX
OUTPUT REGISTER
HIGH
Z
CONTROL
OUTPUT REGISTER
INPUT REGISTER
CLKB
MUX
MEMORY
ARRAY
512 x 18
256 x 18
HIGH
Z
CONTROL
FLAG
LOGIC
RESET
LOGIC
POWER
SUPPLY
R/
WA
CSA
A2
A1
A0
EFAB
PAEAB
PAFAB
FFAB
OEB
R/
WB
ENB
ENA
OEA
RS
EFBA
PAEBA
PAFBA
FFBA
VCC
GND
3
BYPB
μP
INTERFACE
7
DB0-DB17
DA0-DA17
2704 drw 01


Similar Part No. - 72615L25PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72615L25PF RENESAS-72615L25PF Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 72615L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652_09 Datasheet
232Kb / 29P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com