Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72615L25PF Datasheet(PDF) 8 Page - Integrated Device Technology

Part # 72615L25PF
Description  CMOS SyncBiFIFOTM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72615L25PF Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button 72615L25PF Datasheet HTML 4Page - Integrated Device Technology 72615L25PF Datasheet HTML 5Page - Integrated Device Technology 72615L25PF Datasheet HTML 6Page - Integrated Device Technology 72615L25PF Datasheet HTML 7Page - Integrated Device Technology 72615L25PF Datasheet HTML 8Page - Integrated Device Technology 72615L25PF Datasheet HTML 9Page - Integrated Device Technology 72615L25PF Datasheet HTML 10Page - Integrated Device Technology 72615L25PF Datasheet HTML 11Page - Integrated Device Technology 72615L25PF Datasheet HTML 12Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
8
INDUSTRIALTEMPERATURERANGE
IDT72605/72615 CMOS SYNCBiFIFO™
256 x 18x 2 and 512 x 18 x 2
canbewrittenorreadinPortB.IfR/WBandENB areLOW,dataiswritteninto
inputregister,andonLOW-to-HIGHtransitionofCLKBdataiswrittenintoinput
registerandtheFIFOmemory. IfR/WBisHIGHandOEBisLOW,datacomes
outofbusandisreadfromoutputregisterintothree-statebuffer.Inbypassmode,
ifR/WBisLOW,bypassmessagesaretransferredintoB
→Aoutputregister.
IfR/WAisHIGH,bypassmessagesaretransferredintoA
→Boutputregister.
Refertopindescriptionsformoreinformation.
TABLE 3 ⎯ FLAG OFFSET REGISTER FORMAT
NOTE:
1. Bit 8 must be set to 0 for the IDT72605 (256 x 18) Synchronous BiFIFO.
17
16
15
14
13
12
11
10
9876543210
PAEAB
Register
XXXXXXXXX
A
→B FIFO Almost-Empty Flag Offset
17
16
15
14
13
12
11
10
9876543210
PAFAB Register
XXXXXXXXX
A
→B FIFO Almost-Full Flag Offset
17
16
15
14
13
12
11
10
9876543210
PAEBA
Register
XXXXXXXXX
B
→A FIFO Almost-Empty Flag Offset
17
16
15
14
13
12
11
10
9876543210
PAFBA Register
XXXXXXXXX
B
→A FIFO Almost-Full Flag Offset
TABLE 4 ⎯ INTERNAL FLAG TRUTH TABLE
Number of Words
in FIFO
From
To
EF
PAE
PAF
FF
0
0
LOW
LOW
HIGH
HIGH
1
n
HIGH
LOW
HIGH
HIGH
n+1
D-(m+1)
HIGH
HIGH
HIGH
HIGH
D-m
D-1
HIGH
HIGH
LOW
HIGH
D
D
HIGH
HIGH
LOW
LOW
NOTE:
1. n = Programmable Empty Offset (PAEAB Register or PAEBA Register)
m = Programmable Full Offset (PAFAB Register or PAFBA Register)
D = FIFO Depth (IDT72605 = 256 words, IDT72615= 512 words)
TABLE 5 ⎯ PORT B OPERATION CONTROL SIGNALS
Data B
R/WB
ENB
OEB
I/O
Port B Operation
000
I
Data B is written on CLKB
↑. This write cycle immediately following output low-impedance cycle is prohibited. Note
that even though OEB = 0, a LOW logic level on R/WB, once qualified by a rising edge on CLKB, will put Data B into a high-
impedance state.
0
0
1
I
Data B is written on CLKB
↑.
0
1
X
I
Data B is ignored
1
0
0
O
Data is read(1)from RAM array to output register on CLKB
≠ Data B is low-impedance
1
0
1
O
Data is read(1) from RAM array to output register on CLKB
≠, Data B is high- impedance
1
1
0
O
Outputregisterdoesnotchange(2),DataBislow-impedance
1
1
1
O
Outputregisterdoesnotchange(2),DataBishigh-impedance
NOTES:
1. When A2A1A0 = 000 or 1XX, the next A
→B FIFO value is read out of the output register and the read pointer advances. If A2A1A0 = 001, the bypass path is selected and
bypass data is read from the Port B output register.
2. Regardless of the condition of A2A1A0, the data in the Port B output register does not change and the A
→B read pointer does not advance.


Similar Part No. - 72615L25PF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
72615L25PF RENESAS-72615L25PF Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 72615L25PF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT723652 IDT-IDT723652_09 Datasheet
232Kb / 29P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com