Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

723652L15PFG Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 723652L15PFG
Description  CMOS SyncBiFIFOTM
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

723652L15PFG Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 723652L15PFG Datasheet HTML 5Page - Integrated Device Technology 723652L15PFG Datasheet HTML 6Page - Integrated Device Technology 723652L15PFG Datasheet HTML 7Page - Integrated Device Technology 723652L15PFG Datasheet HTML 8Page - Integrated Device Technology 723652L15PFG Datasheet HTML 9Page - Integrated Device Technology 723652L15PFG Datasheet HTML 10Page - Integrated Device Technology 723652L15PFG Datasheet HTML 11Page - Integrated Device Technology 723652L15PFG Datasheet HTML 12Page - Integrated Device Technology 723652L15PFG Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
9
COMMERCIALTEMPERATURERANGE
IDT723652/723662/723672 CMOS SyncBiFIFOTM
2,048 x 36 x 2, 4,096 x 36 x 2 and 8,192 x 36 x 2
SWITCHING CHARACTERISTICS OVER RECOMMENDED RANGES OF SUPPLY
VOLTAGE AND OPERATING FREE-AIR TEMPERATURE, CL = 30 pF
Commercial
IDT723652L12
IDT723652L15
IDT723662L12
IDT723662L15
IDT723672L12
IDT723672L15
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
tA
Access Time, CLKA
↑ to A0-A35 and CLKB↑ to B0-B35
2
8
2
10
ns
tPIR
Propagation Delay Time, CLKA
↑ to FFA/IRA and CLKB↑ to FFB/IRB
2
8
2
8
ns
tPOR
Propagation Delay Time, CLKA
↑ to EFA/ORA and CLKB↑ to EFB/ORB
1
8
1
8
ns
tPAE
Propagation Delay Time, CLKA
↑ to AEA and CLKB↑ to AEB
181
8
ns
tPAF
Propagation Delay Time, CLKA
↑ to AFA and CLKB↑ to AFB
181
8
ns
tPMF
Propagation Delay Time, CLKA
↑ to MBF1 LOW or MBF2 HIGH and CLKB↑ to MBF2 LOW
0
8
0
8
ns
or
MBF1 HIGH
tPMR
Propagation Delay Time, CLKA
↑ to B0-B35(1) and CLKB↑ to A0-A35(2)
282
10
ns
tMDV
Propagation Delay Time, MBA to A0-A35 valid and MBB to B0-B35 Valid
2
8
2
10
ns
tPRF
Propagation Delay Time,
RST1 LOW to AEB LOW, AFA HIGH, and MBF1 HIGH, and RST2
110
1
15
ns
LOW to
AEA LOW, AFB HIGH, and MBF2 HIGH
tEN
Enable Time,
CSA and W/RA LOW to A0-A35 Active and CSB LOW and W/RB HIGH
2
6
2
10
ns
to B0-B35 Active
tDIS
Disable Time,
CSA or W/RA HIGH to A0-A35 at high-impedance and CSB HIGH or W/RB LOW
1
6
1
8
ns
to B0-B35 at high-impedance
NOTES:
1. Writing data to the mail1 register when the B0-B35 outputs are active and MBB is HIGH.
2. Writing data to the mail2 register when the A0-A35 outputs are active and MBA is HIGH.
3. Industrial temperature range is available by special order.
(Commercial: VCC = 5V ± 10%, TA = 0
°C to +70°C)


Similar Part No. - 723652L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
723652L15PFG RENESAS-723652L15PFG Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
More results

Similar Description - 723652L15PFG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT72605 RENESAS-IDT72605 Datasheet
490Kb / 18P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
logo
Integrated Device Techn...
IDT72605 IDT-IDT72605_13 Datasheet
322Kb / 17P
   CMOS SyncBiFIFOTM
logo
Renesas Technology Corp
IDT723652 RENESAS-IDT723652 Datasheet
703Kb / 30P
   CMOS SyncBiFIFOTM
FEBRUARY 2009
72V3672 RENESAS-72V3672 Datasheet
399Kb / 30P
   3.3 VOLT CMOS SyncBiFIFOTM
APRIL 2017
logo
Integrated Device Techn...
IDT72V3672 IDT-IDT72V3672 Datasheet
206Kb / 29P
   3.3 VOLT CMOS SyncBiFIFOTM
IDT723624 IDT-IDT723624 Datasheet
356Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723624 RENESAS-IDT723624 Datasheet
250Kb / 35P
   CMOS SyncBiFIFOTM WITH BUS-MATCHING
MARCH 2018
logo
Integrated Device Techn...
IDT72V36104 IDT-IDT72V36104 Datasheet
424Kb / 36P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING
logo
Renesas Technology Corp
IDT723612 RENESAS-IDT723612 Datasheet
611Kb / 26P
   CMOS SyncBiFIFOTM 64 x 36 x 2
FEBRUARY 2009
72V3612 RENESAS-72V3612 Datasheet
291Kb / 25P
   3.3 VOLT CMOS SyncBiFIFOTM 64 x 36 x 2
Feb.19.20
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com