Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-UE86-3G6620-X0X61 Datasheet(PDF) 1 Page - Amphenol Corporation

Part # P-UE86-3G6620-X0X61
Description  OPTIONS AND EMI SPRING FINGER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G6620-X0X61 Datasheet(HTML) 1 Page - Amphenol Corporation

  P-UE86-3G6620-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 4Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PACKAGING
8 - 3 LP PER 2X1, 2 OUTER LP, REVERSING ORIENTATION
LIGHT PIPE OPTION
0 - NO LIGHT PIPE
1 - 4 LP PER 2X1, NORMAL ORIENTATION
2 - 2 INNER LP PER 2X1, NORMAL ORIENTATION
3 - 2 OUTER LP PER 2X1, NORMAL ORIENTATION
4 - 4 LP PER 2X1, REVERSING ORIENTATION
5 - 2 INNER LP PER 2X1, REVERSING ORIENTATION
6 - 2 OUTER LP PER 2X1, REVERSING ORIENTATION
7 - 3 LP PER 2X1, 2 OUTER LP, NORMAL ORIENTATION
150~300µ" MATTE TIN ON TERMINATION
PLATING OPTIONS FOR CONNECTOR
2 - 30µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
3 - 30µ" GOLD PLATING ON MATING AREA
150~300µ" MATTE TIN ON TERMINATION
5 - 15µ" GOLD PLATING ON MATING AREA
15~100µ" MATTE TIN ON TERMINATION
6 - 15µ" GOLD PLATING ON MATING AREA
AMPHENOL PART NUMBER
CONFIGURATION
UE86 - 3G 6 6 20 - X 0 X 61
1 - TRAY PACKAGING (STACKED)
4 LIGHT PIPES
UE86-3G6620-10361
4 LIGHT PIPES UPSIDE DOWN
UE86-3G6620-40361
2 OUTER LIGHT PIPES
UE86-3G6620-30361
2 INNER LIGHT PIPES
UE86-3G6620-20361
3 LIGHT PIPES UPSIDE DOWN
UE86-3G6620-80361
3 LIGHT PIPES
UE86-3G6620-70361
2 OUTER LIGHT PIPES UPSIDE DOWN
UE86-3G6620-60361
2 INNER LIGHT PIPES UPSIDE DOWN
UE86-3G6620-50361
NO LIGHT PIPES
UE86-3G6620-00361
MATERIAL: (RoHS COMPLIANT)
CAGE - PRESS FIT: COPPER ALLOY (NICKEL SILVER)
1.
CONNECTOR - PRESS FIT:
2.
- PLASTIC HOUSING: LCP, FLAMMABILITY RATING UL94-V0
- CONTACTS: PHOSPHOR BRONZE
LIGHT PIPE: CLEAR POLYCABONATE, FLAMMABILITY RATING UL94-V0
3.
PACKAGING: TRAY PACKAGING
4.
TEMPERATURE RANGE: -40°C TO +85°C
5.
PART NUMBER
(LAST DIGIT INDICATING
PACKAGING TYPE, NOT
PRINTED ON THE PART)
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
02/12/2014
J. SI
B
UPDATE PLATING OPTIONS
JUN 25/14
J.SI
C
UPDATE NOTES
AUG 19/14
J.SI
B
C
D
12
A
3
2
1
4
B
A
56
C
MATERIAL AND FINISH
SEE NOTES
FEB 12/14
FEB 12/14
FEB10/14
A4
2:3
SHEET 1 OF 5
C
P-UE86-3G6620-X0X61
ECN Exxxxx
J. SI
P. OU
J. SI
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
ENG. REL. NO.
UNLESS SPECIFIED OTHERWISE
THIRD
ANGLE
PROJECTION
REF.
DWG APP'D
Q.A. APP'D
M.E. APP'D
CHECKED
DRAWN
03554
DO NOT
SCALE
DRAWING
DWG SIZE:
CODE ID NO.
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
DWG. NO.
REV
SCALE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR 
USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
3
0.25
0.15
N/A
1
2X6 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI SPRING FINGER
DATE CODE


Similar Part No. - P-UE86-3G6620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G6420-X0X61 AMPHENOL-P-UE86-3G6420-X0X61 Datasheet
614Kb / 5P
   OPTIONS AND EMI GASKET VERSION
More results

Similar Description - P-UE86-3G6620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
   6.0 HEIGHT SPRING FINGER
Rev. A
logo
Tyco Electronics
1551574-5 MACOM-1551574-5 Datasheet
144Kb / 2P
   SPRING FINGER H=2,60MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
   SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
   SPRING FINGER H=2.60mm
logo
Tyco Electronics
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
   SPRING FINGER H=3.0MM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com