Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-UE86-3G6620-X0X61 Datasheet(PDF) 5 Page - Amphenol Corporation

Part # P-UE86-3G6620-X0X61
Description  OPTIONS AND EMI SPRING FINGER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G6620-X0X61 Datasheet(HTML) 5 Page - Amphenol Corporation

  P-UE86-3G6620-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 4Page - Amphenol Corporation P-UE86-3G6620-X0X61 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.95
3.95
0.70
0.70
3X 3.00
T19
T14
T15
T17
T18
T12
T13
T16
T20
B6
B12
B11
B9
B8
B3
B1
B10
B13
B2
B4
B5
B7
DETAIL G
SCALE 5 : 1
T9
T8
T7
T6
T5
T4
T3
T2
T1
T10
T11
B19
B20
B18
B17
B16
B15
B14
OUTER LIGHT PIPE
INNER LIGHT PIPE
(OR MIDDLE LIGHT PIPE)
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
02/12/2014
J. SI
B
UPDATE PLATING OPTIONS
JUN 25/14
J.SI
C
UPDATE NOTES
AUG 19/14
J.SI
B
C
D
12
A
3
2
1
4
B
A
56
C
MATERIAL AND FINISH
SEE NOTES
FEB 12/14
FEB 12/14
FEB10/14
A4
2:1
SHEET 5 OF 5
C
P-UE86-3G6620-X0X61
ECN Exxxxx
J. SI
P. OU
J. SI
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
ENG. REL. NO.
UNLESS SPECIFIED OTHERWISE
THIRD
ANGLE
PROJECTION
REF.
DWG APP'D
Q.A. APP'D
M.E. APP'D
CHECKED
DRAWN
03554
DO NOT
SCALE
DRAWING
DWG SIZE:
CODE ID NO.
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
DWG. NO.
REV
SCALE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR 
USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
3
0.25
0.15
N/A
1
2X6 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI SPRING FINGER
F
G
SCALE 5 : 1
DETAIL E
Y
XY
0.05 M
X
12.00
4.00
3.00
40X 0.37±0.05
1.60±0.03
10.80
0.50
1.30
9X 0.80
9.80
0.80
SCALE 10 : 1
DETAIL F
LED KEEP-IN ZONE (X4)


Similar Part No. - P-UE86-3G6620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G6420-X0X61 AMPHENOL-P-UE86-3G6420-X0X61 Datasheet
614Kb / 5P
   OPTIONS AND EMI GASKET VERSION
More results

Similar Description - P-UE86-3G6620-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G2620-X0X61 AMPHENOL-P-UE86-3G2620-X0X61 Datasheet
927Kb / 4P
   AND EMI SPRING FINGER
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
logo
TE Connectivity Ltd
2339640 TEC-2339640 Datasheet
92Kb / 2P
   6.0 HEIGHT SPRING FINGER
Rev. A
logo
Tyco Electronics
1551574-5 MACOM-1551574-5 Datasheet
144Kb / 2P
   SPRING FINGER H=2,60MM
logo
TE Connectivity Ltd
C-1551572 TEC-C-1551572 Datasheet
248Kb / 2P
   SPRING FINGER H=1,8
C-1551574 TEC-C-1551574 Datasheet
246Kb / 2P
   SPRING FINGER H=2.60mm
logo
Tyco Electronics
1551575-5 MACOM-1551575-5 Datasheet
143Kb / 2P
   SPRING FINGER H=3.0MM
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com