Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P-UE86-3G6420-X0X61 Datasheet(PDF) 4 Page - Amphenol Corporation

Part # P-UE86-3G6420-X0X61
Description  OPTIONS AND EMI GASKET VERSION
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

P-UE86-3G6420-X0X61 Datasheet(HTML) 4 Page - Amphenol Corporation

  P-UE86-3G6420-X0X61 Datasheet HTML 1Page - Amphenol Corporation P-UE86-3G6420-X0X61 Datasheet HTML 2Page - Amphenol Corporation P-UE86-3G6420-X0X61 Datasheet HTML 3Page - Amphenol Corporation P-UE86-3G6420-X0X61 Datasheet HTML 4Page - Amphenol Corporation P-UE86-3G6420-X0X61 Datasheet HTML 5Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
7.125
3.50
3.50
E
2X6 PCB LAYOUT
KEEP-OUT AREAS
COMPONENT
KEEP-OUT AREAS
COMPONENT
X
XY
0.10 M
Y
9.80
12X 1.60±0.03
0.50
3X 3.50
6.29
4X 8.00
6X 14.25
99X 0.56±0.05(TYP.)
13.28
87.50
4.50
1.72
58.00
B
C
D
12
A
3
2
1
4
B
A
56
C
MATERIAL AND FINISH
SEE NOTES
FEB 12/14
FEB 12/14
FEB10/14
A4
3:2
SHEET 4 OF 5
C
P-UE86-3G6420-X0X61
ECN Exxxxx
J. SI
P. OU
J. SI
DIMENSIONS ARE IN MILLIMETERS
REFERENCE IN PARENTHESES
GENERAL TOLERANCES
1 DECIMAL PLACE
2 DECIMAL PLACE
3 DECIMAL PLACE
ANGULAR DEGREES
ENG. REL. NO.
UNLESS SPECIFIED OTHERWISE
THIRD
ANGLE
PROJECTION
REF.
DWG APP'D
Q.A. APP'D
M.E. APP'D
CHECKED
DRAWN
03554
DO NOT
SCALE
DRAWING
DWG SIZE:
CODE ID NO.
Amphenol High Speed Interconnects
A Division of Amphenol Corp. www.amphenolcanada.com
DWG. NO.
REV
SCALE:
THIS DOCUMENT CONTAINS PROPRIETARY INFORMATION AND SUCH INFORMATION MAY NOT BE DISCLOSED TO OTHERS FOR ANY PURPOSE OR 
USED FOR MANUFACTURING PURPOSES WITHOUT WRITTEN PERMISSION FROM AMPHENOL CANADA CORP.
3
0.25
0.15
N/A
1
2X6 SFP ULTRAPORT WITH LIGHT PIPE
OPTIONS AND EMI GASKET VERSION
NOTES:
1. 0.56 mm DIAMETER HOLES ARE
CHASSIS GROUND (99HOLES).
REVISIONS
REV.
ECN
DESCRIPTION
DATE
APPROVED
A
INITIAL RELEASE
02/12/2014
J. SI
B
UPDATE PLATING OPTIONS
JUN 25/14
J.SI
C
UPDATE NOTES
AUG 19/14
J.SI


Similar Part No. - P-UE86-3G6420-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G6620-X0X61 AMPHENOL-P-UE86-3G6620-X0X61 Datasheet
750Kb / 5P
   OPTIONS AND EMI SPRING FINGER
More results

Similar Description - P-UE86-3G6420-X0X61

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P-UE86-3G1420-X0X61 AMPHENOL-P-UE86-3G1420-X0X61 Datasheet
304Kb / 4P
   OPTIONS AND EMI GASKET
P-UE86-3G4420-X0X61 AMPHENOL-P-UE86-3G4420-X0X61 Datasheet
544Kb / 5P
   OPTIONS AND EMI GASKET
P-UE86-3G2420-X0361 AMPHENOL-P-UE86-3G2420-X0361 Datasheet
740Kb / 4P
   AND EMI GASKET
P-UE86-3G1620-X0X61 AMPHENOL-P-UE86-3G1620-X0X61 Datasheet
311Kb / 4P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G6620-X0X61 AMPHENOL-P-UE86-3G6620-X0X61 Datasheet
750Kb / 5P
   OPTIONS AND EMI SPRING FINGER
P-UE86-3G4620-X0X61 AMPHENOL-P-UE86-3G4620-X0X61 Datasheet
661Kb / 5P
   OPTIONS AND EMI SPRING FINGER
logo
Wurth Elektronik GmbH &...
38401205 WURTH-38401205 Datasheet
207Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401405 WURTH-38401405 Datasheet
209Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401401 WURTH-38401401 Datasheet
210Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
38401104 WURTH-38401104 Datasheet
208Kb / 3P
   WE-EGS EMI Elastomer Gasket
001.000
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com