Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDV3604 Datasheet(PDF) 2 Page - MagnaChip Semiconductor.

Part # MDV3604
Description  Single P-Channel Trench MOSFET, -30V, -20A, 12.1m(ohm)
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDV3604 Datasheet(HTML) 2 Page - MagnaChip Semiconductor.

  MDV3604 Datasheet HTML 1Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 2Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 3Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 4Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 5Page - MagnaChip Semiconductor. MDV3604 Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Jan. 2015. Version 1.3
MagnaChip Semiconductor Ltd.
2
Ordering Information
Part Number
Temp. Range
Package
Packing
Quantity
RoHS Status
MDV3604URH
-55~150
oC
PowerDFN33
Tape & Reel
5000 units
Halogen Free
Electrical Characteristics (Ta = 25
oC unless otherwise noted)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = -250μA, VGS = 0V
-30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = -250μA
-1.0
-1.8
-3.0
Drain Cut-Off Current
IDSS
VDS = -30V, VGS = 0V
-
-1
μA
Gate Leakage Current
IGSS
VGS = ±25V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = -20V, ID = -12A
-
8.6
10
VGS = -10V, ID = -12A
-
10
12.1
VGS = -5V, ID = -10A
14.6
18.3
Forward Transconductance
gFS
VDS = -5V, ID = -10A
25.5
-
S
Dynamic Characteristics
Total Gate Charge
Qg
VDS = -15V, ID = -12A
VGS = -10V
-
30.5
-
nC
Gate-Source Charge
Qgs
-
5.2
-
Gate-Drain Charge
Qgd
-
7.0
-
Input Capacitance
Ciss
VDS = -15V, VGS = 0V,
f = 1.0MHz
-
1433
-
pF
Reverse Transfer Capacitance
Crss
-
212
-
Output Capacitance
Coss
-
338
-
Turn-On Delay Time
td(on)
VGS = -10V ,VDS = -15V,
RL = 1.25Ω, RGEN = 3Ω
-
15.2
-
ns
Turn-On Rise Time
tr
-
12.9
-
Turn-Off Delay Time
td(off)
-
50.6
-
Turn-Off Fall Time
tf
-
34.6
-
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = -1A, VGS = 0V
-
-0.71
-1.0
V
Body Diode Reverse Recovery Time
trr
IF = -12A, di/dt = 100A/μs
-
38.5
ns
Body Diode Reverse Recovery Charge
Qrr
-
35.9
-
nC
Note :
1.
Surface mounted FR-4 board by JEDEC (jesd51-7)
2.
Starting TJ=25°C, L=1mH, IAS= -13A VDD=-20V, VGS=-10V.
3.
T < 10sec


Similar Part No. - MDV3604

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
MDV3604URH VBSEMI-MDV3604URH Datasheet
986Kb / 7P
   P-Channel 30 V (D-S) MOSFET
More results

Similar Description - MDV3604

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDS3604 MGCHIP-MDS3604 Datasheet
699Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 12.1m(ohm)
MDV3605 MGCHIP-MDV3605 Datasheet
1Mb / 6P
   Single P-Channel Trench MOSFET, -30V, -20A, 18.0m(ohm)
MDV1527 MGCHIP-MDV1527 Datasheet
861Kb / 7P
   Single N-channel Trench MOSFET 30V, 20A, 15.9m(ohm)
MDS3651 MGCHIP-MDS3651 Datasheet
852Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -6.0A, 35m(ohm)
MDS3652 MGCHIP-MDS3652 Datasheet
906Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -11A, 17m(ohm)
MDU3605 MGCHIP-MDU3605 Datasheet
767Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -35.6A, 17.0m(ohm)
MDU3601 MGCHIP-MDU3601 Datasheet
1,021Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -85A, 2.9m(ohm)
MDS3603 MGCHIP-MDS3603 Datasheet
700Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -12A, 10.1m(ohm)
MDU3603 MGCHIP-MDU3603 Datasheet
738Kb / 7P
   Single P-Channel Trench MOSFET, -30V, -67A, 9.1m(ohm)
MDS3653 MGCHIP-MDS3653 Datasheet
719Kb / 6P
   Single P-Channel Trench MOSFET, -30V, -14.6A, 7m(ohm)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com