Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MP7626 Datasheet(PDF) 2 Page - Exar Corporation

Part # MP7626
Description  Microprocessor Compatible Buffered Multiplying 16-Bit Digital-to-Analog Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation

MP7626 Datasheet(HTML) 2 Page - Exar Corporation

  MP7626 Datasheet HTML 1Page - Exar Corporation MP7626 Datasheet HTML 2Page - Exar Corporation MP7626 Datasheet HTML 3Page - Exar Corporation MP7626 Datasheet HTML 4Page - Exar Corporation MP7626 Datasheet HTML 5Page - Exar Corporation MP7626 Datasheet HTML 6Page - Exar Corporation MP7626 Datasheet HTML 7Page - Exar Corporation MP7626 Datasheet HTML 8Page - Exar Corporation MP7626 Datasheet HTML 9Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
MP7626
2
Rev. 2.00
MP7626KD*
+2+2
Ceramic Dip
ORDERING INFORMATION
Package
Type
Temperature
Range
Part No.
Ceramic Dip
MP7626JD*
+4+4
MP7626JN
–40 to +85
°C
Plastic Dip
+0.1
MP7626KN
Plastic Dip
–40 to +85
°C
–40 to +85
°C
–40 to +85
°C
+4+4
+2+2+0.1
+0.1
+0.1
MP7626JP
MP7626KP
–40 to +85
°C
–40 to +85
°C
+4
+2
+4
+2
PLCC
PLCC
+0.1
+0.1
INL
(LSB)
Gain Error
(% FSR)
DNL
(LSB)
*Recommend using MP7626KN or JN
PIN CONFIGURATION
MSB LATCH
DB4
DB5
DB6
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
(MSB) DB15
DB3
DB2
DB1
DB0 (LSB)
LSB LATCH
GND
24 Pin PDIP, CDIP (0.600”)
N24, D24, C24
1
2
3
4
5
6
7
8
9
10
24
23
22
21
20
19
18
17
16
15
11
14
12
13
VDD
IOUT1
IOUT2
RFB
VREF
32
1
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
28
27
26
25
24
23
22
21
20
19
28 Pin PLCC
P28
N/C
N/C
N/C
N/C
DB7
DB8
DB9
DB10
DB11
DB12
DB13
DB14
(MSB) DB15
VREF
RFB
IOUT2
IOUT1
VDD
MSB LATCH
DB3
DB2
DB1
DB0 (LSB)
LSB LATCH
GND
DB4
DB5
DB6
See Packaging Section for Package Dimensions
PIN OUT DEFINITIONS
1
26
DB4
Data Input Bit 4
2
27
DB5
Data Input Bit 5
3
28
DB6
Data Input Bit 6
4
1
DB7
Data Input Bit 7
5
2
DB8
Data Input Bit 8
6
5
DB9
Data Input Bit 9
7
6
DB10
Data Input Bit 10
8
7
DB11
Data Input Bit 11
9
8
DB12
Data Input Bit 12
10
9
DB13
Data Input Bit 13
11
10
DB14
Data Input Bit 14
12
11
DB15
Data Input Bit 15 (MSB)
DIP
PLCC
DESCRIPTION
13
13
VREF
Reference Input Voltage
14
14
RFB
Internal Feedback Resistor Pin
15
15
IOUT2
Current Output 2
16
16
IOUT1
Current Output 1
17
17
VDD
Power Supply
18
19
GND
Ground
19
20
LSB
LSB Latch Enable
20
21
MSB
MSB Latch Enable
21
22
DB0
Data Input Bit 0 (LSB)
22
23
DB1
Data Input Bit 1
23
24
DB2
Data Input Bit 2
24
25
DB3
Data Input Bit 3
DESCRIPTION
NAME
DIP
PLCC
NAME


Similar Part No. - MP7626

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7628 EXAR-MP7628 Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628AD EXAR-MP7628AD Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628BD EXAR-MP7628BD Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628JN EXAR-MP7628JN Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
MP7628JP EXAR-MP7628JP Datasheet
124Kb / 12P
   5 V CMOS Quad Multiplying 8-Bit Digital-to-Analog Converter
More results

Similar Description - MP7626

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
MP7636 EXAR-MP7636 Datasheet
84Kb / 8P
   15 V CMOS Microprocessor Compatible Double-Buffered, Multiplying 16-Bit Digital-to-Analog Converter
logo
Texas Instruments
DAC7545 TI1-DAC7545_16 Datasheet
612Kb / 13P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
383Kb / 12P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Texas Instruments
DAC7545JP TI1-DAC7545JP Datasheet
383Kb / 12P
[Old version datasheet]   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Burr-Brown (TI)
DAC7545 BURR-BROWN-DAC7545 Datasheet
203Kb / 7P
   CMOS 12-Bit Multiplying DIGITAL-TO-ANALOG CONVERTER Microprocessor Compatible
logo
Maxwell Technologies
7545A MAXWELL-7545A Datasheet
96Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
7545B MAXWELL-7545B Datasheet
92Kb / 9P
   12-Bit Buffered Multiplying Digital to Analog Converter
logo
Exar Corporation
MP1230A EXAR-MP1230A Datasheet
114Kb / 12P
   CMOS Microprocessor Compatible Double-Buffered 12-Bit Digital-to-Analog Converter
logo
Intersil Corporation
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
Burr-Brown (TI)
DAC811 BURR-BROWN-DAC811 Datasheet
96Kb / 9P
   Microprocessor-Compatible 12-BIT DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com