Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70P248L55BYGI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # 70P248L55BYGI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70P248L55BYGI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button 70P248L55BYGI Datasheet HTML 5Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 6Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 7Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 8Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 9Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 10Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 11Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 12Page - Integrated Device Technology 70P248L55BYGI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6.42
IDT70P258/248L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
9
tRC
R/
W
CE
ADDR
tAA
OE
UB, LB
5675 drw 05
(4)
tACE
(4)
tAOE
(4)
tABE
(4)
(1)
tLZ
tOH
(2)
tHZ
(3,4)
tBDD
DATAOUT
BUSYOUT
VALID DATA
(4)
,
Waveform of Read Cycles(5)
NOTES:
1. Timing depends on which signal is asserted last,
OE, CE, LB, or UB.
2. Timing depends on which signal is de-asserted first
CE, OE, LB, or UB.
3. tBDD delay is required only in cases where opposite port is completing a write operation to the same address location. For simultaneous read operations
BUSY has no relation
to valid output data.
4. Start of valid data depends on which timing becomes effective last tABE, tAOE, tACE, tAA or tBDD.
5.
SEM = VIH.


Similar Part No. - 70P248L55BYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P248L55BYGI RENESAS-70P248L55BYGI Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
More results

Similar Description - 70P248L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257_09 Datasheet
169Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com