Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPMS2 Datasheet(PDF) 10 Page - STMicroelectronics

Part # STPMS2
Description  Programmable chopper-stabilized low noise and low offset amplifier
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPMS2 Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STPMS2 Datasheet HTML 6Page - STMicroelectronics STPMS2 Datasheet HTML 7Page - STMicroelectronics STPMS2 Datasheet HTML 8Page - STMicroelectronics STPMS2 Datasheet HTML 9Page - STMicroelectronics STPMS2 Datasheet HTML 10Page - STMicroelectronics STPMS2 Datasheet HTML 11Page - STMicroelectronics STPMS2 Datasheet HTML 12Page - STMicroelectronics STPMS2 Datasheet HTML 13Page - STMicroelectronics STPMS2 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 36 page
background image
Electrical characteristics
STPMS2
10/36
DocID16525 Rev 5
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
NF
Noise floor
CIP-CIN channel gain 2x
120
dB
CIP-CIN channel gain 16x
118
VIP-VIN channel
95
PSRRDC
Power supply DC
rejection
Voltage signal: 200 mVrms/50
Hz
Current signal: 10 mVrms/50 Hz
fCLK = 2.048 MHz
VCC = 3.3 V ±10%, 5 V ±10%
90
dB
AC measurement accuracy
SNR
Signal-to-noise
ratio
CIP-CIN channel
– Vin = ±230
mV @ 55 Hz gain 2x over 4 kHz
bandwidth
82
dB
VIP-VIN channel
– Vin = ±230
mV @ 55 Hz over 4 kHz
bandwidth
52
SINAD
Signal-to-noise
ratio + distortion
CIP-CIN channel
– Vin = ±230
mV @ 55 Hz gain 2x over 4 kHz
bandwidth
82
dB
VIP-VIN channel
– Vin = ±230
mV @ 55 Hz over 4 kHz
bandwidth
52
THD
Total harmonic
distortion
CIP-CIN channel
– Vin = ±230
mV @ 55 Hz gain 2x over 4 kHz
bandwidth
-105
dB
VIP-VIN channel
– Vin = ±230
mV @ 55 Hz over 4 kHz
bandwidth
-78
SFDR
Spurious free
dynamic range
CIP-CIN channel
– Vin = ±230
mV @ 55 Hz gain 2x over 4 kHz
bandwidth
90
dB
VIP-VIN channel
– Vin = ±230
mV @ 55 Hz over 4 kHz
bandwidth
68
PSRRAC
Power supply AC
rejection
Voltage signal: 200 mVrms/50
Hz
Current signal 10 mVrms/50 Hz
fCLK = 2.048 MHz
VCC = 3.3 V+0.2 Vrms1@100 Hz
VCC = 5.0 V+0.2 Vrms1@100 Hz
120
dB
Analog inputs (CIP, CIN, VIP, VIN)
VMAX
Maximum input
signal levels
VIP-VIN channel
-0.3
+0.3
V
CIP-CIN channel: gain 2x
-0.3
+0.3
V
CIP-CIN gain 4x
-0.15
+0.15
CIP-CIN gain 8x
-0.075
+0.075
CIP-CIN gain 16x
-0.0375
+0.0375
fSPL
A/D sampling
frequency
fCLK
Hz


Similar Part No. - STPMS2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPMS2H-PUR STMICROELECTRONICS-STPMS2H-PUR Datasheet
2Mb / 33P
   Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
STPMS2L-PUR STMICROELECTRONICS-STPMS2L-PUR Datasheet
2Mb / 33P
   Smart sensor II dual-channel 1-bit, 4 MHz, second-order sigma-delta modulator with embedded PGLNA
More results

Similar Description - STPMS2

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
TC7652 MICROCHIP-TC7652 Datasheet
456Kb / 16P
   Low Noise, Chopper Stabilized Operational Amplifier
2002
TC7652 MICROCHIP-TC7652_13 Datasheet
226Kb / 18P
   Low Noise, Chopper Stabilized Operational Amplifier
11/29/12
logo
TelCom Semiconductor, I...
TC7652 TELCOM-TC7652 Datasheet
90Kb / 6P
   LOW NOISE, CHOPPER-STABILIZED OPERATIONAL AMPLIFIER
logo
Texas Instruments
TLC2654 TI-TLC2654 Datasheet
427Kb / 30P
[Old version datasheet]   Advanced LinCMOSE LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
TLC2654 TI1-TLC2654_16 Datasheet
1Mb / 36P
[Old version datasheet]   Advanced LinCMOS LOW-NOISE CHOPPER-STABILIZED OPERATIONAL AMPLIFIERS
logo
Intronics Power, Inc.
233 INTRONICS-233 Datasheet
99Kb / 1P
   CHOPPER STABILIZED AMPLIFIER
logo
Texas Instruments
SM73308 TI-SM73308_15 Datasheet
1Mb / 26P
[Old version datasheet]   Low Offset, Low Noise, RRO Operational Amplifier
logo
Analog Devices
OP227 AD-OP227_17 Datasheet
557Kb / 6P
   Dual, Low-Offset Low Noise Operational Amplifier
logo
Microchip Technology
TC7650 MICROCHIP-TC7650_13 Datasheet
209Kb / 14P
   Chopper Stabilized Operational Amplifier
11/29/12
logo
Maxim Integrated Produc...
ICL7652 MAXIM-ICL7652 Datasheet
428Kb / 11P
   Chopper Stabilized Operatlonal Amplifier
19-3031; Rev 0; 1988
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com