Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

70P247L55BYGI Datasheet(PDF) 3 Page - Integrated Device Technology

Part # 70P247L55BYGI
Description  VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

70P247L55BYGI Datasheet(HTML) 3 Page - Integrated Device Technology

  70P247L55BYGI Datasheet HTML 1Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 2Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 3Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 4Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 5Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 6Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 7Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 8Page - Integrated Device Technology 70P247L55BYGI Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
6.42
IDT70P257/247L
Low Power 1.8V 8K/4K x 16 Dual-Port Static RAM
Industrial Temperature Range
3
Pin Names
Left Port
Right Port
Names
CEL
CER
Chip Enable (Input)
R/
WL
R/
WR
Read/Write Enable (Input)
OEL
OER
Output Enable (Input)
A0L - A12L(1)
A0R - A12R(1)
Address (Input)
I/O0L - I/O15L
I/O0R - I/O15R
Data Input/Output
SEML
SEMR
Semaphore Enable (Input)
UBL
UBR
Upper Byte Select (Input)
LBL
LBR
Lower Byte Select (Input)
INTL
INTR
Interrupt Flag (Output)
BUSYL
BUSYR
Busy Flag
IRR0, IRR1
Input Read Register (Input)
ODR0 - ODR4
Output Drive Register (Output)
SFEN(2)
Special Function Enable (Input)
M/
S
Master or Slave Select (Input)
VDD
Power (1.8V) (Input)
VSS
Ground (0V) (Input)
5684 tbl 01
NOTE:
1. A12X is a NC for IDT70P247.
2.
SFEN is active when either CEL = VIL or CER = VIL.
SFEN is inactive when CEL = CER = VIH.
NOTE:
1. A0L — A12L
≠ A0R — A12R for IDT70P257; A0L — A11L ≠ A0R — A11R for IDT70P247.
Truth Table I: Non-Contention Read/Write Control
Inputs(1)
Outputs
Mode
CE
R/
W
OE
UB
LB
SEM
I/O8-15
I/O0-7
H
X
X
X
X
H
High-Z
High-Z
Deselected: Power Down
X
X
X
H
H
H
High-Z
High-Z
Both Bytes Deselected
LL
X
L
H
H
DATAIN
High-Z
Write to Upper Byte Only
LL
X
H
L
H
High-Z
DATAIN
Write to Lower Byte Only
LL
X
L
L
H
DATAIN
DATAIN
Write to Both Bytes
L
H
LLH
H
DATAOUT
High-Z
Read Upper Byte Only
LH
LH
LH
High-Z
DATAOUT
Read Lower Byte Only
LH
L
L
LH
DATAOUT
DATAOUT
Read Both Bytes
X
X
H
X
X
X
High-Z
High-Z
Outputs Disabled
5684 tbl 02


Similar Part No. - 70P247L55BYGI

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
70P247L55BYGI RENESAS-70P247L55BYGI Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
More results

Similar Description - 70P247L55BYGI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT70P257 IDT-IDT70P257 Datasheet
295Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P256 RENESAS-IDT70P256 Datasheet
465Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
IDT70P257 RENESAS-IDT70P257 Datasheet
463Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258_09 Datasheet
174Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P258 RENESAS-IDT70P258 Datasheet
360Kb / 24P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
JANUARY 2009
logo
Integrated Device Techn...
IDT70P258 IDT-IDT70P258 Datasheet
351Kb / 23P
   VERY LOW POWER 1.8V 8K/4K x 16 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
IDT70P269 RENESAS-IDT70P269 Datasheet
151Kb / 22P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
OCTOBER 2008
IDT70P264 RENESAS-IDT70P264 Datasheet
353Kb / 15P
   VERY LOW POWER 1.8V 16K/8K/4K x 16 DUAL-PORT STATIC RAM
FEBRUARY 2009
IDT70P265 RENESAS-IDT70P265 Datasheet
442Kb / 23P
   VERY LOW POWER 1.8V 16K/8K/4K X 16 DUAL-PORT STATIC RAM
SEPTEMBER 2011
logo
Cypress Semiconductor
CYDM256B16 CYPRESS-CYDM256B16 Datasheet
889Kb / 25P
   1.8V 4K/8K/16K x 16 MoBL짰 Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com