Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STPA008 Datasheet(PDF) 3 Page - STMicroelectronics

Part # STPA008
Description  4 x 50 W MOSFET quad bridge power amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPA008 Datasheet(HTML) 3 Page - STMicroelectronics

  STPA008 Datasheet HTML 1Page - STMicroelectronics STPA008 Datasheet HTML 2Page - STMicroelectronics STPA008 Datasheet HTML 3Page - STMicroelectronics STPA008 Datasheet HTML 4Page - STMicroelectronics STPA008 Datasheet HTML 5Page - STMicroelectronics STPA008 Datasheet HTML 6Page - STMicroelectronics STPA008 Datasheet HTML 7Page - STMicroelectronics STPA008 Datasheet HTML 8Page - STMicroelectronics STPA008 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
DocID027887 Rev 2
3/29
STPA008
Contents
3
6
Revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28


Similar Part No. - STPA008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008-ZST STMICROELECTRONICS-STPA008-ZST Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
More results

Similar Description - STPA008

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPA008ZS STMICROELECTRONICS-STPA008ZS Datasheet
546Kb / 25P
   4 x 50 W MOSFET quad bridge power amplifier
September 2021 Rev 2
TDA7850 STMICROELECTRONICS-TDA7850 Datasheet
420Kb / 18P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7850A STMICROELECTRONICS-TDA7850A Datasheet
275Kb / 16P
   4 x 50 W MOSFET quad bridge power amplifier plus HSD
TDA7851L STMICROELECTRONICS-TDA7851L Datasheet
312Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851A STMICROELECTRONICS-TDA7851A Datasheet
324Kb / 15P
   4 x 48 W MOSFET quad bridge power amplifier
September 2013 Rev 3
TDA7851F STMICROELECTRONICS-TDA7851F Datasheet
446Kb / 18P
   4 48 W MOSFET quad bridge power amplifier
February 2016 Rev 4
TDA7854 STMICROELECTRONICS-TDA7854 Datasheet
167Kb / 12P
   4 x 47W MOSFET quad bridge power amplifier
TDA7560 STMICROELECTRONICS-TDA7560_V01 Datasheet
495Kb / 17P
   4 x 51 W quad bridge car radio amplifier
Rev 6 September 2013
logo
List of Unclassifed Man...
PAL013A ETC-PAL013A Datasheet
148Kb / 2P
   4 x 45 W Quad bridge car radio amplifier
logo
STMicroelectronics
TDA7387 STMICROELECTRONICS-TDA7387 Datasheet
811Kb / 15P
   4 x 41 W quad bridge car radio amplifier
September 2013 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com