Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDV1542URH Datasheet(PDF) 3 Page - MagnaChip Semiconductor.

Part # MDV1542URH
Description  Single N-channel Trench MOSFET 30V
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDV1542URH Datasheet(HTML) 3 Page - MagnaChip Semiconductor.

  MDV1542URH Datasheet HTML 1Page - MagnaChip Semiconductor. MDV1542URH Datasheet HTML 2Page - MagnaChip Semiconductor. MDV1542URH Datasheet HTML 3Page - MagnaChip Semiconductor. MDV1542URH Datasheet HTML 4Page - MagnaChip Semiconductor. MDV1542URH Datasheet HTML 5Page - MagnaChip Semiconductor. MDV1542URH Datasheet HTML 6Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Nov. 2014. Ver. 1.0
MagnaChip Semiconductor Ltd.
3
Fig.5 Transfer Characteristics
Fig.1 On-Region Characteristics
Fig.2 On-Resistance Variation with
Drain Current and Gate Voltage
Fig.3 On-Resistance Variation with
Temperature
Fig.4 On-Resistance Variation with
Gate to Source Voltage
Fig.6 Body Diode Forward Voltage
Variation with Source Current and
Temperature
-50
-25
0
25
50
75
100
125
150
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Notes :
1. V
GS = 10 V
2. I
D = 16 A
T
J, Junction Temperature [
oC]
0.0
0.5
1.0
1.5
2.0
0
5
10
15
20
4.5V
6.0V
2.5V
3.0V
V
GS = 10V
V
DS, Drain-Source Voltage [V]
5
10
15
20
2
4
6
8
V
GS = 10V
V
GS = 4.5V
I
D, Drain Current [A]
2
3
4
5
6
7
8
9
10
0
10
20
30
40
50
Notes :
I
D = 16.0A
V
GS, Gate to Source Volatge [V]
0
1
2
3
4
5
0
1
2
3
4
5
V
GS, Gate-Source Voltage [V]
Notes :
V
DS = 5V
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
0.1
1
10
Notes :
V
GS = 0V
V
SD, Source-Drain voltage [V]


Similar Part No. - MDV1542URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1545S MGCHIP-MDV1545S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1545SURH MGCHIP-MDV1545SURH Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1545URH MGCHIP-MDV1545URH Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1548 MGCHIP-MDV1548 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
More results

Similar Description - MDV1542URH

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDV1545 MGCHIP-MDV1545 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1538 MGCHIP-MDU1538 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1536 MGCHIP-MDU1536 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1531 MGCHIP-MDU1531 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1532S MGCHIP-MDU1532S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1531S MGCHIP-MDU1531S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1545S MGCHIP-MDV1545S Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDU1535 MGCHIP-MDU1535 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
MDV1548 MGCHIP-MDV1548 Datasheet
1Mb / 6P
   Single N-channel Trench MOSFET 30V
logo
Shenzhen Meipusen Semic...
MSN03R034S MAPLESMI-MSN03R034S Datasheet
825Kb / 6P
   30V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com