Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

72291L15PFG Datasheet(PDF) 2 Page - Integrated Device Technology

Part # 72291L15PFG
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

72291L15PFG Datasheet(HTML) 2 Page - Integrated Device Technology

  72291L15PFG Datasheet HTML 1Page - Integrated Device Technology 72291L15PFG Datasheet HTML 2Page - Integrated Device Technology 72291L15PFG Datasheet HTML 3Page - Integrated Device Technology 72291L15PFG Datasheet HTML 4Page - Integrated Device Technology 72291L15PFG Datasheet HTML 5Page - Integrated Device Technology 72291L15PFG Datasheet HTML 6Page - Integrated Device Technology 72291L15PFG Datasheet HTML 7Page - Integrated Device Technology 72291L15PFG Datasheet HTML 8Page - Integrated Device Technology 72291L15PFG Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
COMMERCIALANDINDUSTRIAL
TEMPERATURERANGES
IDT72281/72291
CMOS SuperSync FIFO™ 65,536 x 9 and 131,072 x 9
2
TQFP (PN64-1, ORDER CODE: PF)
STQFP (PP64-1, ORDER CODE: TF)
TOP VIEW
DESCRIPTION (CONTINUED)
PIN 1
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
WEN
SEN
DC(1)
VCC
VCC
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
GND(2)
D8
D7
64 63 62 61 60 59 58 57 56 55 54 53 52 51 50 49
17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
VCC
DNC(3)
DNC(3)
DNC(3)
GND
DNC(3)
DNC(3)
Q8
Q7
Q6
GND
4675 drw 02
TheinputportiscontrolledbyaWriteClock(WCLK)inputandaWriteEnable
(WEN)input. DataiswrittenintotheFIFOoneveryrisingedgeofWCLKwhen
WEN is asserted. The output port is controlled by a Read Clock (RCLK) input
andReadEnable(REN)input. DataisreadfromtheFIFOoneveryrisingedge
of RCLK when REN is asserted. An Output Enable (OE) input is provided for
three-statecontroloftheoutputs.
The frequencies of both the RCLK and the WCLK signals may vary from 0
tofMAXwithcompleteindependence. Therearenorestrictionsonthefrequency
of the one clock input with respect to the other.
Therearetwopossibletimingmodesofoperationwiththesedevices:IDT
Standard mode and First Word Fall Through (FWFT) mode.
InIDTStandardmode,thefirstwordwrittentoanemptyFIFOwillnotappear
onthedataoutputlinesunlessaspecificreadoperationisperformed.Aread
operation,whichconsistsofactivatingRENandenablingarisingRCLKedge,
willshiftthewordfrominternalmemorytothedataoutputlines.
InFWFTmode,thefirstwordwrittentoanemptyFIFOisclockeddirectlyto
thedataoutputlinesafter threetransitionsoftheRCLKsignal.ARENdoesnot
havetobeassertedforaccessingthefirstword.However,subsequentwords
writtentotheFIFOdorequireaLOWonRENforaccess. ThestateoftheFWFT/
SIinputduringMasterResetdeterminesthetimingmodeinuse.
ForapplicationsrequiringmoredatastoragecapacitythanasingleFIFOcan
provide, the FWFT timing mode permits depth expansion by chaining FIFOs
inseries(i.e.thedataoutputsofoneFIFOareconnectedtothecorresponding
data inputs of the next). No external logic is required.
TheseFIFOshavefiveflagpins,EF/OR(EmptyFlagorOutputReady),FF/
IR(FullFlagorInputReady),HF(Half-fullFlag),PAE(ProgrammableAlmost-
Emptyflag)andPAF(ProgrammableAlmost-Fullflag). TheEFandFFfunctions
are selected in IDT Standard mode. The IR andORfunctionsareselectedin
NOTES:
1. DC = Don’t Care. Must be tied to GND or VCC, cannot be left open.
2. This pin may either be tied to GND or left open.
3. DNC = Do Not Connect.
PIN CONFIGURATIONS


Similar Part No. - 72291L15PFG

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
72291 BOURNS-72291 Datasheet
73Kb / 2P
   Surge Protector Test Set
More results

Similar Description - 72291L15PFG

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com