Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DT72281 Datasheet(PDF) 1 Page - Integrated Device Technology

Part # DT72281
Description  CMOS SuperSync FIFO
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

DT72281 Datasheet(HTML) 1 Page - Integrated Device Technology

  DT72281_13 Datasheet HTML 1Page - Integrated Device Technology DT72281_13 Datasheet HTML 2Page - Integrated Device Technology DT72281_13 Datasheet HTML 3Page - Integrated Device Technology DT72281_13 Datasheet HTML 4Page - Integrated Device Technology DT72281_13 Datasheet HTML 5Page - Integrated Device Technology DT72281_13 Datasheet HTML 6Page - Integrated Device Technology DT72281_13 Datasheet HTML 7Page - Integrated Device Technology DT72281_13 Datasheet HTML 8Page - Integrated Device Technology DT72281_13 Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
1
2013 Integrated Device Technology, Inc. All rights reserved. Product specifications subject to change without notice.
DSC-4675/5
©
MARCH 2013
IDT, IDT logo are registered trademarks of Integrated Device Technology, Inc. The SuperSync FIFO is a trademark of Integrated Device Technology, Inc.
COMMERCIAL AND INDUSTRIAL TEMPERATURE RANGES
CMOS SuperSync FIFO™
65,536 x 9
131,072 x 9
IDT72281
IDT72291
FEATURES:
••••• Choose among the following memory organizations:
IDT72281
65,536 x 9
IDT72291
131,072 x 9
••••• Pin-compatible with the IDT72261LA/72271LA SuperSync FIFOs
••••• 10ns read/write cycle time (6.5ns access time)
••••• Fixed, low first word data latency time
••••• Auto power down minimizes standby power consumption
••••• Master Reset clears entire FIFO
••••• Partial Reset clears data, but retains programmable
settings
••••• Retransmit operation with fixed, low first word data
latency time
••••• Empty, Full and Half-Full flags signal FIFO status
••••• Programmable Almost-Empty and Almost-Full flags, each flag
can default to one of two preselected offsets
••••• Program partial flags by either serial or parallel means
••••• Select IDT Standard timing (using EF and FF flags) or First
Word Fall Through timing (using OR and IR flags)
••••• Output enable puts data outputs into high impedance state
••••• Easily expandable in depth and width
••••• Independent Read and Write clocks (permit reading and writing
simultaneously)
••••• Available in the 64-pin Thin Quad Flat Pack (TQFP) and the 64-
pin Slim Thin Quad Flat Pack (STQFP)
••••• High-performance submicron CMOS technology
••••• Industrial temperature range (-40°C to +85°C) is available
DESCRIPTION:
TheIDT72281/72291areexceptionallydeep,highspeed,CMOSFirst-In-
First-Out(FIFO)memorieswithclockedreadandwritecontrols. TheseFIFOs
offernumerousimprovementsoverpreviousSuperSyncFIFOs,includingthe
following:
••••• Thelimitationofthefrequencyofoneclockinputwithrespecttotheotherhas
been removed. The Frequency Select pin (FS) has been removed, thus
it is no longer necessary to select which of the two clock inputs, RCLK or
WCLK, is running at the higher frequency.
••••• The period required by the retransmit operation is now fixed and short.
••••• Thefirstworddatalatencyperiod,fromthetimethefirstwordiswrittentoan
emptyFIFOtothetimeitcanberead,isnowfixedandshort. (Thevariable
clock cycle counting delay associated with the latency period found on
previousSuperSyncdeviceshasbeeneliminatedonthisSuperSyncfamily.)
SuperSyncFIFOsareparticularlyappropriatefornetwork,video,telecom-
munications,datacommunicationsandotherapplicationsthatneedtobuffer
largeamountsofdata.
INPUT REGISTER
OUTPUT REGISTER
RAM ARRAY
65,536 x 9
131,072 x 9
FLAG
LOGIC
FF/IR
PAF
EF/OR
PAE
HF
READ
CONTROL
LOGIC
WRITE CONTROL
LOGIC
RESET
LOGIC
WEN
WCLK
D0 -D8
LD
MRS
REN
RCLK
OE
Q0 -Q8
OFFSET REGISTER
PRS
FWFT/SI
SEN
RT
4675 drw01
WRITE POINTER
READ POINTER
FUNCTIONAL BLOCK DIAGRAM


Similar Part No. - DT72281_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
DT72T1845 IDT-DT72T1845 Datasheet
372Kb / 56P
   2.5 VOLT HIGH-SPEED TeraSync??FIFO
DT72T7295 IDT-DT72T7295 Datasheet
465Kb / 53P
   2.5 VOLT HIGH-SPEED TeraSync FIFO 72-BIT CONFIGURATIONS
DT72V3654L10PF IDT-DT72V3654L10PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
DT72V3654L15PF IDT-DT72V3654L15PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
DT72V3664L10PF IDT-DT72V3664L10PF Datasheet
416Kb / 37P
   3.3 VOLT CMOS SyncBiFIFOTM WITH BUS-MATCHING 2,048 x 36 x 2 4,096 x 36 x 2 8,192 x 36 x 2
More results

Similar Description - DT72281_13

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72255LA IDT-IDT72255LA Datasheet
354Kb / 27P
   CMOS SUPERSYNC FIFO
IDT72261LA IDT-IDT72261LA Datasheet
304Kb / 27P
   CMOS SuperSync FIFO
IDT72275 IDT-IDT72275 Datasheet
230Kb / 25P
   CMOS SUPERSYNC FIFO?
IDT72255LA IDT-IDT72255LA_14 Datasheet
488Kb / 27P
   CMOS SuperSync FIFO
IDT72255LA IDT-IDT72255LA_05 Datasheet
328Kb / 27P
   CMOS SuperSync FIFO
IDT72291 IDT-IDT72291 Datasheet
277Kb / 26P
   CMOS SuperSync FIFO
IDT72261LA IDT-IDT72261LA_13 Datasheet
446Kb / 27P
   CMOS SuperSync FIFO
IDT72V271 IDT-IDT72V271 Datasheet
310Kb / 27P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V285 IDT-IDT72V285 Datasheet
213Kb / 25P
   3.3 VOLT CMOS SuperSync FIFO
IDT72V281 IDT-IDT72V281_14 Datasheet
222Kb / 26P
   3.3 VOLT CMOS SuperSync FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com