Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDU5693 Datasheet(PDF) 5 Page - MagnaChip Semiconductor.

Part # MDU5693
Description  Dual Asymmetric N-channel Trench MOSFET 30V
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MGCHIP [MagnaChip Semiconductor.]
Direct Link  http://www.magnachip.co.kr
Logo MGCHIP - MagnaChip Semiconductor.

MDU5693 Datasheet(HTML) 5 Page - MagnaChip Semiconductor.

  MDU5693 Datasheet HTML 1Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 2Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 3Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 4Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 5Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 6Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 7Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 8Page - MagnaChip Semiconductor. MDU5693 Datasheet HTML 9Page - MagnaChip Semiconductor.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Jan. 2015 Ver. 1.0
MagnaChip Semiconductor Ltd.
5
FET2 Electrical Characteristics (Ta =25
oC)
Characteristics
Symbol
Test Condition
Min
Typ
Max
Unit
Static Characteristics
Drain-Source Breakdown Voltage
BVDSS
ID = 10mA, VGS = 0V
30
-
-
V
Gate Threshold Voltage
VGS(th)
VDS = VGS, ID = 250μA
1.1
1.4
2.2
Drain Cut-Off Current
IDSS
VDS = 30V, VGS = 0V
-
-
1
μA
Gate Leakage Current
IGSS
VGS = ±12V, VDS = 0V
-
-
±0.1
Drain-Source ON Resistance
RDS(ON)
VGS = 10V, ID = 20A
-
1.8
2.5
TJ=125
oC
-
2.3
3.2
VGS = 4.5V, ID = 20A
-
2.4
3.2
Forward Transconductance
gfs
VDS = 5V, ID = 20A
-
85
-
S
Dynamic Characteristics
Total Gate Charge
Qg(10V)
VDS = 15.0V, ID = 20A,
VGS = 10V
32.8
46.8
65
nC
Total Gate Charge
Qg(4.5V)
14.2
20.6
28.8
Gate-Source Charge
Qgs
-
6.8
-
Gate-Drain Charge
Qgd
-
3.9
-
Input Capacitance
Ciss
VDS = 15.0V, VGS = 0V,
f = 1.0MHz
2189
3150
4093
pF
Output Capacitance
Coss
690
1010
1300
Reverse Transfer Capacitance
Crss
48
71
92
Turn-On Delay Time
td(on)
VGS = 10V VDD=15V,
ID=20A, Rg=3Ω
-
11.3
-
ns
Rise Time
tr
-
12
-
Turn-Off Delay Time
td(off)
-
57.4
-
Fall Time
tf
-
7.08
-
Gate Resistance
Rg
f=1 MHz
0.5
1.0
2.0
Ω
Drain-Source Body Diode Characteristics
Source-Drain Diode Forward Voltage
VSD
IS = 1.0A, VGS = 0V
-
0.6
1.0
V
Body Diode Reverse Recovery Time
trr
IF = 20A, dl/dt = 200A/μs
-
38
-
ns
Body Diode Reverse Recovery Charge
Qrr
-
64.4
-
nC
Note :
1. Surface mounted FR-4 board by JEDEC (jesd51-7). Continuous current at TC=25℃ is silicon limited.
2. EAS is tested at starting Tj = 25℃, L = 0.1mH, IAS = 25 A, VDD = 27V, VGS = 10V..


Similar Part No. - MDU5693

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692SVRH MGCHIP-MDU5692SVRH Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
More results

Similar Description - MDU5693

ManufacturerPart #DatasheetDescription
logo
MagnaChip Semiconductor...
MDU5593S MGCHIP-MDU5593S Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5512 MGCHIP-MDU5512 Datasheet
2Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
MDU5692S MGCHIP-MDU5692S Datasheet
1Mb / 9P
   Dual Asymmetric N-channel Trench MOSFET 30V
logo
Alpha & Omega Semicondu...
AON6920 AOSMD-AON6920 Datasheet
400Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6906A AOSMD-AON6906A Datasheet
376Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON6910A AOSMD-AON6910A Datasheet
429Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AON6908A AOSMD-AON6908A Datasheet
437Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
AOE6922 AOSMD-AOE6922 Datasheet
483Kb / 10P
   30V Dual Asymmetric N-Channel MOSFET
AON7902 AOSMD-AON7902 Datasheet
420Kb / 11P
   30V Dual Asymmetric N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com