Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1502 Datasheet(PDF) 11 Page - Mitsumi Electronics, Corp.

Part # MM1502
Description  Video Switch75??driverY/C mix
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1502 Datasheet(HTML) 11 Page - Mitsumi Electronics, Corp.

Back Button MM1502 Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 9Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 10Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 11Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 12Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 13Page - Mitsumi Electronics, Corp. MM1502 Datasheet HTML 14Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
MITSUMI
Video Switch · 75
Ω driver · Y/C mix MM1501
MM1511 ~ MM1512
· Switch Status
Item
Symbol
Switch status
S1
S2
Consumption current
ICC
22
Voltage gain
GV
12
21
Frequency characteristic
fc
12
21
Item
Symbol
Switch status
S1
S2
Differential gain
DG
3
1
Differential phase
DP
3
1
Y output dynamic range
VDY
21
C output dynamic range
VDC
31
· Measurement Procedures
Consumption current
ICC1
Connect a DC ammeter to the VCC pin and measure. Hereafter,
short the ammeter to use.
Voltage gain
GV
Input a 2.0VP-P (1.0VP-P for MM1512), 100kHz sine wave to SG1. If TP1
voltage is V1 and TP2 voltage is V2, find GV by the following formula:
GV = 20LOG (V2/V1) dB
Frequency characteristic
fc
In the above GV measurement, if TP2 voltage at 10MHz (7MHz for
MM1512) is V3, find fc by the following formula.
fc = 20LOG (V3/V2) dB
Differential gain
DG
Input a 2.0VP-P (1.0VP-P for MM1512) to SG1, input a chroma signal
to SG2, and measure differential gain at TP2.
APL = 10 ~ 90%
Differential phase
DP
The same as for DG, but measure differential phase.
Y output dynamic range
VDY
Input a 100kHz sine wave to SG1. Measure VDY, the maximum
amplitude under THD 1%, at TP2.
Input an APL 50% luminance signal to SG1 and input a chroma
signal to SG2. Change the chroma signal amplitude and measure
VDC, the maximum amplitude where there is no waveform
distortion at TP2.
C output dynamic range
VDC


Similar Part No. - MM1502

ManufacturerPart #DatasheetDescription
logo
Tiger Electronic Co.,Lt...
MM1510 TGS-MM1510 Datasheet
257Kb / 5P
   6dB Amplifier with 75OHM Driver
logo
List of Unclassifed Man...
MM152 ETC2-MM152 Datasheet
495Kb / 1P
   Precision Film Resistors
logo
Mitsumi Electronics, Co...
MM1522 MITSUMI-MM1522 Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XN MITSUMI-MM1522XN Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
MM1522XU MITSUMI-MM1522XU Datasheet
85Kb / 4P
   Analog voltage output temperature sensor Monolithic IC MM1522XU/XN
More results

Similar Description - MM1502

ManufacturerPart #DatasheetDescription
logo
Agamem Microelectronic ...
AA8600 AGAMEM-AA8600 Datasheet
43Kb / 1P
   VIDEO Y/C MIX
logo
Rohm
BA7664FV ROHM-BA7664FV Datasheet
79Kb / 7P
   75??driver with Y / C MIX circuit
BA7665FS ROHM-BA7665FS Datasheet
91Kb / 8P
   3-channel 75??driver with Y / C MIX
logo
New Japan Radio
NJM2570A NJRC-NJM2570A Datasheet
79Kb / 7P
   75??Driver with Filter and Y/C MIX
logo
Rohm
BA7664AFV ROHM-BA7664AFV_09 Datasheet
207Kb / 5P
   Y/C MIX Circuit built-in Video Driver
logo
Agamem Microelectronic ...
AA8600AP AGAMEM-AA8600AP Datasheet
172Kb / 7P
   Y/C MIX
logo
Mitsumi Electronics, Co...
MM1188 MITSUMI-MM1188 Datasheet
117Kb / 5P
   3-Input 1-Output Video Switch (with Y-C mix)
logo
DB Lectro Inc
MS-328-4 DBLECTRO-MS-328-4 Datasheet
54Kb / 2P
   Form C Reed Sensor 쨌 Flatpack
logo
Schurter Inc.
3413.0002.XX SCHURTER-3413.0002.XX Datasheet
476Kb / 2P
   UL 248-14 쨌 125 VAC 쨌 63 VDC 쨌 Super-Quick-Acting FF
UMT-H SCHURTER-UMT-H Datasheet
475Kb / 3P
   UL 248-14 쨌 277 VAC 쨌 250 VDC 쨌 Time-Lag T
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com