Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK3R3M400ST Datasheet(PDF) 3 Page - Cornell Dubilier Electronics

Part # SEK3R3M400ST
Description  Available in T&R and ammo pack
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK3R3M400ST Datasheet(HTML) 3 Page - Cornell Dubilier Electronics

  SEK3R3M400ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK3R3M400ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space
Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
6.3 Vdc (8 Volts Surge)
100
SEK101M6R3ST
3.45
100
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SEK221M6R3ST
1.57
165
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SEK331M6R3ST
1.05
200
.248 (6.3)
.453 (11.5)
.098 (2.5)
.0197 (0.5)
470
SEK471M6R3ST
0.73
280
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SEK102M6R3ST
0.35
470
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M6R3ST
0.17
930
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M6R3ST
0.12
1100
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M6R3ST
0.10
1320
.630 (16.0)
.984 (26.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M6R3ST
0.07
1490
.630 (16.0)
.984 (25.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M6R3ST
0.06
1830
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
15000
SEK153M6R3ST
0.05
2280
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10 Vdc (13 Volts Surge)
47
SEK470M010ST
6.21
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M010ST
2.92
110
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
220
SEK221M010ST
1.33
180
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
330
SEK331M010ST
0.88
255
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
470
SEK471M010ST
0.62
305
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
1000
SEK102M010ST
0.29
570
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M010ST
0.14
1010
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M010ST
0.10
1220
.512 (13.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M010ST
0.08
1410
.630 (16.0)
.984 (25.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M010ST
0.07
1610
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M010ST
0.05
1980
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
15000
SEK153M010ST
0.04
3330
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
16 Vdc (20 Volts Surge)
33
SEK330M016ST
7.24
70
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M016ST
5.08
85
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M016ST
2.39
135
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SEK221M016ST
1.09
235
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
330
SEK331M016ST
0.72
285
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
470
SEK471M016ST
0.51
395
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
1000
SEK102M016ST
0.24
700
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
2200
SEK222M016ST
0.12
1150
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
3300
SEK332M016ST
0.09
1350
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
4700
SEK472M016ST
0.07
1560
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
6800
SEK682M016ST
0.06
1790
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
10000
SEK103M016ST
0.05
2884
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
25 Vdc (32 Volts Surge)
10
SEK100M025ST
21.23
50
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
22
SEK220M025ST
9.65
60
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
33
SEK330M025ST
6.43
75
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
47
SEK470M025ST
4.52
90
.197 (5.0)
.433 (11.0)
.079 (2.0)
.0197 (0.5)
100
SEK101M025ST
2.12
145
.248 (6.3)
.433 (11.0)
.098 (2.5)
.0197 (0.5)
220
SEK221M025ST
0.97
250
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
330
SEK331M025ST
0.64
355
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
Capacitance
Rated
Lead
Type Capacitance Tolerance
Voltage
Packaging
Configuration
(µF)
(%)
(Vdc)
SEK
100
M
100
S
T
3R0 = 3
K = ±10
6R3 = 6.3
A = Tape & Ammo
1 = Lead cut
100 = 10
M = ±20
010 = 10
E = Different Characteristic
2 = Lead form
101 = 100
100 = 100
R = Tape & Reel
4 = Lead crimp & cut (form)
102 = 1000
S = Standard
T = Standard
Ratings


Similar Part No. - SEK3R3M400ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK3R3M400ST CDE-SEK3R3M400ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
SEK3R3M400ST CDE-SEK3R3M400ST Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results

Similar Description - SEK3R3M400ST

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
   Bulk, tape and reel or ammo pack
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com