Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MM1288CQ Datasheet(PDF) 1 Page - Mitsumi Electronics, Corp.

Part # MM1288CQ
Description  TFT Liquid Crystal Interface
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

MM1288CQ Datasheet(HTML) 1 Page - Mitsumi Electronics, Corp.

  MM1288CQ Datasheet HTML 1Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 2Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 3Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 4Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 5Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 6Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 7Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 8Page - Mitsumi Electronics, Corp. MM1288CQ Datasheet HTML 9Page - Mitsumi Electronics, Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
MITSUMI
TFT Liquid Crystal Interface MM1288CQ
TFT Liquid Crystal Interface
Monolithic IC MM1288CQ
Outline
This IC was developed as an interface IC for video equipment having a small monitor. This IC performs γ
correction and polarity identification to convert RGB signals into TFT liquid crystal RGB signals. A common
inversion circuit and sync separation circuit are built-in.
Features
1. Power supply voltage +13V, 0V or +5V, -8V
2. Built-in polarity ID circuit
3. Built-in
γ correction circuit
4. Common inversion circuit built-in
5. 2 input switch built-in
6. Built-in contrast adjustment circuit
7. Built-in sync separation circuit
Package
QFP-48A
Applications
1. Navigation systems
2. Pachinko games (models with color TFT)
3. Videophones, conferencing systems
4. Game equipment
5. Others


Similar Part No. - MM1288CQ

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
MM1285 MITSUMI-MM1285 Datasheet
69Kb / 3P
   Hybrid Driver Monolithic IC
More results

Similar Description - MM1288CQ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
V390DK1-LS1 ETC2-V390DK1-LS1 Datasheet
1Mb / 50P
   TFT Liquid Crystal Display
logo
AZ Displays
G104X1-L04 AZDISPLAYS-G104X1-L04 Datasheet
572Kb / 26P
   10.4??TFT Liquid Crystal Display module
G133IGE-L03 AZDISPLAYS-G133IGE-L03 Datasheet
661Kb / 27P
   13.3??TFT Liquid Crystal Display module
logo
List of Unclassifed Man...
M150X3-T05 ETC-M150X3-T05 Datasheet
662Kb / 26P
   15.0 TFT Liquid Crystal Display module
M150X3-T03 ETC-M150X3-T03 Datasheet
638Kb / 27P
   15.0 TFT Liquid Crystal Display module
logo
Newhaven Display Intern...
NHD-4.3RTP-SHIELD-V NEWHAVEN-NHD-4.3RTP-SHIELD-V Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
NHD-4.3RTP-SHIELD-N NEWHAVEN-NHD-4.3RTP-SHIELD-N Datasheet
1Mb / 12P
   Color TFT Liquid Crystal Display Module
logo
Chi Mei Corporation.
N173HGE-E11 CHIMEI-N173HGE-E11 Datasheet
629Kb / 37P
   17.3??TFT Liquid Crystal Display module
logo
LG Semicon Co.,Ltd.
LM190E08 LG-LM190E08 Datasheet
415Kb / 29P
   Liquid Crystal Display SXGA TFT LCD
LM201WE3 LG-LM201WE3 Datasheet
722Kb / 29P
   Liquid Crystal Display WSXGA TFT LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com