Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SLPX472M050A7P3 Datasheet(PDF) 2 Page - Cornell Dubilier Electronics

Part # SLPX472M050A7P3
Description  Small case size with high capacitance
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SLPX472M050A7P3 Datasheet(HTML) 2 Page - Cornell Dubilier Electronics

  SLPX472M050A7P3 Datasheet HTML 1Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 2Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 3Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 4Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 5Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 6Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 7Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 8Page - Cornell Dubilier Electronics SLPX472M050A7P3 Datasheet HTML 9Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
10.0
D+1 max.
6.3±1
L±2
2 x Ø2.0±0.1
Vent
PC Board Mounting Holes
1.5 +0.2/-0.1
0.8 +0.2/-0.1
6.3 3.5
0.8 +0.2/-0.1
Outline Drawing
Part Numbering System
Additional Voltages and Sizes available at www.cde.com/catalogs/SLPX.pdf
Type SLPX 85 °C Snap-In Aluminum Electrolytic
Best Value 85 °C Snap-In Type
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
3000 h @ 85 ºC
Max 25 °C ESR Max 85 °C Ripple Nominal
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
Cap
Catalog
(Ω)
(A
rms)
Size (DxL)
(μF)
Part Number
120 Hz 20kHz 120 Hz 20kHz
(mm)
(μF)
Part Number
120 Hz 20kHz
120 Hz 20kHz
(mm)
10 Vdc (13 Vdc Surge)
10 Vdc (13 Vdc Surge)
12000 SLPX123M010A1P3 0.061
0.046
2.41
3.01
22 x 25
68000 SLPX683M010E9P3 0.011
0.008
7.50
9.38
30 x 50
15000 SLPX153M010A3P3 0.049
0.037
2.88
3.60
22 x 30
68000 SLPX683M010H7P3 0.011
0.008
7.48
9.35
35 x 40
15000 SLPX153M010C1P3 0.049
0.037
2.88
3.60
25 x 25
82000 SLPX823M010H9P3 0.009
0.007
8.50
10.63
35 x 50
18000 SLPX183M010A5P3 0.041
0.031
3.22
4.03
22 x 35
16 Vdc (20 Vdc Surge)
18000 SLPX183M010C3P3 0.041
0.031
3.08
3.85
25 x 30
8200 SLPX822M016A1P3 0.081
0.061
2.56
3.20
22 x 25
22000 SLPX223M010A7P3 0.033
0.025
3.79
4.74
22 x 40
10000 SLPX103M016A3P3 0.066
0.050
2.89
3.61
22 x 30
22000 SLPX223M010C3P3 0.033
0.025
3.66
4.58
25 x 30
12000 SLPX123M016A3P3 0.055
0.041
3.13
3.91
22 x 30
22000 SLPX223M010E1P3 0.033
0.025
3.53
4.41
30 x 25
12000 SLPX123M016C1P3 0.055
0.041
3.01
3.76
25 x 25
27000 SLPX273M010A4P3 0.027
0.020
4.04
5.05
22 x 45
15000 SLPX153M016A5P3 0.044
0.033
3.69
4.61
22 x 35
27000 SLPX273M010C5P3 0.027
0.020
4.04
5.05
25 x 35
15000 SLPX153M016C3P3 0.044
0.033
3.64
4.55
25 x 30
27000 SLPX273M010E3P3 0.027
0.020
3.99
4.99
30 x 30
15000 SLPX153M016E1P3 0.044
0.033
3.73
4.66
30 x 25
33000 SLPX333M010A9P3 0.022
0.017
4.58
5.73
22 x 50
18000 SLPX183M016A7P3 0.037
0.028
3.98
4.98
22 x 40
33000 SLPX333M010C7P3 0.022
0.017
4.56
5.70
25 x 40
18000 SLPX183M016C5P3 0.037
0.028
3.98
4.98
25 x 35
33000 SLPX333M010E3P3 0.022
0.017
4.58
5.73
30 x 30
18000 SLPX183M016E3P3 0.037
0.028
3.88
4.85
30 x 30
39000 SLPX393M010C4P3 0.019
0.014
5.29
6.61
25 x 45
22000 SLPX223M016A9P3 0.030
0.023
4.52
5.65
22 x 50
39000 SLPX393M010E5P3 0.019
0.014
5.21
6.51
30 x 35
22000 SLPX223M016C7P3 0.030
0.023
4.44
5.55
25 x 40
39000 SLPX393M010H3P3 0.019
0.014
5.50
6.88
35 x 30
22000 SLPX223M016E3P3 0.030
0.023
4.38
5.48
30 x 30
47000 SLPX473M010C9P3 0.016
0.012
5.78
7.23
25 x 50
27000 SLPX273M016C4P3 0.025
0.019
4.98
6.23
25 x 45
47000 SLPX473M010E7P3 0.016
0.012
5.78
7.23
30 x 40
27000 SLPX273M016E5P3 0.025
0.019
4.95
6.19
30 x 35
47000 SLPX473M010H5P3 0.016
0.012
5.55
6.94
35 x 35
27000 SLPX273M016H3P3 0.025
0.019
4.82
6.03
35 x 30
56000 SLPX563M010E4P3 0.013
0.010
6.59
8.24
30 x 45
33000 SLPX333M016C9P3 0.020
0.015
5.49
6.86
25 x 50
56000 SLPX563M010H5P3 0.013
0.010
6.40
8.00
35 x 35
33000 SLPX333M016E7P3 0.020
0.015
5.60
7.00
30 x 40
Ratings
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830
SLPX
562
M
025
A1
P
3
A
Case
Insulating
Type
Cap
Tolerance
Voltage
Code
Polarity
Sleeve
Pin Style
SLPX
821 = 820 µF
M = ±20%
025 = 25 Vdc
P = Polarized
3 = PVC
Blank = 2 pins
332 = 3300 µF
250 = 250 Vdc
snap-in 6.3 mm L
103 = 10,000 µF
A = 2 pins snap-in
4.0 mm L
Diameter
Length
mm
(in)
mm
(in)
25
30
35
40
45
50
(1.00) (1.18) (1.38) (1.57) (1.77) (2.00)
22
(0.87)
A1
A3
A5
A7
A4
A9
25
(1.00)
C1
C3
C5
C7
C4
C9
30
(1.18)
E1
E3
E5
E7
E4
E9
35
(1.38)
H1
H3
H5
H7
H4
H9
4.0 mm pin length option
(add “A” to end of part #)


Similar Part No. - SLPX472M050A7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SLPX472M050A7P3 CDE-SLPX472M050A7P3 Datasheet
427Kb / 8P
   Type SLPX 85 째C Snap-In Aluminum Electrolytic
More results

Similar Description - SLPX472M050A7P3

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
EDL CDE-EDL Datasheet
2Mb / 8P
   Ultra High Capacitance, Small Case Size Options
380LQ CDE-380LQ_15 Datasheet
626Kb / 10P
   High Capacitance per Case Size
logo
WALSIN TECHNOLOGY CORPO...
1206B104K500CT WALSIN-1206B104K500CT Datasheet
5Mb / 22P
   High capacitance in given case size
MG31B104K500CT WALSIN-MG31B104K500CT Datasheet
4Mb / 22P
   High capacitance in given case size
logo
Illinois Capacitor, Inc...
MHBS ILLINOISCAPACITOR-MHBS Datasheet
724Kb / 11P
   Small size - High voltage ??High Capacitance
QPC ILLINOISCAPACITOR-QPC Datasheet
488Kb / 3P
   Small size - High voltage ??High Capacitance
MHBA ILLINOISCAPACITOR-MHBA Datasheet
636Kb / 8P
   Small size - High voltage ??High Capacitance
logo
Cornell Dubilier Electr...
381LQ CDE-381LQ_16 Datasheet
622Kb / 11P
   Higher Capacitance per Case Size
logo
Panasonic Battery Group
ECJ0EB1C105M PANASONICBATTERY-ECJ0EB1C105M Datasheet
319Kb / 6P
   Multilayer Ceramic Capacitors(High Capacitance) Small size and high capacitance
logo
Surge Components
CAE-KX SURGE-CAE-KX Datasheet
919Kb / 1P
   high capacitance with small package
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com