Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEK101M160ST Datasheet(PDF) 7 Page - Cornell Dubilier Electronics

Part # SEK101M160ST
Description  Available in T&R and ammo pack
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CDE [Cornell Dubilier Electronics]
Direct Link  http://www.cde.com
Logo CDE - Cornell Dubilier Electronics

SEK101M160ST Datasheet(HTML) 7 Page - Cornell Dubilier Electronics

  SEK101M160ST Datasheet HTML 1Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 2Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 3Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 4Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 5Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 6Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 7Page - Cornell Dubilier Electronics SEK101M160ST Datasheet HTML 8Page - Cornell Dubilier Electronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
CDE Cornell Dubilier • 1605 E. Rodney French Blvd. • New Bedford, MA 02744 • Phone: (508)996-8561 • Fax: (508)996-3830 • www.cde.com
Type SEK 105 ºC Radial Leaded Aluminum Electrolytic Capacitors
Max ESR Max Ripple
Catalog
120 Hz
120 Hz
Size in. (mm)
Cap
Part Number
25 ºC
105 ºC
Diameter
Length
Lead Space Lead Dia.
(µF)
(Ω)
(mA)
(D)
(L)
(S)
(d)
250 Vdc (300 Volts Surge)
22
SEK220M250ST
9.05
155
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M250ST
6.03
190
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
47
SEK470M250ST
4.23
230
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
100
SEK101M250ST
1.99
340
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
350 Vdc (400 Volts Surge)
0.47
SEKR47M350ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M350ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M350ST
120.63
35
.315 (8.0)
.453 (11.5)
.138 (3.5)
.0236 (0.6)
3.3
SEK3R3M350ST
80.42
47
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M350ST
56.47
55
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M350ST
26.54
95
.394 (10.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M350ST
12.06
165
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M350ST
8.04
195
.512 (13.0)
.984 (25.0)
.197 (5.0)
.0236 (0.6)
47
SEK470M350ST
5.65
240
.630 (16.0)
1.42 (36.0)
.295 (7.5)
.0315 (0.8)
100
SEK101M350ST
2.65
360
.709 (18.0)
1.65 (42.0)
.295 (7.5)
.0315 (0.8)
400 Vdc (450 Volts Surge)
0.47
SEKR47M400ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M400ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M400ST
120.63
35
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SEK3R3M400ST
80.42
50
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M400ST
56.47
58
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M400ST
26.54
100
.512 (13.0)
.787 (20.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M400ST
12.06
170
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M400ST
8.04
205
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
47
SEK470M400ST
5.65
255
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
450 Vdc (500 Volts Surge)
0.47
SEKR47M450ST
564.67
14
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
1.0
SEK010M450ST
265.39
20
.315 (8.0)
.433 (11.0)
.138 (3.5)
.0236 (0.6)
2.2
SEK2R2M450ST
120.63
35
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
3.3
SEK3R3M450ST
80.42
50
.394 (10.0)
.512 (13.0)
.197 (5.0)
.0236 (0.6)
4.7
SEK4R7M450ST
56.47
58
.394 (10.0)
.630 (16.0)
.197 (5.0)
.0236 (0.6)
10
SEK100M450ST
26.54
100
.512 (13.0)
.827 (21.0)
.197 (5.0)
.0236 (0.6)
22
SEK220M450ST
12.06
170
.512 (13.0)
.984 (26.0)
.197 (5.0)
.0236 (0.6)
33
SEK330M450ST
8.04
205
.630 (16.0)
1.26 (32.0)
.295 (7.5)
.0315 (0.8)
47
SEK470M450ST
5.65
255
.709 (18.0)
1.40 (36.0)
.295 (7.5)
.0315 (0.8)
Taping & Packaging
h
W0 W
t
P2
P
F
P1
P0
d
H
D0
h
W0 W
t
P2
P
F
P1
P0
d
H
D0
H0
D
A
D
A
h
W0 W
t
P2
P
P1
P0
d
H
D0
H1
A
F
D
Fig. 2 - Straight Taping (5Φ, 6.3Φ, 8Φ)
Fig. 1 - Formed Taping
Fig. 4- Straight Taping (16Φ, 18Φ)
t
ih
D
0
H
0
H
W
0
W
F
P
2
P
1
P
0
P
d
A
D
Max.
±0.2
±0.2
±0.5
±0.75
Min.
±0.5
±1.3
±0.7
±0.2
±1.0
±0.05
1.0
0.5
Tolerance
+0.8
-0.2
Fig.
Code
Item
8
5, 6.3
5 ~ 8
4 ~ 6.3
10
12, 13
16, 18 26.0
26.0
21.0
12.5
12.5
12.5
7.0
0.45
0.6
0.6
0.5
0.5
0.5
30.0
0.8
15.0
15.0
12.7
12.7
12.7
12.7
12.7
12.7
12.7
15.0
12.7
12.7
12.7
3.75
5.0
3.85
4.6
5.1
3.85
3.85
7.5
7.5
6.35
6.35
6.35
6.35
6.35
7.5
5.0
5.0
3.5
2.5
5.0
5.0
18.0
18.0
18.0
18.0
18.0
18.0
18.0
12.5
12.5
12.5
12.5
12.5
12.5
12.5
18.0
18.5
18.5
18.5
18.5
18.5
18.5
16.0
16.0
4.0
4.0
4.0
4.0
4.0
4.0
4.0
0.7
0.7
0.7
0.7
0.7
0.7
0.7
2.0
2.0
2.0
2.0
2.0
2.0
2.0
3
2
1
Ammo Pack
Ammo Pack boxes are shipped 5
to the outer packing carton
A
B
C
4
44
1500
5
44
1200
6
44
1000
8
44
800
10 (12L)
44
600
10 (16L)
50
600
12, 13
-
-
16
-
-
Tape And Reel Quantities
Case
Diameter
Reel
Reel Qty.
D (mm)
Width
(Pcs.)
4
250
340
54
3000
5
250
340
54
2,000
6.3
290
340
54
2,000
8
250
340
54
1,000
1
0 (12 L)
290
340
54
600
10 (16 L)
350
340
59
600
10 (20 L)
340
340
71
600
12, 13
340
340
71
400
16
340
340
71
300
C±3
A±5 B Max
Quantity
Per
Ammo Pack Box
Capacitor
Diameter
D
(mm)
Ammo Pack Box
Dimensions (mm)
Fig. 3- Straight Taping (Under 10Φ, 12Φ, 13Φ)
h
W0 W
P2
P
F
P1
P0
d
H
D0
D
A
t
4
Standard Lead Spacing of Taped Components is 5mm
Other Lead Spacing is Available by Special Order


Similar Part No. - SEK101M160ST

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
SEK101M160ST CDE-SEK101M160ST Datasheet
446Kb / 6P
   105 ?C Radial Leaded Aluminum Electrolytic Capacitors
SEK101M160ST CDE-SEK101M160ST Datasheet
588Kb / 8P
   Long Life, Aluminum Electrolytic
More results

Similar Description - SEK101M160ST

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
DE2F3KY103MN3AM02 MURATA-DE2F3KY103MN3AM02 Datasheet
42Kb / 1P
   Ammo pack
DESD33A221KN2A MURATA-DESD33A221KN2A Datasheet
44Kb / 1P
   Ammo pack taping type
DE2E3KH332MN3A MURATA-DE2E3KH332MN3A Datasheet
45Kb / 1P
   Ammo pack taping type
logo
Cornell Dubilier Electr...
167 CDE-167 Datasheet
98Kb / 5P
   Bulk, tape and reel or ammo pack
logo
Semtech Corporation
1N-SS254 SEMTECH-1N-SS254 Datasheet
221Kb / 2P
   Packing Specification of 52mm Ammo Pack
logo
Littelfuse
V12ZT1 LITTELFUSE-V12ZT1 Datasheet
471Kb / 14P
   Available in tape and reel or bulk pack
logo
Kersemi Electronic Co.,...
IRF840S KERSEMI-IRF840S Datasheet
1Mb / 7P
   Available in Tape and Reel
IRF830S KERSEMI-IRF830S Datasheet
800Kb / 8P
   Available in Tape and Reel
IRF9540S KERSEMI-IRF9540S Datasheet
778Kb / 8P
   Available in Tape and Reel
logo
NXP Semiconductors
SA2410 PHILIPS-SA2410 Datasheet
47Kb / 6P
   2.45GHz RF power amplifier and T/R switch
1997 Sep 09
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com